Part Number Hot Search : 
AX129 29003 74H78 MAX3294 2SC2791 LC128 D3055 GOBK2
Product Description
Full Text Search
 

To Download FSS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 -Phase Line Filters www.schurter.com/pg06_ AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS
Description
-Chassis: Screw-onmounting,fromtop -Line-filterinstandardversion,2positions,veryhighattenuation,broadband -Quickconnectterminals6.3x0.8mmorscrewterminals -Especiallyeffectiveagainstsymmetricalinterferencesinthefrequency rangefrom10kHzupto30MHz
Approvals
-Designedforincreasedrequirements -2-stagelinefilterwithincreasedattenuation Protectionagainstinterferencevoltagefromthemains Possibleinterferencesgeneratedintheequipmentarestronglyattenuated -Especiallysuitableforuseinswitchingpowersupplies e.g.inelectronicdesignswithhighrepetitiveswitchingfrequency -QualifiedforuseinequipmentaccordingIEC/EN60950
Characteristics
-VDELicenseNumber:40004673 -ULLicenseNumber:E72928
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA LeakageCurrent DielectricStrength 1-16A@Ta40C/250VAC;50Hz 1-16A@Ta40C/125VAC;60Hz industrial<1.4mA(250V/60Hz) >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) -25Cto100C 25/100/21acc.toIEC60068-1 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals6.3x0.8mm orscrewterminals Alu.anodised LineFilter StandardandIndustrialVersion,IEC 60939,IEC60601-1,UL1283,UL544, EN133200,CSAC22.2no.8 Technicaldetails >200'000hacc.toMIL-HB-217F
MTBF
AllowableOperationTemp. ClimaticCategory ProtectionClass Terminal Material:Housing
EMC Products
FSS
www.schurter.com/pg06_ Dimensions Case 10 Case 19
-Phase Line Filters
max. 81 max. 56 6.3x0.8
max. 33 (26.5)
max. 112 max. 87
max. 49 (36) (23) 5.3x8.8 (27) (12) 6.3x0.8 43 max. (3.5) (20) 5.3 (27) (12)
max. 53
max. 57
48 0.3
(20)
1)
2)
max. 41
1)
2)
3.8 0.2
(11.5)
101 0.8 max. 115
1) Line 2) Load
1) Line 2) Load
Case 27
Case 48
max. 173 max. 151
max. 56 (5) 91 max. 4 mm 66 max. max. 101
max. 127
51 max.
1)
2)
111.5 0.5
1)
2)
75 0.3 6.5 0.3 85 0.3
1) Line 2) Load
1) Line 2) Load
Diagrams Standard version
1) Line 2) Load
Attenuation Loss 1A
Standardversion
----differentialmode_____commonmode
2A
3A
EMC Products
-Phase Line Filters www.schurter.com/pg06_
IndustrialVersion
FSS
6A 10 A 16 A
4A
Rated Current [A] 1 2 3 4 6 10 16
Filter-Type Standard Version Standard Version Standard Version Industrial Version Industrial Version Industrial Version Industrial Version
Leakage Current [mA] 0.25 0.25 0.25 1.4 1.4 1.4 1.4
L [mH] 2 x 15 2 x 10 2 x 12 2 x 10 2x6 2x5 2x4
L [mH] 1 0.4 1 0.8 0.5 0.2 0.2
L [mH] 0.4 0.2 0.2
Cx [F] Cx [F] 0.1 0.1 0.1 0.1 0.1 0.1 0.47 0.47 0.47 0.68 0.68 0.68 1 2.2
Cy [nF] 1.5 1.5 1.5 10 10 10 10
Cy [nF] 1 1 1 4.7 4.7 4.7 4.7
R [M] 1 1 1 1 1 1 1
Weight [g] 121 121 275 275 284 529 2000
Housing 10 10 48 48 48 19 27
Order Number 5500.2051 5500.2052 5500.2053 5500.2054 5500.2055 5500.2056 5500.2057
Packaging unit
10Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC Products currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of FSS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X