Part Number Hot Search : 
AD834JN ZTB393D K400124 MA743 SMB5938B P2811B 4HC595 1680762
Product Description
Full Text Search
 

To Download FSM153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSM151 thru FSM157
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
DO-213AB / MELF
SOLDERABLE ENDS
D1= 0.105(2.67) 0.095(2.41)
CATHODE BAND
D2
0.022(0.559) 0.016(0.406) 0.205(5.20) 0.185(4.70)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
FEATURES
Ldeal for surface mounted applications Easy pick and place Built-in strain relief Glass passivated chips
MECHANICAL DATA
Molded plastic use UL94V-0 recoqnized flame retardant epoxy Terminals Plated terminals, solderable per MIL-STD-202, Method 208 Polarity Red Color band on body denotes cathode Mounting position Any Weight 0.12grams Case
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temp. unless otherwise specified Single phase, half sine wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL FSM151 FSM152 FSM153 FSM154 FSM155 FSM156 FSM157 Maximum Current Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=550C Peak Forward Surge Current Single Sine-Wave on Rated Load (JEDEC Method) TA=750C Maximum Instantaneous Forward Voltage Drop at 1.5A DC Maximum DC Reverse Current TA=250C at Rated DC Blocking Voltage TA=1250C Typical Reverse Recovery Time Typical Junction Capacitance Operating Junction Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM VF IR TRR CJ TJ TSTG 150 25 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.3 5.0 100 250 500 600 420 600 800 560 800 1000 700 1000
UNITS
Volts Volts Volts Amps Amps Volts A nS pF
0
-65 to +120 -65 to +150
C C
0
NOTES 1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
www.paceleader.tw
1
FSM151 thru FSM157
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RATING AND CHARACTERISTICS CURVES FSM151 THRU FSM157
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG. 2 - MAXIMUM NON - REPETITIVE PEAK FORWARD SURGE CURRENT
60
PEAK FORWARD SURGE CURENT. (A)
1.50 1.25 1.00 .75 .50 .25 0
Single Phase Half Wave 60Hz Resistive or Inouctive Load 0.375"(9.5mm) Lead Length
50
TJ=55 C
o
40 30 20 10
8.3ms Single Half Sine Wave JEDEC Method
0
25
50
75
100
o
125
150
175
0 1 2 4 6 8 10 20 40 60 80 100
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERA TURE. ( C)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
100
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
JUNCTION CAPACITANCE. (pF)
1.0
TJ=25 o C
10
0.1
1
TJ =25 C Pulse Width=300 s 1% Duty Cycle
o
1
5
10
50
100
REVERSE VOLTAGE. (V)
.01 .04
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
FIG. 5 - EVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10 50 NONINDUCTIVE NONINDUCTIVE
+0.5A
trr
() PULSE GENERATOR (NOTE 2)
0 -0.25A
DUT (+) 50Vdc (approx) ()
1 NON INDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
NOTES : 1. Rise Time=7ns max. Input Impedance= 1 megohm. 22pF 2. Rise Time=10ns max. Source Impedance= 50 Ohms.
-1.0A 1cm
SET TIME BASE FOR 5/ 10ns/cm
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of FSM153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X