Part Number Hot Search : 
D30VC20W 12332 RN498 HZC10 MBRS360 ZVG90W EGA16 10F6TR
Product Description
Full Text Search
 

To Download FSC-S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page page date date 1 of 3
10/2007
PART NUMBER: FSC-S5 series
DESCRIPTION: AC-DC converter
features
*approved to UL60950, CSA C22.2 NO.60950, CB(IEC 60950), CE(EN60950) * universal input 85~264 Vac/ 110~340 VDC * encapsulated, compact case * high efficiency * surface mounting technology * 100kHz fixed frequency * fixed output voltage * thermal shutdown * output short circuit protection * low output ripple and noise * isolated output * 2 year warranty
model number FSC-S5-3R3U FSC-S5-5U FSC-S5-12U FSC-S5-15U FSC-S5-24U
AC AC AC AC AC
input voltage 85-264V / DC 110-340V 85-264V / DC 110-340V 85-264V / DC 110-340V 85-264V / DC 110-340V 85-264V / DC 110-340V
output voltage 3.3V @ 1.25A 5V @ 1.0A 12V @ 0.42A 15V @ 0.33A 24V @ 0.21A
power max. 4.125 W 5.0 W 5.0 W 5.0 W 5.0 W
ripple & noise max. 80 mVp-p 80 mVp-p 120 mVp-p 150 mVp-p 200 mVp-p
efficiency (%) 71 75 77 77 77
INPUT
parameter input frequency input voltage input current inrush current leakage current conditions/description output power derated from 85-90 VAC AC input of 110 VAC AC input of 220 VAC measured at 110 VAC at full load, cold start measured at 220 VAC at full load, cold start measured at 110 VAC measured at 220 VAC min 47 85 110 nom (50~60) max 440 264 340 150 80 20 40 0.5 0.75 units Hz VAC VDC mA mA A A mA mA
OUTPUT
parameter conditions/description voltage tolerance ripple and noise line regulation load regulation dynamic load regulation temperature drift rise time hold-up time min -2% -1% -1% -1% -3% -1% 10 nom max +2% +1% +1% +1% +3% +1% 100 units
mS mS
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
rev. page date 2 of 3
10/2007
PART NUMBER: FSC-S5 series
DESCRIPTION: AC-DC converter
PROTECTION CIRCUIT
parameter output over current over temperature over voltage conditions/description works at over 105% of the rating and recovers automatically. 150 C clamp, 130~150%
GENERAL
parameter operating temp. storage temp. operating humid. storage humid. isolation voltage (HI-POT) vibration impact MTBF RoHS safety EMC 1 warranty conditions/description min -20 -40 20% 20% nom max 70 80 90% 90% units C C RH RH
non-condensing non-condensing applied for 1 minute, 10mA primary to secondary, 500 Vdc @ 100 M 3000 VAC at 10G 3 minute period 10 55 Hz 50G for 11mS, once on each X, Y, Z axis 4.5 x 10 5 hours yes approved to UL60950(E222889), CSA C22.2 NO.60950, CB(IEC 60950), CE(EN60950) 5W, 10W single output: approved; EN61204-3 class B, EN 61000-3-3, 61000-3-2 (through TUV) standard warranty length 2 years
NOTE:
1. to meet the standard of EN61204-3 class B, use the external noise filter between L and N (refer to manual)
DERATING CURVE
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
REV. A
DESCRIPTION NEW DRAWING
DATE 9/11/2007
3.5 0.138 (4 PLCS) 0.2
1 31.5 1.240 2
5 4
22.2 0.874 (2 PLCS) 0.2
61.6 2.425 (2 PLCS) 0.2
17.5 0.689
21.4 0.843
8.8 0.346
72.0 2.835
TOLERANCE: 0.5mm UNLESS OTHERWISE SPECIFIED
RoHS
20050 SW 112th Ave. Tualatin, OR 97062 Phone: 503-612-2300 800-275-4899 Fax: 503-612-2383 Website: www.cui.com
TITLE:
AC-DC CONVERTER FSC-S5
APPROVED BY: UNITS:
REV:
A
PC FILE NAME:
FSC-S5
PIN ASSIGNMENTS 1. AC (N) 2. AC (L) 4. -Vout 5. +Vout COPYRIGHT 2007 BY CUI INC.
PART NO.
MM [INCHES]
SCALE:
DRAWN BY:
ZRJ
1:1


▲Up To Search▲   

 
Price & Availability of FSC-S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X