Part Number Hot Search : 
2N4221 0901NS A221J UGF15A 2N4948 MCP9843 TL06401 FN4637
Product Description
Full Text Search
 

To Download FEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuseholders
Caps to FEC
www.schurter.com/pg02
Caps to Holder FEC
500 VAC * 250 VAC * 20 A (UL/CSA)
Description
-Fitstotype:FEC
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Standards
-IEC60127-6 -UL512 -CSAC22.2no.39
Approvals
-VDELicenseNumber:137910UG -ULFileNumber:E39328
Technical Data
Fuse-Link RatedVoltage RatedCurrent DegreeofProtection AdmissibleAmbientAirTemp. Material:Cap StorageConditions 5x20or6.3x32mm 500VAC(VDE),250VAC(UL/CSA) 10A(VDE),20A(UL/CSA) IP40 -40Cto85C Thermoset 0Cto60C,max.70%r.h. 34.5mm
Abmessungen
max. 34.5
39.2
11.6
Fuses
18
Caps to FEC
www.schurter.com/pg02 Variants
Cap SlotKnob SlotKnob Fingergrip Fuse-Link 5x20mm 6.3x32mm 6.3x32mm Degree of Protection Order Number IP40 IP40 IP40 0031.1611 0031.1613 0031.1616
Fuseholders
Packaging Unit
PlasticBag(100pcs.)
2
Fuses
Fuseholders
Caps to FEC
www.schurter.com/pg02
Fuseholders
Caps to FEC
www.schurter.com/pg02
Caps to Holder FEC
500 VAC * 250 VAC * 20 A (UL/CSA)
Description
-Fits to type: FEC
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, e-Store, SCHURTER-Stock-Check, Distributor-Stock-Check
Standards
-IEC 60127-6 -UL 512 -CSA C22.2 no. 39
Approvals
-VDE License Number: 137910 UG -UL File Number: E39328
Technical Data
Fuse-Link Rated Voltage Rated Current Degree of Protection Admissible Ambient Air Temp. Material: Cap Storage Conditions 5 x 20 or 6.3 x 32 mm 500 VAC (VDE), 250 VAC (UL/CSA) 10 A (VDE), 20 A (UL/CSA) IP 40 -40 C to 85 C Thermoset 0 C to 60 C, max. 70% r.h. Length 34.5 mm
Dimensions
max. 34.5
39.2
Variants
Cap Slot Knob Slot Knob Fingergrip Fuse-Link 5 x 20mm 6.3 x 32mm 6.3 x 32mm Degree of Protection Order Number IP 40 IP 40 IP 40 0031.1611 0031.1613 0031.1616
11.6
Distributor-Stock-Check | SCHURTER-Stock-Check | e-Store
Packaging Unit
Plastic Bag (100 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on Fuses current information. All content is subject to modifications and amendments.
18
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of FEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X