Part Number Hot Search : 
LDH3601 HC4P55 1H472J HYS64 2SA16 805SR IRL8113L 1N749C
Product Description
Full Text Search
 

To Download FDB12N50U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDB12N50U N-Channel MOSFET
March 2008
FDB12N50U
N-Channel MOSFET, FRFET
500V, 10A, 0.8 Features
* RDS(on) = 0.65 ( Typ.)@ VGS = 10V, ID = 5A * Low gate charge ( Typ. 21nC) * Low Crss ( Typ. 11pF) * Fast switching * 100% avalanche tested * Improved dv/dt capability * RoHS compliant
Ultra FRFET
tm
TM
Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switching mode power supplies and active power factor correction.
D
D
G S
TO-263AB
FDB Series
D2-PAK
G
S
MOSFET Maximum Ratings TC = 25oC unless otherwise noted*
Symbol VDSS VGSS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Drain Current Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation - Derate above 25oC (TC = 25oC) -Continuous (TC = 100oC) - Pulsed (Note 1) (Note 2) (Note 1) (Note 1) (Note 3) -Continuous (TC = 25oC) Ratings 500 30 10 6 40 456 10 16.5 4.5 165 1.33 -55 to +150 300 Units V V A A mJ A mJ V/ns W W/oC
o o
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
C C
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol RJC RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Ratings 0.75 62.5 Units
o
C/W
(c)2007 Fairchild Semiconductor Corporation FDB12N50U Rev. A2
1
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Package Marking and Ordering Information TC = 25oC unless otherwise noted
Device Marking FDB12N50U Device FDB12N50UTM_WS Package D2-PAK Reel Size 330mm Tape Width 24mm Quantity 800
Electrical Characteristics
Symbol Parameter Test Conditions Min. Typ. Max. Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 250A, VGS = 0V, TJ = 25oC ID = 250A, Referenced to 25oC VDS = 400V, TC = 125oC VGS = 30V, VDS = 0V VDS = 500V, VGS = 0V 500 0.7 25 250 100 V V/oC A nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 5A VDS = 40V, ID = 5A
(Note 4)
3.0 -
0.65 11
5.0 0.8 -
V S
Dynamic Characteristics
Ciss Coss Crss Qg(tot) Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = 400V, ID = 10A VGS = 10V VDS = 25V, VGS = 0V f = 1MHz (Note 4, 5)
1050 140 11 21 6 9
1395 190 17 30 -
pF pF pF nC nC nC
-
Switching Characteristics
td(on) tr td(off) tf Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time VDD = 250V, ID = 10A RG = 25
(Note 4, 5)
-
35 45 60 35
80 100 130 80
ns ns ns ns
Drain-Source Diode Characteristics
IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 12A VGS = 0V, ISD = 12A dIF/dt = 100A/s
(Note 4)
-
60 0.1
10 40 1.6 -
A A V ns C
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L = 9mH, IAS = 10A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 10A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics
FDB12N50U Rev. A2
2
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
30
VGS = 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V
Figure 2. Transfer Characteristics
30
ID,Drain Current[A]
ID,Drain Current[A]
10
10
150 C 25 C
o
o
*Notes: 1. 250s Pulse Test
1
2. TC = 25 C
o
1
10 VDS,Drain-Source Voltage[V]
20
1 4.0
*Notes: 1. VDS = 20V 2. 250s Pulse Test
4.5
5.0 5.5 6.0 6.5 VGS,Gate-Source Voltage[V]
7.0
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
1.4
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
100
RDS(ON) [], Drain-Source On-Resistance
IS, Reverse Drain Current [A]
1.2
150 C
o
o
1.0
VGS = 10V
10
25 C
0.8
VGS = 20V
0.6 0 5 10 15 ID, Drain Current [A] 20
*Note: TJ = 25 C
o
*Notes: 1. VGS = 0V
25
1 0.0
2. 250s Pulse Test
0.5 1.0 1.5 2.0 VSD, Body Diode Forward Voltage [V]
2.5
Figure 5. Capacitance Characteristics
2000
VGS, Gate-Source Voltage [V]
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
10
VDS = 100V VDS = 250V VDS = 400V
1500
Capacitances [pF]
Ciss
8
*Note: 1. VGS = 0V 2. f = 1MHz
6
1000
Coss
4
500
Crss
2
*Note: ID = 10A
0 0.1
1 10 VDS, Drain-Source Voltage [V]
30
0
0
5
10 15 20 Qg, Total Gate Charge [nC]
25
FDB12N50U Rev. A2
3
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2 BVDSS, [Normalized] Drain-Source Breakdown Voltage
Figure 8. Maximum Safe Operating Area
100
20s
ID, Drain Current [A]
100s
1.1
10
1ms 10ms DC
1.0
1
Operation in This Area is Limited by R DS(on) *Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.9
*Notes: 1. VGS = 0V 2. ID = 250A
0.1
0.8 -100
-50 0 50 100 150 o TJ, Junction Temperature [ C]
200
0.01
1
10 100 VDS, Drain-Source Voltage [V]
1000
Figure 9. Maximum Drain Current vs. Case Temperature
12 10
ID, Drain Current [A]
8 6 4 2 0 25
50 75 100 125 o TC, Case Temperature [ C]
150
Figure 10. Transient Thermal Response Curve
1
Thermal Response [ZJC]
0.5 0.2
0.1
0.1 0.05 0.02 0.01
PDM t1 t2
o
0.01
Single pulse
*Notes: 1. ZJC(t) = 0.75 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
1E-3 -5 10
10
-4
10 10 10 Rectangular Pulse Duration [sec]
-3
-2
-1
10
0
10
1
FDB12N50U Rev. A2
4
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FDB12N50U Rev. A2
5
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as DUT
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * I S D c o n t r o lle d b y p u ls e p e r io d
V GS ( D r iv e r )
G a t e P u ls e W id th D = -------------------------G a te P u ls e P e r io d
10V
I F M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/ d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v / d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lt a g e D r o p
FDB12N50U Rev. A2
6
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
Mechanical Dimensions
Dimensions in Millimeters
FDB12N50U Rev. A2
7
www.fairchildsemi.com
FDB12N50U N-Channel MOSFET
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
tm
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDB12N50U Rev. A2
8
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDB12N50U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X