![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Document 634-1 SMT Power Inductors - EPL3015 Series * * * * Low profile shielded power inductors, 3 x 3 x 1.5 mm Extremely low DCR and high SRF ratings Isat ratings up to 2.4 A More values will be available soon Designer's Kit C405 contains 5 each of all values Core material Ferrite Terminations RoHS compliant tin-silver-copper over tin over nickel over silver. Other terminations available at additional cost. Weight 45 - 51 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 2000/7reel; 7500/13 reel Plastic tape: 8 mm wide, 0.2 mm thick, 4 mm pocket spacing, 1.65 mm pocket depth PCB washing Only pure water or alcohol recommended Inductance2 20% (H) 0.90 1.2 1.5 2.2 3.3 4.7 6.8 10 15 22 33 DCR nom3 (Ohms) 0.048 0.054 0.062 0.082 0.108 0.145 0.194 0.301 0.435 0.576 0.860 DCR max3 (Ohms) 0.055 0.062 0.072 0.094 0.124 0.167 0.223 0.346 0.500 0.662 0.989 SRF typ4 (MHz) 130 105 100 75 55 50 38 32 26 20 15.5 Isat (A)5 10% drop 20% drop 30% drop 1.20 1.00 0.90 0.75 0.65 0.55 0.45 0.35 0.24 0.21 0.19 1.90 1.60 1.40 1.20 1.10 0.90 0.75 0.59 0.43 0.36 0.32 2.40 2.05 1.90 1.60 1.40 1.20 1.00 0.81 0.62 0.51 0.45 Irms (A)6 20C rise 40C rise 1.85 1.80 1.55 1.50 1.20 1.00 0.90 0.76 0.61 0.56 0.44 2.45 2.40 2.05 2.00 1.70 1.40 1.20 1.00 0.82 0.74 0.59 Part number1 EPL3015-901ML_ EPL3015-122ML_ EPL3015-152ML_ EPL3015-222ML_ EPL3015-332ML_ EPL3015-472ML_ EPL3015-682ML_ EPL3015-103ML_ EPL3015-153ML_ EPL3015-223ML_ EPL3015-333ML_ 1. When ordering, please specify packaging code: EPL3015-333MLC Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 4395A network analyzer or equivalent. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering. Specifications subject to change without notice. Please check our website for latest information. Document 634-1 Revised 09/17/09 (c) Coilcraft, Inc. 2009 Document 634-2 SMT Power Inductors - EPL3015 Series Typical L vs Frequency 100 33 H Typical L vs Current 100 Inductance (H) 10 Inductance (H) 10 H 6.8 H 4.7 H 2.2 H 33 H 10 10 H 6.8 H 4.7 H 2.2 H 1 0.9 H 1 0.9 H 0.1 0.1 1 10 100 0.1 0.01 0.1 1 10 Frequency (MHz) Current (A) Current Derating 120 110 100 0.118 0.008 3,0 0,2 Multiplier 0.118 0.008 3,0 0,2 Part Marking 2nd significant digit Percent of rated Irms 90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140 0.043 min 1,1 0.061 max 1,55 1st significant digit Recommended Land Pattern 0.082 2,08 25C Start Finish 0.126 3,2 Ambient temperature (C) Part Marking (Parts manufactured prior to Sept. 15, 2009 may not be marked.) Part number EPL3015-901 EPL3015-122 EPL3015-152 EPL3015-222 EPL3015-332 EPL3015-472 EPL3015-682 EPL3015-103 EPL3015-153 EPL3015-223 EPL3015-333 Value 0.90 H 1.2 H 1.5 H 2.2 H 3.3 H 4.7 H 6.8 H 10 H 15 H 22 H 33 H 1st digit White Brown Brown Red Orange Yellow Blue Brown Brown Red Orange 2nd digit Black Red Green Red Orange Violet Gray Black Green Red Orange Multiplier Brown Red Red Red Red Red Red Orange Orange Orange Orange 0.044 1,12 Dimensions are in inches mm Small surface blemishes are not unusual and do not adversely affect performance. Wire may be visible inside the voids. Acceptable void sizes: Top: 0.01 in / 0,254 mm x 0.01 in / 0,254 mm Sides: 0.02 in / 0,5 mm x 0.047 in / 1,2 mm Note: All marked parts have three dots. Black dot, used only on -901 and -103 as second significant digit, may be very difficult to see. Specifications subject to change without notice. Please check our website for latest information. Document 634-2 Revised 09/17/09 (c) Coilcraft, Inc. 2009 |
Price & Availability of EPL3015-103ML
![]() |