Part Number Hot Search : 
TS555 FM260N SP220 MAX22010 SMBJ5932 KBPC251 MAX3229 AKD2304
Product Description
Full Text Search
 

To Download EM6013P-BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM6013-BC, EM6013S-BC, & EM6013P-BC
Omnidirectional Back Electret Condenser Microphone
Sensitivity Directivity Impedance Current Consumption Standard Operation Voltage Sensitivity Reduction S/N Ratio Sensitivity Range
OdB = 1V/Pa. 1KHz Omnidirectional Low Impedance Max. 0.5mA 2.0V Within -3dB at 1.5V More than 58dB -42 4dB, -44 4dB, -46 4dB, -48 4dB
Typical Frequency Response Curve: Unit: mm
Schematic Diagram:


▲Up To Search▲   

 
Price & Availability of EM6013P-BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X