Part Number Hot Search : 
28000 28000 30N1600 NTE1795 T2319 TA115 TL550 AO6704
Product Description
Full Text Search
 

To Download EEEFC1V101P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/ FC Surface Mount Type
Series:
FC
Type:
V

Features
Endurance : 105 C 1000 h Low impedance (1/2 for HA series) Vibration-proof product is available upon request. (8 <) RoHS directive compliant
Specifications
Category Temp. Range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current tan Characteristics at Low Temperature W.V. (V) Z(-25 C) / Z(+20 C) Z(-40 C) / Z(+20 C) -40 C to +105 C 6.3 V.DC to 50 V.DC 1 F to 1500 F 20 % (120 Hz/+20 C) I < 0.01 CV or 3 (A) After 2 minutes (Whichever is greater) Please see the attached standard products list 6.3 10 16 25 35 50 2 2 2 2 2 2 (Impedance ratio at 120 Hz) 3 3 3 3 3 3
After applying rated working voltage for 1000 hours at +105 C2 C and then being stabilized at +20 C, Capacitors shall meet the following limits. Endurance Capacitance change tan DC leakage current 20 % of initial measured value < 200 % of initial specified value < initial specified value
Shelf Life
After storage for 1000 hours at +105 C2 C with no voltage applied and then being stabilized at +20 C, capacitors shall meet the limits specified in Endurance.(With voltage treatment) After reflow soldering and then being stabilized at +20 C, capacitor shall meet the following limits. Capacitance change 10 % of initial measured value tan < initial specified value DC leakage current < initial specified value
Resistance to Soldering Heat
Marking
Example:6.3 V 22 F Marking color : BLACK
Negative polarity marking (-) Capacitance (F)
Dimensions in mm (not to scale)
( )reference size (I) (I) (P) W 0.3 max. A0.2
j FC
Lot number Rated Voltage Mark j A C E V H 6.3 V
Mark for Lead-Free Products Black Dot (Square) Rated Voltage Mark
L+0.1 -0.2 L0.3
+
B0.2
Series identification
D0.5
22
-
H
K
(mm) 10 V 16 V 25 V 35 V 50 V Size code B C D E F G D L A,B H max. 5.5 6.5 7.8 9.5 10.0 12.0 I 1.8 2.2 2.6 3.4 3.4 3.5 W 0.650.1 0.650.1 0.650.1 0.650.1 0.900.2 0.900.2 P 1.0 1.5 1.8 2.2 3.1 4.6 K 0.35-0.20 0.35-0.20 0.35-0.20 0.35-0.20 0.700.2 0.700.2 to to to to +0.15 +0.15 +0.15 +0.15
4.0 5.4 4.3 5.0 5.4 5.3 6.3 5.4 6.6 8.0 6.2 8.3 8.0 10.2 8.3 10.0 10.2 10.3
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Apr. 2008
Aluminum Electrolytic Capacitors/ FC
Standard Products
Case size W.V. Cap. (20 %) Size Code Specification Ripple tan Impedance Part No. Current (RoHS:compliant) (100 kHz) (120 Hz) (100 kHz) (+105C) (+20 C) (+20 C) (mA r.m.s.) () EEEFC0J220R 60 0.26 3.00 EEEFC0J470R 95 0.26 1.80 EEEFC0J680P 140 0.26 1.00 EEEFC0J101P 140 0.26 1.00 EEEFC0J221P 230 0.26 0.40 EEEFC0J331P 450 0.26 0.30 EEEFC0J102P 670 0.26 0.15 EEEFC0J152P 670 0.26 0.15 EEEFC1A330R 95 0.19 1.80 EEEFC1A101P 230 0.19 0.40 EEEFC1A151P 230 0.19 0.40 EEEFC1A221P 450 0.19 0.30 EEEFC1A471P 670 0.19 0.15 EEEFC1A102P 670 0.19 0.15 EEEFC1C100R 60 0.16 3.00 EEEFC1C220R 95 0.16 1.80 EEEFC1C470P 140 0.16 1.00 EEEFC1C680P 230 0.16 0.40 EEEFC1C101P 230 0.16 0.40 EEEFC1C221P 670 0.16 0.15 EEEFC1C331P 670 0.16 0.15 EEEFC1C471P 670 0.16 0.15 EEEFC1C681P 670 0.16 0.15 EEEFC1E6R8R 60 0.14 3.00 EEEFC1E220P 140 0.14 1.00 EEEFC1E330P 140 0.14 1.00 EEEFC1E470P 230 0.14 0.40 EEEFC1E680P 450 0.14 0.30 EEEFC1E101P 450 0.14 0.30 EEEFC1E221P 670 0.14 0.15 EEEFC1E331P 670 0.14 0.15 EEEFC1E471P 670 0.14 0.15 EEEFC1V1R0R 60 0.12 3.00 EEEFC1V2R2R 60 0.12 3.00 EEEFC1V3R3R 60 0.12 3.00 EEEFC1V4R7R 60 0.12 3.00 EEEFC1V6R8R 95 0.12 1.80 EEEFC1V100R 95 0.12 1.80 EEEFC1V220P 140 0.12 1.00 EEEFC1V330P 230 0.12 0.40 EEEFC1V470P 230 0.12 0.40 EEEFC1V101P 670 0.12 0.15 EEEFC1V221P 670 0.12 0.15 EEEFC1V331P 670 0.12 0.15 EEEFC1H1R0R 30 0.12 5.00 EEEFC1H2R2R 30 0.12 5.00 EEEFC1H3R3R 30 0.12 5.00 EEEFC1H4R7R 50 0.12 3.00 EEEFC1H100P 70 0.12 2.00 EEEFC1H220P 120 0.12 0.70 EEEFC1H330P 300 0.12 0.60 EEEFC1H470P 500 0.12 0.30 EEEFC1H101P 500 0.12 0.30 EEEFC1H221P 500 0.12 0.30 Reflow
Endurance : 105 C 1000 h
Min. Packaging Q'ty Taping (pcs) 2000 1000 1000 1000 1000 500 500 500 1000 1000 1000 500 500 500 2000 1000 1000 1000 1000 500 500 500 500 2000 1000 1000 1000 500 500 500 500 500 2000 2000 2000 2000 1000 1000 1000 1000 1000 500 500 500 2000 2000 2000 1000 1000 1000 500 500 500 500
Dia. (mm) 4 5 6.3 6.3 8 8 10 10 5 8 8 8 10 10 4 5 6.3 8 8 10 10 10 10 4 6.3 6.3 8 8 8 10 10 10 4 4 4 4 5 5 6.3 8 8 10 10 10 4 4 4 5 6.3 8 8 10 10 10
Length (mm) 5.4 5.4 5.4 5.4 6.2 10.2 10.2 10.2 5.4 6.2 6.2 10.2 10.2 10.2 5.4 5.4 5.4 6.2 6.2 10.2 10.2 10.2 10.2 5.4 5.4 5.4 6.2 10.2 10.2 10.2 10.2 10.2 5.4 5.4 5.4 5.4 5.4 5.4 5.4 6.2 6.2 10.2 10.2 10.2 5.4 5.4 5.4 5.4 5.4 6.2 10.2 10.2 10.2 10.2
(V)
6.3
10
16
25
35
50
(F) 22 47 68 100 220 330 1000 1500 33 100 150 220 470 1000 10 22 47 68 100 220 330 470 680 6.8 22 33 47 68 100 220 330 470 1 2.2 3.3 4.7 6.8 10 22 33 47 100 220 330 1 2.2 3.3 4.7 10 22 33 47 100 220
B C D D E F G G C E E F G G B C D E E G G G G B D D E F F G G G B B B B C C D E E G G G B B B C D E F G G G
(1) (1) (1) (1) (2) (2) (2) (2) (1) (2) (2) (2) (2) (2) (1) (1) (1) (2) (2) (2) (2) (2) (2) (1) (1) (1) (2) (2) (2) (2) (2) (2) (1) (1) (1) (1) (1) (1) (1) (2) (2) (2) (2) (2) (1) (1) (1) (1) (1) (2) (2) (2) (2) (2)
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide. Reflow Profile (Fig-1 to Fig-11) listed on p.175 of our Catalog.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008


▲Up To Search▲   

 
Price & Availability of EEEFC1V101P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X