Part Number Hot Search : 
AS7805A RBK83240 TOIM4232 A5764 CM6800AG 74F524CW 4040A MAX3260
Product Description
Full Text Search
 

To Download ECQU3A333MG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Metallized Polyester Film Capacitor
Type:
ECQUG[Class X1]
In accordance with UL/CSA and European safety regulation class X1
Features
*Equipped with a safety mechanism *Flame-retardant plastic case and non combustible resin *RoHS directive compliant
Recommended Applications
*Interference suppressors
Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11
E
C
Q
U
3
A
Capacitance
M
G
Product code
Dielectric & construction
Rated vol.
Cap. Tol. Suffix M 20 %
Applicable Standard
UL CSA SEMKO DEMKO NEMKO FIMKO VDE SEV
UL 1414 CSA C22.2 No.1
Across-The-Line Capacitors Antenna-Coupling and Line-By-Pass Components Across-the-line capacitors Antenna-Isolation and line-by-pass capacitors
IEC 60384-14 EN 132400
Class X1
When applying this capacitor to European and American safety standards, please use type designation and rating such as ECQUG, 0.1 F. Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.. European standards marking are VDE and FIMKO only. But, there are no problem using this capacitor in a device which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO and SEV etc. except VDE and FIMKO.
Specifications
Category temp. range Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage -40 C to +100 C (85 C max. on UL/CSA spec.) 300 VAC (IEC60384-14), 250 VAC (UL, CSA) 0.010 F to 1.0 F (E6) 20 % (M) tan <1.0 % (20 C, 1 kHz) = Between terminals : 575 VAC, 1768 VDC, 60 s Between terminals to enclosure : 2100 VAC, 60 s
> C<0.33 F : IR=15000 M (20 C, 100 VDC, 60 s) = > C>0.33 F : IR=5000 M * F (20 C, 100 VDC, 60 s) > IR=2000 M (20 C, 500 VDC, 60 s)
Insulation resistance (IR)
Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave).
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
L 1.0 T 0.5
STYLE 1 (0.010 F to 0.22 F)
d 0.05 H 0.5
a
side
b
side
c
side
.01 F
250 V
ECQUG 300 V X1 40/100/21 ECQUG
GMF V DE MKT 132400
20min.
F 0.4
2 (0.33 F to 1.0 F)
40/100/21
1.0 F 300 V
250 V X1
GMF V DE MKT 132400
Q-
+1.4 0.6
IRating & Dimensions
G Capacitance tolerance : 20 %(M) Part No. ECQU3A103MG ECQU3A153MG ECQU3A223MG ECQU3A333MG ECQU3A473MG ECQU3A683MG ECQU3A104MG ECQU3A154MG ECQU3A224MG ECQU3A334MG ECQU3A474MG ECQU3A684MG ECQU3A105MG
L
Cap. (F) 0.010 0.015 0.022 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 0.68 1.0 Cap.tol.code
Dimensions (mm) L 15.0 15.0 15.0 15.0 15.0 15.0 15.0 18.0 18.0 26.0 26.0 26.0 27.0 T 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 9.0 9.0 10.5 12.5 16.5 H 11.5 11.5 11.5 13.0 13.0 15.0 15.0 16.5 17.5 18.5 20.0 22.0 25.5 F 12.5 12.5 12.5 12.5 12.5 12.5 12.5 15.0 15.0 22.5 22.5 22.5 22.5 od 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80 P 0.5 0 00.5 00.5 00.5 00.5 00.5 00.5 00.5 00.5 00.5 00.75 00.75 00.75 Q 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.5 1.5 1.5 2.2
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


▲Up To Search▲   

 
Price & Availability of ECQU3A333MG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X