Part Number Hot Search : 
D232G UPD16687 FQT7N10L ON0975 BA25BC0 TP1120 USL1601 BUW81A
Product Description
Full Text Search
 

To Download ECOG2WP392D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminium Electrolytic Capacitors/GUP
Screw Terminal Type
Series:GUP n Features Endurance: 85C 2000, 5000 h
Discontinued
Japan
High-ripple-current product Expanded case size up to 90x222 High CV packed
n Recommended Applications n Specifications
Category temp. range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current Dissipation Factor
For general-purpose inverter, power supply for backup system, motor-control, inverter -25 to + 85C 160 to 450 V .DC 2700 to 56000 F 20% (120Hz/+20C) (A) or 5(mA) whichever, smaller, after 5 minutes application of rated working 3 CV voltage at +20C C:Capacitance(F) V: W.V. (V.DC) Please see the attached standard products list After 5000 hours application of DC voltage with specified ripple current (< rated DC working voltage ) at +85C, the capacitor shall meet the following limits.(160 to 250 W.V. : 2000 hours at +85C)
Endurance
Shelf Life Withstand Voltage
Capacitance change 20 % of initial measured value D.F. < 200 % of initial specified value DC leakage current < initial specified value After storage for 1000hours at +852 C with no voltage applied and then being stabilized at +20 C, capacitors shall meet the limits specified in iEndurancei.(With voltage treatment) Application of 1500 V.AC between V-block and terminals for 1 minute, there shall be no abnormalities like destruction of insulator.
Freq.(Hz)
n Frequency Correction Factor for Ripple Current
W.V.(V)
D(mm)
160, 200 250, 350 400, 450
64 77, 90 64 77, 90 64 77, 90
50 0.86 0.90 0.83 0.85 0.81 0.85
60 0.91 0.95 0.88 0.90 0.87 0.90
120 1.00 1.00 1.00 1.00 1.00 1.00
300 1.05 1.05 1.07 1.05 1.07 1.05
360 1.06 1.06 1.08 1.06 1.08 1.06
1k 1.08 1.08 1.13 1.11 1.13 1.11
10k to 1.10 1.10 1.20 1.20 1.21 1.20
n Dimensions in mm (not to scale)
P .V.C. sleeve
M5x12 Hexagonal-bolt
Vent
(mm)
D 64 77 90
D1
F1.0
F 28.6 31.8 31.8
L+4 max
9 max
n Mounting clamp
14
120
35
8.4
2 D
16 C E
B A
45
W1
W2
5
12 0
1 D
(mm) (mm) E H max 5.0 13 5.0 13
D A B C 64 93.0 81.0 70.0 77 104.5 93.5 90.0
D 64 77
D2 86.0 89.0 100.0 90 101.6 113.0
D1 76.0
W1 8.0 8.0 8.0
W2 13.0 14.0 14.0
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Mar. 2005
- EE187 -
Aluminium Electrolytic Capacitors/GUP n Standard Products
W.V. Cap.
(20%)
Case size
Dia. Length (mm)
Specification
Ripple D.F. current (120Hz) (120Hz) (+85C) (+20C) (A)
Terminal Pitch
Part No.
( ):Mounting No
Clamp
Yes
(V)
(F) 12000 15000 18000 22000 27000
(mm)
(mm)
64 64 64 64 77 64 77 77 90 77 90 77 90 90 64 64 64 64 77 64 77 77 90 77 90 90 90 64 64 64 77 64 77 77 90 77 90 90 90 64 64 64
103 125 145 168 125 222 150 168 150 190 168 222 190 222 103 125 145 168 125 222 150 168 150 222 168 190 222 125 145 168 125 222 150 190 150 222 168 190 222 103 125 145
15.9 17.2 19.4 21.3 21.3 22.4 22.4 23.7 25.0 25.7 25.7 28.2 28.2 30.7 14.7 15.8 18.1 19.8 19.8 22.0 22.0 23.0 23.0 25.4 25.4 27.6 30.3 12.8 14.7 16.6 16.6 19.0 19.0 19.7 19.7 21.8 21.7 24.0 26.5 10.3 12.1 14.3
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.30 0.25 0.30 0.25 0.30 0.30 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.30 0.25 0.30 0.30 0.30 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.30 0.25 0.30 0.30 0.30 0.20 0.20 0.20
28.6 28.6 28.6 28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 28.6 28.6 28.6 28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 28.6 28.6 28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 28.6 28.6 28.6
ECOG2CP123D( ) ECOG2CP153D( ) ECOG2CP183D( ) ECOG2CP223D( ) ECOG2CP223E( ) ECOG2CP273D( ) ECOG2CP273E( ) ECOG2CP333E( ) ECOG2CP333F( ) ECOG2CP393E( ) ECOG2CP393F( ) ECOG2CP473E( ) ECOG2CP473F( ) ECOG2CP563F( ) ECOG2DP103D( ) ECOG2DP123D( ) ECOG2DP153D( ) ECOG2DP183D( ) ECOG2DP183E( ) ECOG2DP223D( ) ECOG2DP223E( ) ECOG2DP273E( ) ECOG2DP273F( ) ECOG2DP333E( ) ECOG2DP333F( ) ECOG2DP393F( ) ECOG2DP473F( ) ECOG2EP822D( ) ECOG2EP103D( ) ECOG2EP123D( ) ECOG2EP123E( ) ECOG2EP153D( ) ECOG2EP153E( ) ECOG2EP183E( ) ECOG2EP183F( ) ECOG2EP223E( ) ECOG2EP223F( ) ECOG2EP273F( ) ECOG2EP333F( ) ECOG2VP392D( ) ECOG2VP472D( ) ECOG2VP562D( )
N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N
F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F
160 33000 39000 47000 56000 10000 12000 15000 18000 22000 200 27000 33000 39000 47000 8200 10000 12000 15000 250 18000 22000 27000 33000 3900 350 4700 5600
Endurance : 160 to 250V.W. : 85C 2000 h 350 to 450V.W. : 85C 5000 h
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Mar. 2005
- EE188 -
Aluminium Electrolytic Capacitors/GUP n Standard Products
W.V. (V) Cap.
(20%)
Case size
Dia. (mm) Length (mm)
Specification
Ripple D.F. current (120Hz) (120Hz) (+85C) (+20C) (A)
Terminal Pitch (mm)
Part No.
( ):Mounting No
Clamp
(F) 6800 8200 10000
Yes
64 77 64 77 77 90 77 90 77 90 90 64 64 64 64 77 64 77 77 90 77 90 77 90 90 64 64 64 64 77 64 77 77 90 77 90 77 90 90
168 125 222 150 168 125 190 150 222 190 222 103 125 145 168 125 222 150 168 125 190 150 222 168 222 103 125 145 168 125 222 150 168 125 190 150 222 168 222
16.7 16.4 18.5 18.1 22.4 19.3 26.1 22.8 30.4 28.6 33.6 9.5 11.0 13.1 15.1 14.6 17.8 17.4 20.3 18.0 23.8 21.5 27.0 24.9 31.8 8.6 10.1 11.9 13.9 13.4 16.1 15.8 18.5 17.1 21.6 18.8 25.6 22.0 27.5
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20
28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 28.6 28.6 28.6 28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 28.6 28.6 28.6 28.6 31.8 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8
ECOG2VP682D( ) ECOG2VP682E( ) ECOG2VP822D( ) ECOG2VP822E( ) ECOG2VP103E( ) ECOG2VP103F( ) ECOG2VP123E( ) ECOG2VP123F( ) ECOG2VP153E( ) ECOG2VP153F( ) ECOG2VP183F( ) ECOG2GP332D( ) ECOG2GP392D( ) ECOG2GP472D( ) ECOG2GP562D( ) ECOG2GP562E( ) ECOG2GP682D( ) ECOG2GP682E( ) ECOG2GP822E( ) ECOG2GP822F( ) ECOG2GP103E( ) ECOG2GP103F( ) ECOG2GP123E( ) ECOG2GP123F( ) ECOG2GP153F( ) ECOG2WP272D( ) ECOG2WP332D( ) ECOG2WP392D( ) ECOG2WP472D( ) ECOG2WP472E( ) ECOG2WP562D( ) ECOG2WP562E( ) ECOG2WP682E( ) ECOG2WP682F( ) ECOG2WP822E( ) ECOG2WP822F( ) ECOG2WP103E( ) ECOG2WP103F( ) ECOG2WP123F( )
N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N
F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F
350 12000 15000 18000 3300 3900 4700 5600 6800 400 8200 10000 12000 15000 2700 3300 3900 4700 5600 450 6800 8200 10000 12000
Endurance : 160 to 250V.W. : 85C 2000 h 350 to 450V.W. : 85C 5000 h
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Mar. 2005
- EE189 -


▲Up To Search▲   

 
Price & Availability of ECOG2WP392D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X