Part Number Hot Search : 
C1390 LM209 ZEN2901P BFXXXX 2SA56 AH304 SII9011 SMA28
Product Description
Full Text Search
 

To Download ECLAMP2455K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESD/EMI Protection for SIM Card
PROTECTION PRODUCTS - EMIClampTM Description
The EClampTM2455K is combination EMI filter and line termination device with integrated TVS diodes for use on SIM Card interfaces on cellular phones and other portable electronics. This state-of-the-art device utilizes solid-state silicon-avalanche technology for superior clamping performance and DC electrical characteristics. The device consists of three circuits that include series impedance matching resistors for proper termination of the SIM card interface. Termination resistor value of 100 Ohms is included on the RST and Data lines and 47 Ohms on the CLK line. TVS diodes are also included on each line for ESD protection in excess of 15kV (air discharge) and 8kV (contact discharge) per IEC 610004-2, level 4. An additional TVS diode connection is included for protection of the voltage (Vcc) bus. The ECLAMP2455K is in a 8-pin, RoHS/WEEE compliant, SLP1713P8 package. It measures 1.7 x 1.3 x 0.50mm. The leads are spaced at a pitch of 0.4mm and are finished with lead-free NiPdAu. The small package makes it ideal for use in portable electronics such as cell phones and digital still cameras.
ECLAMP2455K
PRELIMINARY
Features
Bidirectional EMI/RFI filter with integrated TVS for ESD protection
ESD protection to IEC 61000-4-2 (ESD) Level 4, 15kV (air), 8kV (contact) TVS working voltage: 5V Termination Resistors: 100 Ohms & 47 Ohms Capacitance: 20pF (Typical at VR = 0V) Protection and filtering for four lines Solid-state technology
Mechanical Characteristics
SLP1713P8 8-pin package RoHS/WEEE Compliant Nominal Dimensions: 1.7 x 1.3 x 0.50 mm Lead Pitch: 0.4mm Lead finish: NiPdAu Marking: Marking Code Packaging: Tape and Reel per EIA 481
Applications
SIM Card Cell Phone PDAs and Smartphones
Pin Configuration
Package Configuration
1.70
12
RST Out CLK Out
1
8
RST In CLK In Data In
1.30
Gnd
Data Out NC
4 5
0.40 BSC
Vcc
0.50
Pin Identification and Configuration (Top Side View)
Revision 03/27/2007 1
8 Pin SLP package (Bottom Side View) Nominal Dimensions in mm
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Pin Identification and Configuration PRELIMINARY
Pin 1, 8 2, 7 3, 6 4 5 Center tab
Symbol RST C LK Data NC Vcc GND
Identification Reset input/output with termination resistor Clock input/output with termination resistor Data input/output with termination resistor No Connect Power Supply ESD Protection Ground connection
8
7
6
5
Gnd 1 2 3 4
Pin Configuration (Top View)
Schematics & Component Values
Vcc
100
RST IN
47
RST OUT CLK OUT
100
CLK IN
Data IN
Data OUT
GND
(c) 2007 Semtech Corp. 2 www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Maximum Ratings
R ating ESD p er IEC 61000-4-2 (Air) ESD p er IEC 61000-4-2 (Contact) Junction Temp erature Op erating Temp erature Storage Temp erature Symbol VESD TJ Top TSTG Value +/- 18 +/- 12 125 -40 to +85 -55 to +150
PRELIMINARY
Units kV
o
C C C
o
o
Electrical Characteristics (T=25oC)
P ar am et er T VS Reverse Stand-Off Voltage T VS Reverse Breakdown Voltage T VS Reverse Leakage Current Reset Series Resistors Clk Series Resistors Data Series Resistors Total Cap acitance
S y m b ol VRWM V BR IR RRST R
CLK
Con d i t i on s
Mi n i mu m
Ty p i c a l
M ax i m u m 5
Units V V A Ohms Ohms Ohms pF
It = 1mA VRWM = 5.0V Each Line Each Line Each Line Inp ut to Gnd, Each Line VR = 0V, f = 1MHz
6
8
10 0.5
85 40 85 16
100 47 100 20
115 55 115 24
RDATA Cin
(c) 2007 Semtech Corp.
3
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Typical Characteristics
Typical Insertion Loss S21 (Pin 2 to 7)
CH1 S21 LOG 6 dB / REF 0 dB 1: -6.4316 dB 307.466 MHz 2: -14.641 dB 900 MHz 3: -23.808dB 1.8 GHz 4: -28.845 dB 2.5 GHz 5: -30.455 dB 2.7 GHz
3 5 5 3 4 4
PRELIMINARY
Typical Insertion Loss S21 (Pin 1 to 8 and Pin 3 to 6)
CH1 S21 LOG 6 dB / REF 0 dB 1: -8.9909 dB 294.402 MHz 2: -19.003 dB 900 MHz 3: -28.966dB 1.8 GHz
1
0 dB -6 dB
1
0 dB -6 dB -12 dB -18 dB
2
-12 dB -18 dB -24 dB -30 dB -36 dB -42 dB -48 dB 1 MHz START. 030 MHz 10 MHz 100 MHz
2
4: -30.765 dB 2.5 GHz 5: -30.974 dB 2.7 GHz
-24 dB -30 dB -36 dB -42 dB
1 3 GHz GHz . STOP 3000 000000 MHz
-48 dB
1 MHz START. 030 MHz
10 MHz
100 MHz
1 3 GHz GHz . STOP 3000 000000 MHz
ESD Clamping (+8kV Contact)
ESD Clamping (-8kV Contact)
Note: Data is taken with a 10x attenuator
Note: Data is taken with a 10x attenuator
Normalized Capacitance vs. Reverse Voltage
1.1 1 0.9 0.8
Analog Crosstalk (Each Line)
CH1 S21 LOG 20 dB / REF 0 dB
CJ(VR) / CJ(VR=0)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 f = 1 MHz 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
START. 030 MHz STOP 3000. 000000 MHz
Reverse Voltage - VR (V)
(c) 2007 Semtech Corp.
4
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS
Device Connection The ECLAMP2455K designed with ease of layout in mind. The package has flow through design which allows the designer to route the signals straight in and out between the SIM port connector and the SIM controller. The device is in a 8-pin SLP package. Electrical connection is made to the 8 pins located at the bottom of the device. A center tab serves as the ground connection. Pin connections are noted in Figure 1. All path lengths should be kept as short as possible to minimize the effects of parasitic inductance in the board traces.
PRELIMINARY
Figure 1 - Pin Identification and Configuration (Top Side View)
RST Out CLK Out
1
8
RST In CLK In Data In
Gnd
Data Out NC
4 5
Vcc
SIM Card Connector SIM Controller
RST OUT CLK OUT DATA OUT
4 Gnd
1
8
RST In CLK IN DATA IN
Reset Clock Data I/O 5V/3.3V/1.8V
5
Vcc
ECLAMP2455K EClamp2455P
Figure 2 - SIM Protection
(c) 2007 Semtech Corp.
5
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Applications Information - Spice Model
ECLAMP2455K Spice Model & Parameters
Vcc
PRELIMINARY
100
RST IN
47
RST OUT CLK OUT
100
CLK IN
Data IN
Data OUT
GND
ECLAMP2455K Spice Model
Note: All TVS shown in the circuit use D1 Parameters
Table 1 - ECLAMP2455K Spice Parameters Parameter IS BV VJ RS IB V CJO TT M N EG Unit Amp Volt Volt Ohm A mp Farad sec --eV D1 (T VS) 2E-15 7.5 0.775 1.05 1E-3 9E-12 2.541E-9 0.246 1.1 1.11
(c) 2007 Semtech Corp.
6
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Outline Drawing - SLP1713P8 PRELIMINARY
A
D
B
DIM
PIN 1 INDICATOR (LASER MARK) E
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.018 .020 .022 .000 .001 .002 (.005) .006 .008 .010 .065 .067 .070 .047 .051 .055 .049 .051 .054 .008 .012 .016 .016 BSC .008 .010 .012 8 .003 .004 0.45 0.50 0.55 0.00 0.02 0.05 (0.13) 0.15 0.20 0.25 1.65 1.70 1.775 1.20 1.30 1.40 1.25 1.30 1.375 0.20 0.30 0.40 0.40 BSC 0.20 0.25 0.30 8 0.08 0.10
A aaa C A2 A1 C
SEATING PLANE
A A1 A2 b D D1 E E1 e L N aaa bbb
D1 1 E1 N e/2 e D/2 2 LxN E/2
bxN bbb CAB
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
Land Pattern - SLP1713P8
P X
DIM C G H K P X Y Z DIMENSIONS INCHES MILLIMETERS (.050) (1.27) .027 0.69 .012 0.30 .055 1.40 .016 0.40 .008 0.20 .023 0.58 .073 1.85
Z
G Y K
H (C)
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET. 3. THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD SHALL BE CONNECTED TO A SYSTEM GROUND PLANE. FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR FUNCTIONAL PERFORMANCE OF THE DEVICE.
(c) 2007 Semtech Corp.
7
www.semtech.com
ECLAMP2455K
PROTECTION PRODUCTS Marking PRELIMINARY Ordering Information
Part Number Qty per Reel 3000 R eel Size 7 Inch
PIN 1 INDICATOR
2455K
XXXX
EClamp 2455K.TCT
This is a lead-free RoHS/WEEE Compliant Device EMIClamp and EClamp are marks of Semtech Corporation
XXXX = Date Code
Tape and Reel Specification
Pin 1 Location
User Direction of feed
Device Orientation in Tape
A0 1.51 +/-0.05 mm B0 1.91 +/-0.05 mm K0 0.66 +/-0.05 mm
Tape Width
B, (Max)
D 1.5 + 0.1 mm - 0.0 mm (0.59 +.005 - .000)
D1
E 1.750.10 mm (.069.004)
F
K (MAX)
P 4.00.1 mm (.157.004)
P0 4.00.1 mm (.157.004)
P2
T(MAX)
W 8.0 mm + 0.3 mm - 0.1 mm (.312.012)
8 mm
4.2 mm (.165)
0.8 mm 0.05 (.031)
3.50.05 mm (.138.002)
2.4 mm (.094)
2.00.05mm (.079.002)
0.4 mm (.016)
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2007 Semtech Corp. 8 www.semtech.com


▲Up To Search▲   

 
Price & Availability of ECLAMP2455K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X