Part Number Hot Search : 
BH6541KV MSN6001D D44H10 LVC32 IRK41 BR2506 00203 D91A5100
Product Description
Full Text Search
 

To Download DRB-37P11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series D (Standard D-Sub) 90 Solder Dip (Male / Female)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temp.: 5,000M min. 1,000 V AC 10m max. 5A -55C to +105C 240C / 3 sec.
I/O Connectors
Part Number (Details) D R* - 25 * 1 *
Series Terminal Version: A = 7.2mm (US Std.) B = 9.4mm (Euro. Std.) No. of Contacts S = Female P = Male PCB Assembly: 1 = With Snap-in Connection Assembly Option: 1 = Fixed Female Screw Locks, 4-40 2 = Clinch Nut Rivetted, 4-40 (Without Female Screw Locks)
Materials and Finish
Insulator: Polyester Resin (glass filled) Fiber reinforced, UL94V-0 Contacts: Stamped Copper Alloy Plating: Gold over Nickel
Features
M3 female threaded screw available on request
Outline Connector Dimensions (Male and Female)
Recommended PCB Layout
Top View
Part Number DR*-09*1* DR*-15*1* DR*-25*1* DR*-37*1*
Trading Division
No. of Contacts 9 15 25 37
A 30.81 39.14 53.04 69.32
B 24.99 33.32 47.04 63.50
C (Male) 16.92 25.25 38.96 55.42
C (Female) 16.33 24.66 38.38 54.84
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Standard D-Sub
US- Standard: (RA Terminal Version)
European- Standard: (RB Terminal Version)


▲Up To Search▲   

 
Price & Availability of DRB-37P11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X