Part Number Hot Search : 
6675BZ PINAB25 G9001 K500FA R68FF N800104 IRF7807Z FT5767M
Product Description
Full Text Search
 

To Download DPL12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12mm Rotary Encoder with LED
Type DPL12 Series Type DPL12 Series Characteristics Electrical
Pulses: Contact Rating: Dielectric Strength: Insulation Resistance (min): Operating Speed (RPM): Switch Power Rating (where fitted): Switch Contact Resistance: Electrical Travel: Rotational Noise: Chattering: 24 0.5mA 5VDC 300VAC / 1mA, 1 minute 100M ohms at 250VAC 60 RPM 16VDC 3A 100m ohm Max Continuous t2 = 2.0 ms max (see below) t1 & t3 = 3.0 ms max (see below)
12mm Rotary incremental encoder with LED for use in electronic equipment. Can be supplied with or without switch with customisation to standard options.
Key Features

12mm Rotary Encoder Incremental Type Push on Switch Option Various Shaft Lengths LED Colour Options Detent Options
Code Off area V = 3.5V or more. Code on area V=1.5V or less Switch - Dual colour - see below for characteristics No Switch Single colour- see below for characteristics Colour options No Switch - Red, Green, Blue Switch - 1: Blue/Green, 2: Blue/Orange, 3: Green/Red LED
Characteristics Mechanical
Total Mechanical Travel: Detents: Switch Operating Force: Switch Travel: Shaft Type: Shaft Length (from Mounting Surface): Continuous 0, 24 400+/- 200gf 0.5mm F - Flatted, K - Knurled See Chart below
Characteristics Environmental
Operating Temperature Rotational Life -40 - +85 degrees C 30,000 Cycles
Output Signal Format
Shaft Rotational Direction Signal Format
A (Terminal A-C) Clockwise B (Terminal B-C)
A (Terminal A-C) Anticlockwise B (Terminal B-C)
Literature No. 1-1773449-0 Issued: 02-08
Dimensions are shown for reference purposes only.
Dimensions are in millimetres unless otherwise specified.
Specifications subject to change.
tycoelectronics.com passives.tycoelectronics.com
12mm Rotary Encoder with LED
Type DPL12 Series LED Characteristics Without Switch
Reverse Current Reverse Voltage Operating Temperature [IR] = 10uA 5V -40 - +85 deg C
Emitted Colour Blue Red Green
Power Dissipation 100mW 58mW 48mW
DC Forward Current 20mA 25mA 20mA
Forward Voltage Typical Max. 3.2V 4.0V 1.8V 2.3V 2.0V 2.4V
With Switch
Reverse Current Reverse Voltage Operating Temperature [IR] = 10uA 5V -40 - +85 deg C
Emitted Colour Red Orange Blue Green
Power Dissipation 170mW 75mW 105mW 105mW
DC Forward Current 30mA 30mA 30mA 25mA
Peak Forward Current 185mA 195mA 150mA 130mA
Forward Voltage Typical Max. 1.95V 2.5V 2.1V 2.5V 3.3V 4.0V 3.1V 3.8V
Dimensions DPL12V
Literature No. 1-1773449-0 Issued: 02-08
Dimensions are shown for reference purposes only.
Dimensions are in millimetres unless otherwise specified.
Specifications subject to change.
tycoelectronics.com passives.tycoelectronics.com
12mm Rotary Encoder with LED
Type DPL12 Series Dimensions DPL12SV
Shaft Length Without Switch
Type K F Dim L (from mounting surface) L (from mounting surface) F Options (mm) 24 only 20 7
17.5 5
25 12
Shaft Length With Switch
Type K F Dim L (from mounting surface) L (from mounting surface) F Options (mm) 25 only 21 7
18.5 5
26 12
LED Colour Codes
Switch Option Switch (Dual Colour) Code 1 2 3 R G B Description Blue / Green Blue / Orange Green / Red Red Green Blue
No Switch (Single Colour)
How to Order
DPL12 Common Part
DPL12 - no switch V - Vertical DPL12S - with Switch
V Orientation
N Detent
24 Pulses
A
20
F Shaft Style
R LED Colour
See Relevant Table
Bush Details Shaft Length
See Relevant Table
N - None 24 - 24 Clicks 24 - 24 Pulses A - 5mm
F - Flatted K - Knurled
Literature No. 1-1773449-0 Issued: 02-08
Dimensions are shown for reference purposes only.
Dimensions are in millimetres unless otherwise specified.
Specifications subject to change.
tycoelectronics.com passives.tycoelectronics.com


▲Up To Search▲   

 
Price & Availability of DPL12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X