Part Number Hot Search : 
M16C6N P3300 TOP246R PG1500 FSM11PL BD14010 BDT87 Q4015L5
Product Description
Full Text Search
 

To Download DA101C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DA100 Series
Transformers for Digital Audio Data Transmission
SELECTION GUIDE
Min. Return Loss (100kHz-3MHz) Turns Ratio Primary Inductance (10kHz, 50mV) mH DA101C 1:1 1:1 1:1 1.00 - 1.59 2.00 - 3.00 4.00 - 5.96 Max. Leakage Inductance (100kHz, 10mV) H 0.22 0.39 0.91 Typ. Common Mode Rejection (100kHz, 110) dB 52.10 49.70 46.40 2000 Min. Volt-time Product, Et Isolation (Flash tested for 1 second) Vrms
Order Code
Vs 15 20 28
dB 46.80 40.40 36.30
FEATURES
RoHS compliant Compatible with leading chip sets 2kVrms isolation Industry-standard pinout Surface mount option UL 94 V-0 package materials Low profile Suitable for both 75 & 110 circuits Toroidal construction Compliant with AES/EBU standards Fully encapsulated
DA102C DA103C
ORDER CODE DETAILS
Order Code DAXXXC DAXXXMC DAXXXMC-R Package Type 6 Pin DIL 6 Pin SM 6 Pin SM Packaging Type Tube Tube Tape & Reel Quantity 50 50 500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range 0C to 70C -40C to 125C
DESCRIPTION
The Digital Audio Range of transformers is designed to improve the balance of transmitter and receiver circuitry in hi-fi equipment, video games and other applications requiring high-performance digital audio transmission. Compliant with AES/EBU recommendations for the digital audio interface, offering optimised shunt capacitance between primary and secondary windings. Capable of operating over the audio data rate frequency range, providing isolation from 50-60Hz noise.
All specifications typical at TA =25C
TECHNICAL NOTES
ISOLATION VOLTAGE `Hi Pot Test', `Flash Tested', `Withstand Voltage', `Proof Voltage', `Dielectric Withstand Voltage' & `Isolation Test Voltage' are all terms that relate to the same thing, a test voltage, applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. All products in this series are 100% production tested at their stated isolation voltage. A question commonly asked is, "What is the continuous voltage that can be applied across the part in normal operation?" For a part holding no specific agency approvals both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment. This series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage. This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further insulation system of physical spacing or barriers.
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_DA100C_C02 Page 1 of 3
DA100 Series
Transformers for Digital Audio Data Transmission
PACKAGE SPECIFICATIONS MECHANICAL DIMENSIONS 6 Pin DIL 6 Pin SM
0.50 (12.70) 0.375 (9.52) Max. 1 0.354 (9.0) Max.
Top View
6 1 3 1 4 0.354 (9.0) Max.
0.375 (9.52) Max. 1
Top View
6 1 1 5 4
DA101C
XYYWW
DA103MC
XYYWW
2 3
0.25 (6.35)
0.25 (6.35)
0.1350.02 (3.440.50) 0.012 (0.30) 0.008 (0.20) 0.025 (0.63) 0.021 (0.53)
0.012 (0.30) 0.007 (0.20) 0.20 (5.08)
0.04 (0.90)
0.10 (2.54)
0.025 (0.63) 0.021 (0.53)
0.40 (10.16)
Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). All pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position. Package Weight 0.93g Typ.
RECOMMENDED FOOTPRINT DETAILS 6 Pin DIL
0.10 (2.54) 0.10 (2.54) 0.06 (1.60)
6 Pin SM
O0.05 (1.20) +0.006 (0.15) -0.000 (0.00) 0.04 (1.00)
0.10 (2.54)
0.45 (11.50)
Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). All pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position.
SOLDERING INFORMATION1
Pin finish Peak wave solder temperature Peak reflow temperature
Bright tin 300C for 10 seconds 220C
TUBE OUTLINE DIMENSIONS
0.43 (10.95) 0.16 (4.00) 0.0230.005 (0.600.15) 0.51 (12.95) Unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). Tube length: 18.30.08 (4652). Tube material: Antistatic coated clear pvc. 0.15 (3.80) 0.62 (15.70)
1 For further information, please visit www.murata-ps.com/rohs
0.22 (5.50)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_DA100C_C02 Page 2 of 3
DA100 Series
Transformers for Digital Audio Data Transmission
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
O15.039 (382) Max. 2.36 (60) Min. 0.94-1.08 (23.9-27.4)*
O 0.53 (13.50) 0.50 (12.80) Leader section 15.7 (400) Min. 3.9 (100) Min.
0.059 (1.50) Min.
1.20 (30.4) Max. Goods enclosure section 0.96 (24.4) 1.04 (26.4)
Trailer section 6.3 (160) Min.
Unless otherwise stated all dimensions in inches (mm) 0.01(0.25). * Includes flange distortion at outer edge. Measured at hub.
O 0.80 (20.20) Min.
TAPE OUTLINE DIMENSIONS
0.069 (1.75) 0.157 (4.00) 0.079 (2.00) +0.004 +0.10 0.059 -0.000 (1.50 -0.00 )
+0.30 0.945 +0.012 (24.00 -0.10 ) -0.004
0.453 (11.50)
DA103MC
XYYWW
Cover tape
0.369 (9.37)
0.472 (12.00)
0.024 (0.60) Max.
0.283 (7.20)
Unless otherwise stated all dimensions in inches (mm) 0.01(0.25).
Direction of unreeling
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_DA100C_C02 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of DA101C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X