Part Number Hot Search : 
12D12 IN74H AF139 D5885 1KAB05E SP5301 4AVC16 28C256
Product Description
Full Text Search
 

To Download CX-7SC-SM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX-7-SM CRYSTAL
20 MHz to 50 MHz
TM
Ultra-Miniature, Low Profile AT -Cut Surface Mount Crystal
actual size DESCRIPTION side view
STATEK's ultra-miniature, low profile CX-7-SM AT-cut crystals in leadless ceramic packages are designed for surface mounting on printed circuit boards or hybrid circuits. These crystals are low profile and have a very small land pattern. Maximum process temperature should not exceed 260OC.
PACKAGE DIMENSIONS FEATURES
Designed for surface mount applications using infrared, vapor phase, wave solder or epoxy mount techniques Low profile (less than 1.2mm) hermeitcally sealed ceraminc package Excellent aging characteristics Available with glass or ceramic lid High shock and vibration resistance Custom designs available Full military testing available Designed and manufactured in the USA
DIM A
APPLICATIONS
A
TOP
BOTTOM
D B C
TYP. INCHES .157 .072 .035 INCHES .045 .046 .048 GLASS LID mm 1.14 1.17 1.22 mm 4.00 1.83 0.89 .162 .085 .045 INCHES .050 .051 .053 MAX. INCHES mm 4.11 2.16 1.14 mm 1.27 1.30 1.35
B C D DIM "C" MAX SM1 SM2 SM3
see below CERAMIC LID
Industrial, Computer & Communications General purpose clock oscillator PCMCIA Fax, Modem and LAN Smart card PDA and notebook computers Handheld instrumentation Cellular PCS Military & Aerospace Airborne hybrid computer Military high speed modem MCM
SUGGESTED LAND PATTERN
GRID COURTYARD .177[4.50] .121[3.07]
.092 [2.34]
.055[1.40]
.067[1.70]
10155 - Rev A
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany www.rsg-electronic.de
SPECIFICATIONS
TERMINATIONS
Specifications are typical at 25oC unless otherwise noted. Specifications are subject to change without notice. 49 MHz Motional Resistance R1(k ) Motional Capacitance C1 (fF) Quality Factor Q (k) Shunt Capacitance Co (pF) Calibration Tolerance* 14 2.4 100 0.8
_ _ A + 0.01% ( + 100ppm) _ B + 0.1% _ C + 1.0% 10pF (unless specified by customer)
Designation SM1 SM2 SM3
Termination Gold Plated Nickel, Solder Plated Nickel, Solder Plated and Solder Dipped
PACKAGING
CX-7-SM
-Tray Pack (Standard) -16mm tape, 7" or 13" reels (Optional) Per EIA 481 (see data sheet 10109)
Load Capacitance Drive Level Frequency-Temperature Stability**
200 W MAX. -10OC to +70OC from -40 C to +85 C from -55OC to +125OC from 5ppm MAX. 5,000g peak 0.3 msec., 1/2 sine 20g rms, 10-2,000 Hz random -10OC to +70OC Commercial -40OC to +85OC Industrial -55OC to +125OC Military -55OC to +125OC
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
O O
+ _ + _ + _
10ppm 35ppm 50ppm
EQUIVALENT CIRCUIT
C0 1 L1 C1 R1 2
Aging, first year Shock, survival*** Vibration, survival Operating Temperature
Storage Temperature
Max Process Temperature 260OC for 20 sec.
CONVENTIONAL CMOS PIERCE OSCILLATOR CIRCUIT
Rf
Note: The characteristics of the frequency temperature stability follow that of AT-Cut thickness-shear mode.
RA
BUFFER OSC Freq (fO)
Contact factory for design guidelines
_ * Tighter tolerances available as low as + 5 ppm ** Does not include calibration tolerance *** Higher shock version available
AMPLIFIER CS
CG
CX-7
CX-1
CD
HOW TO ORDER CX-7-SM CRYSTALS CX-7 "S" if special or custom design. C=Ceramic Lid Blank=Glass Lid SM1 SM1 SM2 SM3 49 MHz Frequency ( 50 *Calibration Tolerance @25OC (A) (B) (C) / 50 / 100 / I )
*Frequency Total Frequency Temp. Range: Stability over Tolerance C = Commercial Temp. Range I = Industrial M = Military S = Specify
*Other calibration fill in ppm.
10155 - Rev A
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de


▲Up To Search▲   

 
Price & Availability of CX-7SC-SM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X