Part Number Hot Search : 
R8T6B 2SB1115A KA22136 KJ12ETT GPC130B 0LVEL 24121 KJ12RTT
Product Description
Full Text Search
 

To Download BCY79 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP BCY78 - BCY79 SILICON PLANAR EPITAXIAL TRANSISTORS
The BCY78 and BCY79 are PNP transistors mounted in TO-18 metal package with the collector connected to the case . They are designed for use in audio drive and low-noise input stages. Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS Symbol
VCEO VCES VEBO IC IB PD PD TJ TStg
Ratings
Collector-Emitter Voltage (IB =0) Collector-Emitter Voltage (VBE =0) Emitter-Base Voltage (IC =0) Collector Current Base Current Total Power Dissipation Total Power Dissipation Junction Temperature Storage Temperature range @ Tamb = 25 @ Tcase= 45 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78
Value
-45 -32 -45 -32 -5 -5 -200 -20 390 1 200 -65 to +150
Unit
V V V mA mA mW Watts C C
THERMAL CHARACTERISTICS Symbol
RthJ-a RthJ-c
Ratings
Thermal Resistance, Junction to mounting base Thermal Resistance, Junction to ambient in free air BCY79 BCY78 BCY79 BCY78
Value
450 150
Unit
C/W C/W
COMSET SEMICONDUCTORS
1/4
PNP BCY78 - BCY79
ELECTRICAL CHARACTERISTICS
Tj=25C unless otherwise specified
Symbol
ICES ICES IEBO VCEO VEBO VCE(SAT)
Ratings
Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current
Test Condition(s)
VCB =-35 V, VBE =0V VCB =-25 V, VB =0V VCB =-35 V VBE =0V,Tj =150C VCB =-25 V VBE =0V,Tj =150C VBE =-4.0 V, IC =0
Min Typ
-0.12 -04 -0.7 -0.85 -0.55 -0.65 -0.68 -0.75 BCY79IX BCY78IX >40 Typ.270 >250 <460 >160 <630 >60 >250 <500
Mx
-20 -10 -20 -0.25 -08
Unit
nA A nA V V
BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78
-45 -32 -5 -0.6 -0.7 -0.6 -
Collector Emitter Breakdown IC =-2 mA, IB =0 Voltage Emitter Base Breakdown IE =-1A, IC =0 Voltage Collector-Emitter saturation Voltage
IC =-10 mA, IB =-0.25 mA IC =-100 mA, IB =-2.5 mA IC =-10 mA, I B=-0.25 mA IC =-100 mA, IB =-2.5 mA IC =-10 A, VCE =-5 V IC =-2 mA, VCE =-5 V
V -0.85 -1.2 -0.75 V BCY79X BCY78X >100 Typ.390 >380 <630 >240 <1000 >60 >350 <700
VBE(SAT)
Base-Emitter Saturation Voltage
VBE
Base-Emitter Voltage
IC =-10 mA, VCE =-1 V IC =-100 mA, VCE =-1 V
IC =-10 A, VCE =-5 V
hFE
DC Current Gain
IC =-2 mA, VCE =-5 V IC =-10 mA, VCE =-1 V
hfe
Small-Signal Current Gain
IC =-100 mA, VCE =-1 V IC =2 mA, VC E=5 V f = 1kHz
BCY79VII BCY78VII Typ.140 >120 <220 >80 >40 >125 <250
BCY79VIII BCY78VIII >30 Typ.200 >180 <310 >120 <400 >45 >175 <350
COMSET SEMICONDUCTORS
2/4
PNP BCY78 - BCY79
Symbol
fT F td tr ton ts tf toff td tr ton ts tf toff CC CE
Ratings
Transition frequency Noise figure , RS=2k Delay time Rise time Turn on time Storage time Fall time Turn off time Delay time Rise time Turn on time Storage time Fall time Turn off time Collector capacitance Emitter capacitance
Test Condition(s)
IC =-10 mA, VCE =-5 V f = 100MHz IC =-200 A, VCE =-5 V f = 1kHz, B =200Hz
Min
-
Typ Mx
180 2 35 50 85 400 80 480 5 50 55 250 200 450 6 150
Unit
MHz db
ICon =-10 mA IBon = -IBoff = -1mA VBB =3.6 V R1= R2 = 5k
RL = 990
ICon =-100 mA IBon = -IBoff = -10mA VBB =5 V R1= 500 R2 = 700
RL = 98
IE = Ie = 0 ,VCB =-10 V f = 1MHz IC = Ic = 0 ,VEB =-0.5 V f = 1MHz
BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78 BCY79 BCY78
ns 800 150 ns 800 5 15 pF pF
COMSET SEMICONDUCTORS
3/4
PNP BCY78 - BCY79
MECHANICAL DATA CASE TO-18
DIMENSIONS
mm A B D E F G H I L 12,7 0,49 5,3 4,9 5,8 2,54 1,2 1,16 45 inches 0,5 0,019 0,208 0,193 0,228 0,1 0,047 0,045 45
Pin 1 : Pin 2 : Pin 3 :
emitter base Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
COMSET SEMICONDUCTORS
4/4


▲Up To Search▲   

 
Price & Availability of BCY79

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X