Part Number Hot Search : 
SN74LS47 BM29F MAX13450 OP249GP 21M10 MUR16 VNP20 MAX9789A
Product Description
Full Text Search
 

To Download BAV99WGH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
Silicon Switching Diode * Lead free product * Halogen-free type
3 ANODE 1 CATHODE 2 3 CATHODE/ANODE
BAV99WGH
1 2
SOT-323
MAXIMUM RATINGS
Rating Reverse Voltage Forward Current Forward Surge Current, t=1us Symbol VR IF IFM(surge) Value 70 200 4.5 Unit Vdc mAdc Adc
THERMAL CHARACTERISTICS
Characteristic Total Power Dissipation, Ts=110 C Junction Temperature Storage Temperature Junction Soldering Point(1)
O
Symbol Ptot TJ TSTG R JS
Value 250 150 -65 to +150 O160
Unit mW
o o
C C
K/W
(1) For calculation of R JA Please refer to Application Thermal Resistance.
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (EACH DIODE)
Characteristic Symbol Min. Max. Unit
o
OFF CHARACTERISTICS
Reverse Breakdown Voltage ( I(BR) = 100uAdc ) Reverse Voltage Leakage Current ( VR=25Vdc, TJ=150oC ) ( VR=70Vdc ) ( VR=70Vdc, TJ=150oC ) Diode Capacitance ( VR=0, f = 1.0 MHZ ) Forward Voltage ( IF = 1.0 mAdc ) ( IF = 10 mAdc ) ( IF = 50 mAdc ) ( IF = 150 mAdc ) Reverse Recovery Time ( IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc ) ( Figure 1 ) RL = 100 V(BR) 70 Vdc
IR
-
30 2.5 50 1.5 715 855 1000 1250 6.0
uAdc
CD
pF
VF
mVdc
trr
nS
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
BAV99WGH
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR IR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at IR(REC) = 1mA IF 0.1uF IF trr t
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. REVERSE CURRENT
1.0
VF
V
IF =
10 5 nA 100 mA
IR
10 4 10 mA 0.5 1 mA 0.1 mA 5 70V
10 3 5
25 V 10 2 5
0
0
50 T A (J)
100
150
10 1
0
50
100 T A (J)
150
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
BAV99WGH
FIGURE 4. FORWARD CURRENT IF=f(Ts)
FIGURE 5. FORWARD CURRENT IF=f(VF)
300
150
250
I F ( mA )
200
I F ( mA )
100
150
typ
max
100
50
50
Ta=25OC
0 0
20
40
60
80
100
120
150
0
0
0.5
1.0 VF ( V )
1.5
T S C
FIGURE 6. PERMISSIBLE PULSE LOAD R JS=f(tp)
FIGURE 7. PERMISSIBLE PULSE LOAD IFmax/IFDC=f(tp)
10 3
10 2
K/W -
10 2
10 1
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
R JS
10 0 -6 10
F max /II F DC
-5 -4 -3 -2 0
10
10
10
10
10
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10
0
tp ( s )
REV. 0
tp ( s )
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAV99WGH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X