Part Number Hot Search : 
32BCJ 2N11F LIS331D AUDIO CHIPS E2409XSR 2903069 0US60
Product Description
Full Text Search
 

To Download BAT54SDWPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
APPLICATION
* Ultra high speed switching
BAT54SDWPT
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High speed. (TRR=2.5nSec Typ.) * Suitable for high packing density. * Maximum total power disspation is 230mW. * Peak forward current is 300mA. * Schottky diode array ( Dual common anode).
1.2~1.4
(1) (6)
SC-88/SOT-363
0.65 0.65
2.0~2.2
CONSTRUCTION
* Silicon epitaxial planar
MARKING
* SD1
(4) 0.15~0.35 (3) 1.15~1.35
0.08~0.15 0.1 Min.
0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
6
4
1
3
Dimensions in millimeters
SC-88/SOT-363
RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1Sec. Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Maximum Operating Temperature Range Storage Temperature Range
SYMBOL VRRM VRMS VDC IO IFSM CJ TRR TJ TSTG
BAT54SDWPT 30 21 30 0.2 0.6 10 5.0 +150 -55 to +150
UNITS Volts Volts Volts Amps Amps pF nSec
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF= 100mA Maximum Average Reverse Current at VR= 25V SYMBOL VF IR BAT54SDWPT 1.0 2.0 UNITS Volts uAmps 2004-06
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 1.0 volts. 2. Measured at applied froward current of 10mA and reverse current of 10mA. 3. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( BAT54SDWPT )
FIG. 1 - FORWARD CHARACTERISTICS 10 FORWARD CURRENT, (A) REVERSE CURRENT, (A) 1 10m
o Ta=125 C
FIG. 2 - REVERSE CHARACTERISTICS
1m 100u 10u 1u 100n 10n
o 100 C o 75 C
100m 10m 1m 100u 10u 0 0.2 0.4 0.6 0.8 1.0 1.2 FORWARD VOLTAGE, (V)
2 =1 Ta 5
o
C
oC o oC C 5 75 2 5 -2
o 50 C o 25 C
0
10
20
30
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE AVERAGE FORWARD CURRENT, (%) 100 JUNCTION CAPACITANCE , (pF) 50 20 10 5 2 1 0 2 4 6 8 10 12 14 REVERSE VOLTAGE, (V)
Ta =25oC f=1MHz
120 100 80 60 40 20 0
FIG. 4 - TYPICAL FORWARD CURRENT DERATING CURVE
0
25
50
75
100
o
125
150
AMBIENT TEMPERATURE, ( C)


▲Up To Search▲   

 
Price & Availability of BAT54SDWPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X