Part Number Hot Search : 
TDA4657 492LL DSPIC C550B 2SK108 BC108 2118M S2805D
Product Description
Full Text Search
 

To Download BAT54CWGH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
Schottky Barrier Diode
Lead free product Halogen-free type
30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited.
Extremely Fast Switching Speed Lead free product
3
ANODE 1
BAT54CWGH
1 2
3 CATHODE
2 ANODE
SOT-323
MAXIMUM RATINGS (TJ=125 C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA=25 C o Derate above 25 C Forward Current (DC) Operating Junction Temperature Range Storage Temperature Range
o
o
Symbol VR PF IF TJ TSTG
Value 30 225 1.8 200 Max -55 to +150 -55 to +150
Unit Volts mW o mW / C mA
o o
C C
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristic Reverse Leakage ( VR=25V ) Symbol IR Min. Typ. Max. 2 Unit uA
o
( IF=0.1mAdc ) Forward Voltage ( IF=1.0mAdc ) ( IF=10mAdc ) ( IF=30mAdc ) ( IF=100mAdc ) VF
-
-
0.24 0.32 0.40 0.50 1.00 Vdc
Total Capacitance ( VR=1.0V, f=1.0MHZ )
CJ
-
-
10
pF
Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
trr
-
-
5.0
nS
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
BAT54CWGH
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
100 1000 125 C 85 C 10
o o
FIGURE 3. LEAKAGE CURRENT
IF, FORWARD CURRENT ( mA )
IR, REVERSE CURRENT ( uA )
C TA=150
100
o
TA=125 C
o
10 1.0
o 0C
TA=85 C
o
1.0
15
55 C
o
0.1 0.01
o
25 o C
40 oC
TA=25 C
0.1 0.0
0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 10 15 20 25 30
VF, FORWARD VOLTAGE ( VOLTS )
VR, REVERSE VOLTAGE ( VOLTS )
FIGURE 4. TOTAL CAPACITANCE
14
CT, TOATAL CAPACITANCE ( pF )
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE ( VOLTS )
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAT54CWGH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X