Part Number Hot Search : 
MC707LP AP9575GH H74C1 0200CT ADM00308 EDZ10B KS1453 SMA592
Product Description
Full Text Search
 

To Download AT88SC25616C-MJTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit * 256-Kbit (32-Kbyte) EEPROM User Memory Sixteen 2-Kbyte (16-Kbit) Zones Self-timed Write Cycle Single Byte or 128-byte Page Write Mode Programmable Access Rights for Each Zone * 2-Kbit Configuration Zone 37-byte OTP Area for User-defined Codes 160-byte Area for User-defined Keys and Passwords * High Security Features 64-bit Mutual Authentication Protocol (Under License of ELVA) Encrypted Checksum Stream Encryption Four Key Sets for Authentication and Encryption Eight Sets of Two 24-bit Passwords Anti-tearing Function Voltage and Frequency Monitor * Smart Card Features ISO 7816 Class A (5V) or Class B (3V) Operation ISO 7816-3 Asynchronous T = 0 Protocol (Gemplus(R) Patent) * Supports Protocol and Parameters Selection for Faster Operation Multiple Zones, Key Sets and Passwords for Multi-application Use Synchronous 2-wire Serial Interface for Faster Device Initialization * Programmable 8-byte Answer-To-Reset Register ISO 7816-2 Compliant Modules * Embedded Application Features Low Voltage Operation: 2.7V to 5.5V Secure Nonvolatile Storage for Sensitive System or User Information 2-wire Serial Interface 1.0 MHz Compatibility for Fast Operation Standard 8-lead Plastic Packages, Green Compliant (exceeds RoHS) Same Pinout as 2-wire Serial EEPROMs * High Reliability Endurance: 100,000 Cycles Data Retention: 10 years ESD Protection: 4,000V min * Note: Modules available with either T=0 / 2-wire modes or 2-wire mode only.
CryptoMemory 256 Kbit AT88SC25616C Summary
5017KS-SMEM-08/09
Table 1. Pin Assignments Pad VCC GND SDA/IO RST Figure 1.
VCC=C1 RST=C2 SCL/CLK=C3 NC=C4
Description Supply Voltage Ground Serial Data Input/Output Reset Input Pin Configuration
ISO Smart Card Module C5=GND C6=NC C7=SDA/IO C8=NC
ISO Module C1 C5 C3 C7 C2
TWI Module "SOIC PDIP" C1 C5 C3 C7 NC 8 4 6 5 NC
SCL/CLK Serial Clock Input
8-lead SOIC, PDIP NC NC NC GND
1 2 3 4 8 7 6 5
VCC NC SCL SDA
TWI Smart Card Module VCC=C1 NC=C2 SCL/CLK=C3 NC=C4 C5=GND C6=NC C7=SDA/IO C8=NC
1.
Description
The AT88SC25616C member of the CryptoMemory(R) family is a high-performance secure memory providing 256 Kbits of user memory with advanced security and cryptographic features built in. The user memory is divided into 16 2-Kbyte zones, each of which may be individually set with different security access rights or effectively combined together to provide space for 1 to 16 data files.
1.1.
Smart Card Applications
The AT88SC25616C provides high security, low cost, and ease of implementation without the need for a microprocessor operating system. The embedded cryptographic engine provides for dynamic and symmetric mutual authentication between the device and host, as well as performing stream encryption for all data and passwords exchanged between the device and host. Up to four unique key sets may be used for these operations. The AT88SC25616C offers the ability to communicate with virtually any smart card reader using the asynchronous T = 0 protocol (Gemplus Patent) defined in ISO 7816-3. Communication speeds up to 153,600 baud are supported by utilizing ISO 7816-3 Protocol and Parameter Selection.
1.2.
Embedded Applications
Through dynamic and symmetric mutual authentication, data encryption, and the use of encrypted checksums, the AT88SC25616C provides a secure place for storage of sensitive information within a system. With its tamper detection circuits, this information remains safe even under attack. A 2-wire serial interface running at 1.0 MHz is used for fast and efficient communications with up to 15 devices that may be individually addressed. The AT88SC25616C is available in industry standard 8-lead packages with the same familiar pinout as 2-wire serial EEPROMs..
2
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
Figure 2. Block Diagram
VCC GND
Power Management
Authentication, Encryption and Certification Unit
Random Generator
Synchronous Interface
Data Transfer
SCL/CLK SDA/IO RST
Asynchronous ISO Interface
Password Verification
EEPROM
Reset Block
Answer to Reset
2.
2.1.
Pin Descriptions
Supply Voltage (VCC)
The VCC input is a 2.7V to 5.5V positive voltage supplied by the host.
2.2.
Clock (SCL/CLK)
In the asynchronous T = 0 protocol, the SCL/CLK input is used to provide the device with a carrier frequency f. The nominal length of one bit emitted on I/O is defined as an "elementary time unit" (ETU) and is equal to 372/ f. When the synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative edge clock data out of the device.
2.3.
Reset (RST)
The AT88SC25616C provides an ISO 7816-3 compliant asynchronous answer to reset sequence. When the reset sequence is activated, the device will output the data programmed into the 64-bit answer-to-reset register. An internal pull-up on the RST input pad allows the device to be used in synchronous mode without bonding RST. The AT88SC25616C does not support the synchronous answer-to-reset sequence.
2.4.
Serial Data (SDA/IO)
The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of other open drain or open collector devices. An external pull-up resistor should be connected between SDA and VCC. The value of this resistor and the system capacitance loading the SDA bus will determine the rise time of SDA. This rise time will determine the maximum frequency during read operations. Low value pull-up resistors will allow higher frequency operations while drawing higher average power. SDA/IO information applies to both asynchronous and synchronous protocols. When the synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative edge clock data out of the device.
3
5017KJS-SMEM-08/09
3.
*Absolute Maximum Ratings
Operating Temperature.............................-40C to +85C Storage Temperature ............................-65C to + 150C Voltage on Any Pin with Respect to Ground .......................- 0.7 to VCC +0.7V Maximum Operating Voltage.......................................6.0V DC Output Current ..................................................5.0 mA
*NOTICE:
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability.
Table 2. Symbol VCC(2) ICC ICC ICC ICC ISB VIL VIL VIL
(1) (1) (1)
DC Characteristics Parameter Supply Voltage Supply Current (VCC = 5.5V) Supply Current (VCC = 5.5V) Supply Current (VCC = 5.5V) Supply Current (VCC = 5.5V) Standby Current (VCC = 5.5V) SDA/IO Input Low Threshold SCL/CLK Input Low Threshold RST Input Low Threshold SDA/IO Input High Threshold SCL/CLK Input High Threshold RST Input High Threshold SDA/IO Input Low Current SCL/CLK Input Low Current RST Input Low Current SDA/IO Input High Current SCL/CLK Input High Current RST Input High Current SDA/IO Output High Voltage SDA/IO Output Low Voltage SDA/IO Output High Current 0 < VIL < VCC x 0.15 0 < VIL < VCC x 0.15 0 < VIL < VCC x 0.15 VCC x 0.7 < VIH < VCC VCC x 0.7 < VIH < VCC VCC x 0.7 < VIH < VCC 20K ohm external pull-up IOL = 1mA VOH VCC x 0.7 0 Async READ at 3.57MHz Async WRITE at 3.57MHz Synch READ at 1MHz Synch WRITE at 1MHz VIN = VCC or GND 0 0 0 VCC x 0.7 VCC x 0.7 VCC x 0.7 Test Condition Min 2.7 Typ Max 5.5 5 5 5 5 1 VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC VCC VCC 15 15 50 20 100 150 VCC VCC x 0.15 20 Units V mA mA mA mA mA V V V V V V A A A A A A V V A
Applicable over recommended operating range from VCC = +2.7 to 5.5V, TAC = -40C to +85C (unless otherwise noted)
VIH(1)(2) VIH(1)(2) VIH(1)(2) IIL IIL IIL IIH IIH IIH VOH VOL IOH
Notes: 1. VIL min and VIH max are reference only and are not tested. 2. To prevent Latch Up Conditions from occurring during Power Up of the AT88SCxxxxC, VCC must be turned on before applying VIH. For Powering Down, VIH must be removed before turning VCC off.
4
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
Table 3. AC Characteristics Applicable over recommended operating range from VCC = +2.7 to 5.5V, TAC = -40C to +85C, CL = 30pF (unless otherwise noted) Symbol fCLK fCLK fCLK Parameter Async Clock Frequency (VCC Range: +4.5 - 5.5V) Async Clock Frequency (VCC Range: +2.7 - 3.3V) Synch Clock Frequency Clock Duty cycle tR tF tR tF tAA tHD.STA tSU.STA tHD.DAT tSU.DAT tSU.STO tDH tWR tWR Rise Time - I/O, RST Fall Time - I/O, RST Rise Time - CLK Fall Time - CLK Clock Low to Data Out Valid Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Stop Set-up Time Data Out Hold Time Write Cycle Time (at 25C) Write Cycle Time (-40 to +85C) 200 200 10 100 200 20 5 7 Min 1 1 0 40 Max 5 4 1 60 1 1 9% x period 9% x period 35 Units MHZ MHZ MHZ % S S S S nS nS nS nS nS nS nS mS mS
4.
Device Operation for Synchronous Protocols
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (see Figure 5 on page 7). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: STOP CONDITION: ACKNOWLEDGE: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (see Figure 6 on page 7). A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (see Figure 6 on page 7). All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle. After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: 1. 2. 3. Clock up to 9 cycles. Look for SDA high in each cycle while SCL is high. Create a start condition.
MEMORY RESET:
5
5017KJS-SMEM-08/09
Figure 3.
Bus Timing for 2 wire communications: SCL: Serial Clock, SDA - Serial Data I/O
tF tHIGH tLOW tR
SCL
tSU.STA tHD.STA
tLOW
tHD.DAT
tSU.DAT
tSU.STO
SDA IN
tAA tDH tBUF
SDA OUT
Figure 4.
Write Cycle Timing: SCL: Serial Clock, SDA - Serial Data I/O
SCL
SDA
8th BIT WORDn
ACK
twr STOP CONDITION
(1)
START CONDITION
Note:
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
6
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
Figure 5. Data Validity
SDA
SCL DATA STABLE DATA CHANGE ALLOWED DATA STABLE
Figure 6.
Start and Stop Definitions
SDA
SCL
START
STOP
Figure 7.
Output Acknowledge
SCL
1
8
9
DATA IN
DATA OUT
START
ACKNOWLEDGE
7
5017KJS-SMEM-08/09
5.
5.1.
Device Architecture
User Zones
The EEPROM user memory is divided into 16 zones of 16,384 bits each. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user during the personalization of the device in the configuration memory. If the same security requirements are selected for multiple zones, then these zones may effectively be accessed as one larger zone. Figure 8. User Zones Zone $000 User 0 $7F8 User 1 User 14 $000 $7F8 $000 User 15 $7F8 2048 Bytes 2048 Bytes $0 $1 $2 $3 $4 $5 $6 $7
6.
Control Logic
Access to the user zones occurs only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration memory during device personalization. Also implemented in the control logic is a cryptographic engine for performing the various higher-level security functions of the device.
8
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
7.
Configuration Memory
The configuration memory consists of 2048 bits of EEPROM memory used for storing passwords, keys and codes and defining security levels to be used for each user zone. Access rights to the configuration memory are defined in the control logic and may not be altered by the user. Figure 9. $00 $08 $10 $18 $20 $28 $30 $38 $40 $48 $50 $58 $60 $68 $70 $78 $80 $88 $90 $98 $A0 $A8 $B0 $B8 $C0 $C8 $D0 $D8 $E0 $E8 $F0 $F8 PAC PAC PAC PAC PAC PAC PAC PAC Write 0 Write 1 Write 2 Write 3 Write 4 Write 5 Write 6 Write 7 PAC PAC PAC PAC PAC PAC PAC PAC Reserved Read 0 Read 1 Read 2 Read 3 Read 4 Read 5 Read 6 Read 7 Forbidden Password For Authentication and Encryption use Secret For Authentication and Encryption use Cryptography DCR AR0 AR4 AR8 AR12 PR0 PR4 PR8 PR12 AR1 AR5 AR9 AR13 Fab Code MTZ Lot History Code Identification Number Nc PR1 PR5 PR9 PR13 AR2 AR6 AR10 AR14 PR2 PR6 PR10 PR14 AR3 AR7 AR11 AR15 PR3 PR7 PR11 PR15 Access Control Configuration Memory $0 $1 $2 $3 $4 $5 $6 $7 Identification Read Only Answer to Reset Card Manufacturer Code
Issuer Code
9
5017KJS-SMEM-08/09
8.
Security Fuses
There are three fuses on the device that must be blown during the device personalization process. Each fuse locks certain portions of the configuration memory as OTP memory. Fuses are designed for the module manufacturer, card manufacturer and card issuer and should be blown in sequence, although all programming of the device and blowing of the fuses may be performed at one final step.
9.
Protocol Selection
The AT88SC25616C supports two different communication protocols. Smart Card Applications: The asynchronous T = 0 protocol defined by ISO 7816-3 is used for compatibility with the industry's standard smart card readers. Embedded Applications: A 2-wire serial interface is used for fast and efficient communication with logic or controllers. The power-up sequence determines which of the two communication protocols will be used.
9.1.
Asynchronous T = 0 Protocol
This power-up sequence complies with ISO 7816-3 for a cold reset in smart card applications. * * * * VCC goes high; RST, I/O-SDA and CLK-SCL are low. Set I/O-SDA in receive mode. Provide a clock signal to CLK-SCL. RST goes high after 400 clock cycles.
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory density within the CryptoMemory family. Once the asynchronous mode has been selected, it is not possible to switch to the synchronous mode without powering off the device. Figure 10. Asynchronous T = 0 Protocol (Gemplus Patent)
Vcc I/O-SDA RST CLK-SCL
After a successful ATR, the Protocol and Parameter Selection (PPS) protocol, as defined by ISO 7816-3, may be used to negotiate the communications speed with CryptoMemory devices 32 Kbits and larger. CryptoMemory supports D values of 1, 2, 4, 8, 12, and 16 for an F value of 372. Also supported are D values of 8 and 16 for F = 512. This allows selection of 8 communications speeds ranging from 9600 baud to 153,600 baud.
ATR
10
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
9.2.
Synchronous 2-wire Serial Interface
The synchronous mode is the default after powering up VCC due to an internal pull-up on RST. For embedded applications using CryptoMemory in standard plastic packages, this is the only communication protocol. * Power-up VCC, RST goes high also. * After stable VCC, CLK-SCL and I/O-SDA may be driven. Figure 11. Synchronous 2-wire Protocol
Vcc I/O-SDA RST CLK-SCL
Note:
1
2
3
4
5
Five clock pulses must be sent before the first command is issued.
10.
Communication Security Modes
Communications between the device and host operate in three basic modes. Standard mode is the default mode for the device after power-up. Authentication mode is activated by a successful authentication sequence. Encryption mode is activated by a successful encryption activation following a successful authentication. Table 4. Mode Standard Authentication Encryption Note: Communication Security Modes Configuration Data clear clear clear
(1)
User Data clear clear encrypted
Passwords clear encrypted encrypted
Data Integrity Check MDC MAC MAC
1. Configuration data include viewable areas of the Configuration Zone except the passwords: MDC: Modification Detection Code MAC: Message Authentication Code.
11
5017KJS-SMEM-08/09
11.
11.1.
Security Options
Anti-tearing
In the event of a power loss during a write cycle, the integrity of the device's stored data may be recovered. This function is optional: the host may choose to activate the anti-tearing function, depending on application requirements. When anti-tearing is active, write commands take longer to execute, since more write cycles are required to complete them, and data are limited to eight bytes. Data are written first to a buffer zone in EEPROM instead of the intended destination address, but with the same access conditions. The data are then written in the required location. If this second write cycle is interrupted due to a power loss, the device will automatically recover the data from the system buffer zone at the next power-up. In 2-wire mode, the host is required to perform ACK polling for up to 8 ms after write commands when anti-tearing is active. At power-up, the host is required to perform ACK polling, in some cases for up to 2 ms, in the event that the device needs to carry out the data recovery process.
11.2.
Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte page constitutes a write access byte for the bytes of that page. Example The write lock byte at $080 controls the bytes from $080 to $087. Figure 12. $080 Write Lock Example $0 11011001 $1 xxxx xxxx locked $2 xxxx xxxx locked $3 xxxx xxxx $4 xxxx xxxx $5 xxxx xxxx locked $6 xxxx xxxx $7 xxxx xxxx
Address
The write lock byte may also be locked by writing its least significant (rightmost) bit to "0". Moreover, when write lock mode is activated, the write lock byte can only be programmed - that is, bits written to "0" cannot return to "1". In the write lock configuration, only one byte can be written at a time. Even if several bytes are received, only the first byte will be taken into account by the device.
12
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
12.
Password Verification
Passwords may be used to protect read and/or write access of any user zone. When a valid password is presented, it is memorized and active until power is turned off, unless a new password is presented or RST becomes active. There are eight password sets that may be used to protect any user zone. Only one password is active at a time, but write passwords give read access also.
12.1.
Authentication Protocol
The access to a user zone may be protected by an authentication protocol. Any one of four keys may be selected to use with a user zone. The authentication success is memorized and active as long as the chip is powered, unless a new authentication is initialized or RST becomes active. If the new authentication request is not validated, the card loses its previous authentication and it should be presented again. Only the last request is memorized. Note: Password and authentication may be presented at any time and in any order. If the trials limit has been reached (after four consecutive incorrect attempts), the password verification or authentication process will not be taken into account. Password and Authentication Operations
Figure 13.
Device (Card)
Card Number VERIFY A COMPUTE Challenge B Challenge B READ ACCESS VERIFY RPW DATA Checksum (CS) VERIFY WPW VERIFY CS Write DATA WRITE ACCESS AUTHENTICATION
Host (Reader)
COMPUTE Challenge A Challenge A
VERIFY B Read Password (RPW) VERIFY CS Write Password (WPW) DATA CS
13
5017KJS-SMEM-08/09
12.2.
Checksum
The AT88SC25616C implements a data validity check function in the form of a checksum, which may function in standard, authentication or encryption modes. In the standard mode, the checksum is implemented as a Modification Detection Code (MDC), in which the host may read a MDC from the device in order to verify that the data sent was received correctly. In the authentication and encryption modes, the checksum becomes more powerful since it provides a bidirectional data integrity check and data origin authentication capability in the form of a Message Authentication Code (MAC). Only the host/device that carried out a valid authentication is capable of computing a valid MAC. While operating in the authentication or encryption modes, the use of a MAC is required. For an ingoing command, if the device calculates a MAC different from the MAC transmitted by the host, not only is the command abandoned but the mode is also reset. A new authentication and/or encryption activation will be required to reactivate the MAC.
12.3.
Encryption
The data exchanged between the device and the host during read, write and verify password commands may be encrypted to ensure data confidentiality. The issuer may choose to require encryption for a user zone by settings made in the configuration memory. Any one of four keys may be selected for use with a user zone. In this case, activation of the encryption mode is required in order to read/write data in the zone and only encrypted data will be transmitted. Even if not required, the host may elect to activate encryption provided the proper keys are known.
12.4.
Supervisor Mode
Enabling this feature allows the holder of one specific password to gain full access to all eight password sets, including the ability to change passwords.
12.5.
Modify Forbidden
No write access is allowed in a user zone protected with this feature at any time. The user zone must be written during device personalization prior to blowing the security fuses.
12.6.
Program Only
For a user zone protected by this feature, data within the zone may be changed from a "1" to a "0", but never from a "0" to a "1".
13.
Initial Device Programming
To enable the security features of CryptoMemory, the device must first be personalized to set up several registers and load in the appropriate passwords and keys. This is accomplished through programming the configuration memory of CryptoMemory using simple write and read commands. To gain access to the configuration memory, the secure code must first be successfully presented. For the AT88SC25616C device, the secure code is $17 C3 3A. After writing and verifying data in the configuration memory, the security fuses must be blown to lock this information in the device. For additional information on personalizing CryptoMemory, please see the application notes Programming CryptoMemory for Embedded Applications and Initializing CryptoMemory for Smart Card Applications (at www.Atmel.com).
14
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
14.
Ordering Information
Ordering Code AT88SC25616C-MJ AT88SC25616C-MJTG AT88SC25616C-PU AT88SC25616C-SU AT88SC25616C-WI Package M2 - J Module - ISO M2 - J Module - TWI 8P3 8S1 7 mil wafer Voltage Range 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V Temperature Range Commercial (0C-70C) Green compliant (exceeds RoHS) / Industrial (-40C-85C) Industrial (-40C-85C)
Package Type(1) (2) M2 - J Module : ISO or TWI 8P3 8S1 Note: M2 ISO 7816 Smart Card Module
Description
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 1. Formal drawings may be obtained from an Atmel sales office. 2. The J Module Package is used for either ISO (T=0 / 2-wire mode) or TWI (2-wire mode only).
15
5017KJS-SMEM-08/09
15.
Packaging Information
Ordering Code: MJ or MJTG
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Round - 8.5 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm *Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).
16
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
15.1. Ordering Code: SU
8S1 - JEDEC SOIC
C 1
E E1
N
L
Top View End View
e b A A1
SYMBOL A A1 b C D E1 E e L COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 0.40 0 NOM - - - - - - - 1.27 BSC - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.05 3.99 6.20 NOTE
D
Side View
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
3/17/05
1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906
TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC)
DRAWING NO. 8S1
REV. C
17
5017KJS-SMEM-08/09
15.2.
Ordering Code: PU
8P3 - PDIP
1
E E1
N
Top View
c eA
End View
COMMON DIMENSIONS (Unit of Measure = inches)
D D1
e A2 A
SYMBOL
A A2 b b2 b3 c D D1 E E1 e eA L
MIN
- 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240
NOM
- 0.130 0.018 0.060 0.039 0.010 0.365 - 0.310 0.250 0.100 BSC 0.300 BSC
MAX
0.210 0.195 0.022 0.070 0.045 0.014 0.400 - 0.325 0.280
NOTE
2 5 6 6 3 3 4 3 4
b2 b3
4 PLCS
L
b
Side View
0.115
0.130
0.150
2
Notes: 1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA, for additional information. 2. Dimensions A and L are measured with the pa ckage seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protusions. Mold Flash or protrusions shall not r exceed 0.010 inch. 4. E and eA measured with the leads constained to be perpendicular to datum. r 5. Pointed or rounded lead tips are pre ferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar prot usions. Dambar protrusions shall not exceed r 0.010 (0.25 mm).
01/09/02 REV. B
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP)
DRAWING NO. 8P3
18
AT88SC25616C
5017KS-SMEM-08/09
AT88SC25616C
Appendix A. Revision History
Doc. Rev. 5014KS 5014JS Date 08/2009 08/2009 Updated TWI module information Updated pin assignments and configuration figure Added note under features Updated Absolute Maximum Ratings Ordering code, package type and note updated Packaging Information - added "or MJTG" 5017JS 02/2009 Features Section - add `Green compliant (exceeds RoHS) to end of `Standard 8-lead Plastic Packages' bullet. Added Note to DC Characteristics table and applied to VCC and all 3 instances of VIH symbols in table. Ordering Information page: Add `Green compliant (exceeds RoHS) to middle row of Temperature Range Replace `Lead-free/Halogen-free. Keep industrial Updated to 2009 Copyright. 5017IS 5017HS 5017GS 5017GS 01/2009 11/2008 04/2007 03/2007 Removed P module offering. Updated timing diagrams. Final release version. Implemented revision history. Removed Industrial package offerings. Removed 8Y4 package offering. Replaced User Zone, Configuration Memory, Write Lock Example tables with new information. Comments
19
5017KJS-SMEM-08/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support securemem@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDEN-TAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) 2009 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof, CryptoMemory(R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
5017KS-SMEM-08/09


▲Up To Search▲   

 
Price & Availability of AT88SC25616C-MJTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X