Part Number Hot Search : 
C4521F 4000A 3414A A1700 HT1608L 51007 MC9S12 IRFP9240
Product Description
Full Text Search
 

To Download ADC-10-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
50 5 to 1000 MHz
Features
-40C to 85C -55C to 100C
Surface Mount
ADC-10-4+ ADC-10-4
Maximum Ratings
Operating Temperature Storage Temperature
Permanent damage may occur if any of these limits are exceeded.
Pin Connections
INPUT OUTPUT COUPLED GROUND 50 TERM EXTERNAL ISOLATE (DO NOT USE) 1 6 3 2 4 5
* wideband, 5-1000 MHz * low mainline loss, 0.8 dB typ. * high directivity, 40 dB typ. * aqueous washable * protected by U.S Patents 6,133,525 & 6,140,887
CASE STYLE: CD542 PRICE:$6.95 ea. QTY (10-49)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
* communications * cable tv
Directional Coupler Electrical Specifications
FREQ. (MHz) COUPLING (dB) MAINLINE LOSS1 (dB)
L Typ. Max. 0.8 1.3 M Typ. Max. 0.8 1.2 U Typ. Max. 1.0 1.5 L Typ. Min. 40 23
Outline Drawing
DIRECTIVITY (dB)
M Typ. Min. 40 20 U Typ. Min. 25 13
VSWR POWER (:1) INPUT, W
L Max. 1 MU Max. 1
fL-fU 5-1000
Nom. 10.50.5
Flatness 1.0
Typ. 1.2
L= 5-50 MHz M= 50-500 MHz U= 500-1000 MHz 1. Mainline loss includes theoretical power loss at coupled port.
Typical Performance Data
PCB Land Pattern
Frequency (MHz)
5.00 10.00 50.00 200.00 300.00
Mainline Loss (dB) In-Out
0.74 0.73 0.76 0.79 0.80 0.83 0.89 0.92 0.96 1.03
ADC-10-4 MAINLINE LOSS
Coupling (dB) In-Cpl
10.44 10.43 10.48 10.55 10.60 10.76 10.92 11.00 11.12 11.25
Directivity (dB)
39.83 41.65 45.47 41.69 38.88 35.93 31.62 28.76 25.83 23.20
In
23.72 24.20 24.43 25.51 26.39 26.67 23.71 21.88 20.21 18.78
Return Loss (dB) Out
31.43 32.13 32.57 31.16 30.23 28.20 25.20 23.31 21.32 19.45
Cpl
20.70 21.20 21.30 21.29 20.91 19.60 16.74 15.37 14.15 13.03
Suggested Layout, Tolerance to be within .002
500.00 700.00 800.00 900.00 1000.00
Outline Dimensions ( inch ) mm
A .272 6.91 H .030 0.76 B .310 7.87 J .026 0.66 C .220 5.59 K .065 1.65 D .100 2.54 L .300 7.62 E .112 2.84 F .055 1.40 G .100 2.54
INSERTION LOSS (dB) 1.5 1.3 1.1 0.9 0.7 0.5 0 200
at RF level of -10 dBm
ADC-10-4 COUPLING & DIRECTIVITY 60 COUPLING & DIRECTIVITY (dB) 50 40 30 20 10 0 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -10 dBm
COUPLING
DIRECTIVITY
wt grams 0.20
Demo Board MCL P/N: TB-05 Suggested PCB Layout (PL-095)
400 600 FREQUENCY (MHz)
800
1000
ADC-10-4 RETURN LOSS 40 RETURN LOSS (dB) 34 28 22 16 10 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -10 dBm
Electrical Schematic
CPL
IN
OUT
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV. G M119986 ED-6560/2 ADC-10-4 WZ/TD/CP/AM 081111


▲Up To Search▲   

 
Price & Availability of ADC-10-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X