Part Number Hot Search : 
29907 7101M HC4053 LC74402 URS120 908140 T700101 NSR2N7
Product Description
Full Text Search
 

To Download ADC-10-4-75R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
75
Maximum Ratings
OperatingTemperature StorageTemperature -40Cto85C -55Cto100C
Permanentdamagemayoccurifanyoftheselimitsareexceeded.
Surface Mount
ADC-10-4-75R+
5to1000MHz
Features
* wideband,5-1000MHz * gooddirectivity,20dBtyp. * goodVSWR,1.2:1typ. * internalload,noexternalcomponentsrequired * aqueouswashable * protectedbyUSPatents6,133,525&6,140,887 * CATVpowertap
CASESTYLE:CD636 PRICE:$7.95ea.QTY(10-49)
Pin Connections
INPUT OUTPUT COUPLED GROUND NOTUSED 1 6 3 2,5 4
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
Directional Coupler Electrical Specifications Outline Drawing
FREQ. (MHz)
fL-fU 5-1000
COUPLING (dB)
L Nom. 9.60.5 Flatness 0.5
MAINLINE LOSS1 (dB)
M Typ. Max. 1.1 1.6 U Typ. Max. 1.5 1.8 22 L Typ. Min. 17 Typ. Max. 1.0 1.8
DIRECTIVITY (dB)
M Typ. Min. 21 16 20 U Typ. Min. 14
VSWR POWER (:1) INPUT, W
Typ. 1.2 Max. 1.0
L=5-50MHzM=50-500MHzU=500-1000MHz 1.Mainlinelossincludestheoreticalpowerlossatcoupledport.
Typical Performance Data
Frequency (MHz)
PCB Land Pattern
Mainline Loss (dB)
In-Out
Coupling (dB)
In-Cpl 9.88 9.85 9.86 9.88 9.83 9.69 9.69 9.67 9.67 9.67
Directivity (dB)
In 21.29 22.23 22.50 21.97 20.70 20.16 20.34 20.86 21.08 20.31 19.29 20.18 20.25 20.46 20.68 22.10 30.01 29.75 31.38 40.80
Return Loss (dB)
Out 26.04 32.36 38.76 34.63 25.43 21.80 22.46 23.14 24.67 24.59 Cpl 18.58 19.76 19.95 19.87 19.72 20.73 21.32 21.37 19.79 18.03

5.00 10.00 50.00 100.00 300.00 500.00 650.00 800.00 900.00 1000.00
1.05 0.98 1.01 1.05 1.10 1.17 1.27 1.36 1.43 1.53
ADC-10-4-75R+ MAINLINE LOSS
Suggested Layout, Tolerance to be within .002
Outline Dimensions ( inch ) mm
A .272 6.91 H .030 0.76 B .310 7.87 J .026 0.66 C .220 5.59 K .065 1.65 D .100 2.54 L .300 7.62 E .162 4.11 F .055 1.40 G .100 2.54 wt grams 0.25
ADC-10-4-75R+ COUPLING & DIRECTIVITY 26 COUPLING & DIRECTIVITY (dB) 22 18 14 10 6 0 200 400 600 800 1000 COUPLING DIRECTIVITY
at RF level of -4.3 dBm
1.8 MAINLINE LOSS (dB) 1.6 1.4 1.2 1.0 0.8 0
at RF level of -4.3 dBm
Demo Board MCL P/N: TB-356 Suggested PCB Layout (PL-213)
200
400
600
800
1000
FREQUENCY (MHz)
FREQUENCY (MHz)
ADC-10-4-75R+ RETURN LOSS
45 RETURN LOSS (dB) 40 35 30 25 20 15 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -4.3 dBm
Electrical Schematic
CPL
IN
OUT
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV.A M119986 ED-12259/4 ADC-10-4-75R+ DY/LC/CP/AM 090313


▲Up To Search▲   

 
Price & Availability of ADC-10-4-75R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X