Part Number Hot Search : 
KMM366 C3216 SMCJ90A NCP62306 CNY17 ON0898 3200A MP2060
Product Description
Full Text Search
 

To Download A1035-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A1035-H
Positioning Products
Cost-efficient and complete - an SMT GPS antenna module
The A1035-H is Vincotech's answer to the most critical requirements in the GPS market: High performance, new features and lowest costs. The complete GPS antenna module is designed around the low power SiRFStar III chip. With the antenna tuned to the module, the module combines high sensitivity with an extremely low current draw. The module also offers an additional input for external antennas. By changing the state of an input pin, the application can switch between this external antenna and the integrated one. Surface Mount Technology (SMT) allows for use of pick-and-place machines, so no manual operation is required. Lowest assembly cost Antenna select option Very small footprint Ultra-low power consumption Bench marking sensitivity
I I I I I
Complete GPS module on SMT basis Integrated RF switch 16.5 x 30.5 mm2 86 mW average in tracking mode -159 dBm tracking
Positioning Receiver Portfolio
With the mission to support our customers in implementing GPS functionality into their systems, Vincotech is offering a large product portfolio to cover almost all integration possibilities in an easy way. A dedicated R&D team located in the Munich region, Germany, develops sensitive positioning solutions based on state of the art technologies. All GPS products are manufactured in our ISO9001 and TS16949 certified factory in the EU. Our modules comply to the RoHS standard and are 100% electrically and functionally tested prior to packaging. This way we constantly guarantee high quality products.
PRODUCTS SHOWN IN ACTUAL SIZE GPS Receivers Smart Antenna Modules
A1080-A
A1082-A
A1084-A
A1088-A
A1035-D
A1035-E
A1035-H
Back-up battery option
Internal antenna supply
A1080-A A1080-B A1082-A A1084-A A1084-B A1088-A
3.3 3.3 1.8 3.3 3.3 3.3
23 23 35 26 26 30
-30/85 -40/85 -30/85 -30/85 -30/85 -40/85
I I I I I
I I I I I I
I I I I I
I I I I I I I I I
I I I I I
I I I I I I
I I I I I
I I
19x16 19x16 14x12 I I I I 15x15 15x15 28x19
*
I I I
patch I A1035-D patch I A1035-E patch I A1035-H A1085-A** chip A1086-A** meander A1086-B** meander
I I I I I I I I I I I
I I I
35x35 A1080-A 21x21 A1082-A 30x17 A1084-A 31x17 A1080-A
t.b.d. 25x15 A1084-A t.b.d. 25x15 A1084-A
*SRAM backup possible with Enable pin
**product planned
Technical Details A1035-H
PERFORMANCE Channels Correlators Frequency Sensitivity Tracking Acquisition (cold start) Position accuracy (horizontal) Time To First Fix Hot start1) Warm start2) Cold start3) YOUR PARTNER COMMUNICATION Standard GPS software NMEA message switchable Baud rate Serial ports Tx0 Rx0 20 parallel tracking 200,000 plus L1 - 1,575 MHz -159 dBm (external) -158 dBm (integrated) -142 dBm < 2.5 m CEP autonomous < 2.0 m CEP SBAS <1s < 32 s < 35 s ENVIRONMENT Temperature Operating Storage Humidity -30C to +85C -40C to +85C Non-condensing
Copyright (c)2008* Vincotech-21-1108.05-E* Printed in Hungary* GPS A1035-H
POWER Input voltage Current draw Acquisition Tracking Standby Antenna supply via VANT Voltage range Max. allowed current4) MECHANICAL Dimensions Weight
3.0 to 3.6 VDC 31 mA (typical) 26 mA (typical) 20 A (typical) up to 5.0 V 50 mA
GGA, GSA, GSV, VTG, RMC, GLL 4,800 (default) to 115,200 3.3 V CMOS compatible NMEA output NMEA input
30.5 x 16.5 x 5.0 mm 1.2" x 0.65" x 0.2" 4.0 g / 0.14 oz.
1) The receiver has estimates of time/date/position and valid almanac and ephemeris data. 2) The receiver has estimates of time/date/position and almanac 3) The receiver has no estimate of time/date/position, and no recent almanac 4) An external current limiter is suggested to avoid damage in fault conditions
Vincotech GmbH Biberger Strae 93 82008 Unterhaching/Germany Phone Fax +49 (0)89 8780 67-0 +49 (0)89 8780 67-300
The information provided herein is believed to be reliable at press time. Vincotech assumes no responsibility for inaccuracies or omission. Vincotech assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. Prices and specifications are subject to change without notice. Vincotech does not authorize or warrant any of its products for use in lifesupport devices and/or systems.
www.vincotech.com/gps
Based on GPS receiver
AGPS Ephemeris Push
Low Power Mode Keep Ephemeris Alive
External antenna pin
Circular polarisation
Current draw @1fix per sec / mA
Linear polarisation
2nd antenna input Antenna switch
AEC-Q compliant components
GPS Receivers
Supply voltage / V
Firmware update (Flash)
Low Power Mode Trickle Power
Low Power Mode Push-To-Fix
Operating temperature / C
SMD solderable
Passive antenna
Smart Antenna Modules
Antenna type Size / mm2
Plug-in module
Active antenna
SBAS support
Shielding lid
Shielding lid
Size / mm2
ROM


▲Up To Search▲   

 
Price & Availability of A1035-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X