Part Number Hot Search : 
N2311 PE5513 KBJ601G MUR3060 JTB455C5 AD1836 FR40B05 MAC212
Product Description
Full Text Search
 

To Download 712-188M20AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 712-188 Environmental User-Installable Bulkhead Fitting for Series 75 Flexible Metal-Core Conduit
Series 75 Metal-Core Conduit
712-188 M 20 A D Product Series Basic No. Material/Finish (Table III) D = Flat for D Hole Mounting (Omit for none) Conduit Type Dash No. (Table I and II)
C FLATS D
FLAT FOR 'D' HOLE MOUNTING (SEE P/N DEVELOPMENT) .19 (4.8) REF O-RING
G E CONE LENGTH
B MTG HOLE
CONDUIT F I.D. DIA
A THREAD .120 (3.0) MAX PANEL
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com C-16
712-188 Environmental User-Installable Bulkhead Fitting for Series 75 Flexible Metal-Core Conduit
TABLE I DASH NO. 08 12 16 20 24 32 40 48 56 64 80 96 CONDUIT I.D. .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 1.750 (44.5) 2.000 (50.8) 2.500 (63.5) 3.000 (76.2) A THREAD CLASS 2A 1/2 - 20 UNF 5/8 - 24 UNEF 3/4 - 20 UNEF 7/8 - 20 UNEF 1 - 20 UNEF 1 5/16 - 18 UNEF 1 1/2 - 18 UNEF 1 3/4 - 18 UNS 2 - 18 UNS 2 1/4 - 16 UN 2 3/4 - 16 UN 3 1/4 - 16 UN B DIA +.030 (0.8) -.000 (0.0) .50 (12.7) .63 (16.0) .75 (19.1) .88 (22.4) 1.00 (25.4) 1.32 (33.5) 1.50 (38.1) 1.75 (44.5) 2.00 (50.8) 2.25 (57.2) 2.75 (69.9) 3.25 (82.6) C FLATS .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.562 (39.7) 1.812 (46.0) 2.062 (52.4) 2.312 (58.7) 2.562 (65.1) 3.062 (77.8) 3.562 (90.5) D DIA +000 (0.0) -.015 (0.4) .438 (11.1) .563 (14.3) .688 (17.5) .812 (20.6) .938 (23.8) 1.250 (31.8) 1.438 (36.5) 1.688 (42.9) 1.938 (49.2) 2.188 (55.6) 2.688 (68.3) 3.188 (81.0)
DASH NO. 08 12 16 20 24 32 40 48 56 64 80 96
.75 .75 .75 .75 .75 1.00 1.00 1.00 1.00 1.00 1.00 1.00
TABLE II F MAX E (NOTE 2) (19.1) 1.16 (29.5) (19.1) 1.34 (34.0) (19.1) 1.46 (37.1) (19.1) 1.65 (41.9) (19.1) 1.84 (46.7) (25.4) 2.02 (51.3) (25.4) 2.34 (59.4) (25.4) 2.72 (69.0) (25.4) 2.96 (75.2) (25.4) 3.22 (81.8) (25.4) 3.86 (98.0) (25.4) 4.38(111.3)
1.39 1.39 1.39 1.39 1.39 1.64 1.64 1.64 1.64 1.64 1.64 1.64
G (35.3) (35.3) (35.3) (35.3) (35.3) (41.7) (41.7) (41.7) (41.7) (41.7) (41.7) (41.7)
NOTES: 1. Metric dimensions (mm), are in parentheses. 2. F dimensions are based on type A construction. Add .125 (3.2) to listed dimensions for each additional shield types B through D.
TABLE III SYMBOL A B C M NC S
(c) 2003 Glenair, Inc.
MATERIAL Aluminum Alloy, 6061-T6 per QQ-A-225/8 Brass, ASTM B16 per QQ-B-626 Corrosion Resistant Steel per QQ-S-763, 300 Series Aluminum Alloy, 6061-T6 per QQ-A-225/8 Aluminum Alloy, 6061-T6 per QQ-A-225/8 Carbon Steel, B1113, per QQ-S-637
FINISH Cadmium, Olive Drab, per QQ-P-416, over Electroless Nickel per ASTM B733-90, and MIL-C-26074, 500 Hour Salt Spray
Passivate per QQ-P-35 Electroless Nickel per ASTM B733-90 and MIL-C-26074 Zinc Cobalt, Olive Drab Cadmium, Olive Drab per QQ-P-416, over Electroless Nickel per ASTM B733-90 and MIL-C-26074, 500 Hour Salt Spray
CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com C-17
Series 75 Metal-Core Conduit


▲Up To Search▲   

 
Price & Availability of 712-188M20AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X