Part Number Hot Search : 
AN2720SC CM6802B AI5412 LC4032V 514EFE 3T064A MMBD1202 PE33673
Product Description
Full Text Search
 

To Download 5031751010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5031751010 Active
1.50mm (.059") Pitch CLIK-MateTM Wire-to-Board PCB Receptacle, Single Row, Through Hole, Right Angle, without Peg, 10 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-503175-001 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Receptacles 503175 Wire-to-Board CLIK-MateTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 10 Beige 30 No Yes Yes Yes Copper Alloy Tin Tin 1 Right Angle No Yes 0.062 In 1.60 mm Tray 0.059 In 1.50 mm Yes Yes No -25C to +85C Through Hole
Search Parts in this Series 503175Series Mates With 502578 Crimp Housing . 502579 Crimp Terminal
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 100V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-503175-001 PS-503175-001, RPS-503175-001, RPS-503175-002 SD-503175-002
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5031751010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X