|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENA1367 2SK4197FG SANYO Semiconductors DATA SHEET 2SK4197FG Features * * * * N-Channel Silicon MOSFET General-Purpose Switching Device Applications Low ON-resistance, low input capacitance, ultrahigh-speed switching. Adoption of high reliability HVP process. Attachment workability is good by Mica-less package. Avalanche resistance guarantee. Specifications Absolute Maximum Ratings at Ta=25C Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *4 Avalanche Current *5 Symbol VDSS VGSS IDc *1 IDpack *2 IDP PD Tch Tstg EAS IAV Limited only by maximum temperature Tch=150C Tc=25C (SANYO's ideal heat dissipation condition)*3 PW10s, duty cycle1% Tc=25C (SANYO's ideal heat dissipation condition)*3 Conditions Ratings 600 30 3.5 3.3 13 2.0 28 150 --55 to +150 29 3.3 Unit V V A A A W W C C mJ A Note : *1 Shows chip capability. *2 Package limited. *3 SANYO's condition is radiation from backside. The method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made of aluminium. *4 VDD=50V, L=5mH, IAV=3.3A *5 L5mH, Single pulse Marking : K4197 Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. www.semiconductor-sanyo.com/network N2608QB MS IM TC-00001731 No. A1367-1/6 2SK4197FG Electrical Characteristics at Ta=25C Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=10mA, VGS=0V VDS=480V, VGS=0V VGS=30V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=1.8A ID=1.8A, VGS=10V VDS=30V, f=1MHz VDS=30V, f=1MHz VDS=30V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=200V, VGS=10V, ID=3.5A VDS=200V, VGS=10V, ID=3.5A VDS=200V, VGS=10V, ID=3.5A IS=3.5A, VGS=0V 3 0.8 1.6 2.5 260 50 9.7 12 20 28 12 11 2.6 5.8 0.9 1.2 3.25 Ratings min 600 100 100 5 typ max Unit V A nA V S pF pF pF ns ns ns ns nC nC nC V Package Dimensions unit : mm (typ) 7529-001 4.7 2.54 3.3 10.16 3.18 15.87 6.68 A 15.8 3.23 2.76 1.47 MAX 0.8 1 2 3 12.98 DETAIL-A (0.84) 0.5 FRAME EMC ( 1.0) 1 : Gate 2 : Drain 3 : Source SANYO : TO-220F-3SG 2.54 2.54 Switching Time Test Circuit PW=10s D.C.0.5% VDD=200V ID=1.8A RL=111 VGS=10V D G S VOUT Avalanche Resistance Test Circuit L 50 RG 10V 0V 2SK4197FG 50 VDD P.G RGS=50 2SK4197FG No. A1367-2/6 2SK4197FG For this package, a part of inner electrode is exposed. Please refer to the package outline for the detailedstructure. So when mounting the device, please pay enough attention to the isolation with the heatsink. According to the device mounting method, sometimes the insulation voltage may be decreased. (refer to the below insulation characteristics) Insulation / Ta=25C / RH75% Parameter Symbol VISO1 Lead & resin insulation * * : AC voltage measurement VISO2 VISO3 Conditions Metal spacer Refer to Fig.1 Washer 5.8mm Refer to Fig.2 Insulated screw, Insulated washer Ratings min typ 1600 2100 3900 max Unit Vrms Vrms Vrms Fig.1 Fig.2 IT14077 IT14078 Insulation Measuring Diagram Insulation voltage tester AC / 1 s M3 screw Washer Metal spacer Operating pin Washer Lead Al heatsink Al heatsink IT14079 No. A1367-3/6 2SK4197FG 8 7 ID -- VDS Tc=25C 10V 8 7 6 5 4 3 2 1 0 ID -- VGS VDS=20V Tc= --25C 25C 75C Drain Current, ID -- A 5 4 3 2 1 0 8V VGS=5V 0 5 10 15 20 25 6V 30 IT13709 Drain Current, ID -- A 6 15V 0 2 4 6 8 10 12 14 16 18 20 Drain-to-Source Voltage, VDS -- V 8 7 6 5 4 3 2 1 0 RDS(on) -- VGS Gate-to-Source Voltage, VGS -- V 8 RDS(on) -- Tc IT13710 ID=1.8A Static Drain-to-Source On-State Resistance, RDS(on) -- Static Drain-to-Source On-State Resistance, RDS(on) -- 7 6 5 4 3 2 1 0 --50 Tc=75C 25C --25C VG =1 S =1 ID V, 0 .8A 5 6 7 8 9 10 11 12 13 14 15 --25 0 25 50 75 100 125 150 Gate-to-Source Voltage, VGS -- V 5 | yfs | -- ID IT13711 3 2 10 7 5 3 2 1.0 7 5 Case Temperature, Tc -- C IS -- VSD IT13712 Forward Transfer Admittance, | yfs | -- S VDS=10V 5C VGS=0V 3 1.0 7 5 3 2 5C --2 Tc= C 75 Source Current, IS -- A 2 2 0.1 7 5 3 2 0.1 0.1 2 3 5 7 1.0 2 3 5 7 0.01 0.2 0.4 0.6 --25 C 0.8 3 2 Tc=7 5C 25C 1.0 1.2 1.4 IT13714 Drain Current, ID -- A 5 3 SW Time -- ID IT13713 1000 Ciss, Coss, Crss -- VDS Diode Forward Voltage, VSD -- V VDD=200V VGS=10V Ciss, Coss, Crss -- pF 7 5 3 2 100 7 5 3 2 10 f=1MHz Switching Time, SW Time -- ns 2 Ciss 100 7 5 3 2 tf Coss td (off) tr Crss 10 7 0.1 2 3 5 7 td(on) 1.0 2 3 5 7 7 5 0 10 20 30 40 50 IT13737 Drain Current, ID -- A IT13715 Drain-to-Source Voltage, VDS -- V No. A1367-4/6 2SK4197FG 10 9 VGS -- Qg VDS=200V ID=3.5A Drain Current, ID -- A 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 ASO IDP=13A IDC=3.5A IDpack=3.3A PW10s Gate-to-Source Voltage, VGS -- V 8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 12 IT13717 10 1m s 10 m D C 100 s op ms er at io n 10 0 s s Operation in this area is limited by RDS(on). Tc=25C Single pulse 23 5 7 1.0 23 5 7 10 23 5 7 100 23 0.01 0.1 Total Gate Charge, Qg -- nC 2.5 PD -- Ta Drain-to-Source Voltage, VDS -- V 30 PD -- Tc 5 71000 IT14236 Allowable Power Dissipation, PD -- W Allowable Power Dissipation, PD -- W 28 25 2.0 20 1.5 15 1.0 10 0.5 5 0 0 20 40 60 80 100 120 140 160 0 0 20 40 60 80 100 120 140 160 Ambient Temperature, Ta -- C 120 EAS -- Ta IT13719 Case Temperature, Tc -- C IT13720 Avalanche Energy derating factor -- % 100 80 60 40 20 0 0 25 50 75 100 125 150 175 IT10478 Ambient Temperature, Ta -- C No. A1367-5/6 2SK4197FG Note on usage : Since the 2SK4197FG is a MOSFET product, please avoid using this device in the vicinity of highly charged objects. SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. This catalog provides information as of November, 2008. Specifications and information herein are subject to change without notice. PS No. A1367-6/6 |
Price & Availability of 2SK4197FG |