Part Number Hot Search : 
MP7686KN ENN8055 SBR10 STF16A60 SSM3K15 00BZXI P4SMA36A 2SA1634
Product Description
Full Text Search
 

To Download 2SA1941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1941
DESCRIPTION With TO-3P(I) package Complement to type 2SC5198 APPLICATIONS Power amplifier applications Recommend for 70W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -10 -1 100 150 -55~150 ae ae UNIT V V V A A W
JMnic
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-7 A;IB=-0.7A IC=-5A ; VCE=-5V VCB=-140V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-5A ; VCE=-5V IC=-1A ; VCE=-5V IE=0; VCB=10V;f=1MHz 55 35 30 320 MIN -140
2SA1941
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-2.0 -1.5 -5 -5 160 |I |I
V V A A
MHz pF
hFE-1 classifications R 55-110 O 80-160
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1941
Fig.2 Outline dimensions
3
JMnic
Silicon PNP Power Transistors
2SA1941
4


▲Up To Search▲   

 
Price & Availability of 2SA1941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X