Part Number Hot Search : 
MAD26027 2SJ340 VICES 3018A 1100S 2SK21 A8021178 MUR505
Product Description
Full Text Search
 

To Download 2SA1576AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
FEATURES
Power dissipation.(PC=200mW) Excellent HFE Linearity. Complements the 2SC4081.
Production specification
2SA1576AW
Pb
Lead-free
APPLICATIONS
General purpose application.
ORDERING INFORMATION
Type No. 2SA1576AW Marking FQ/FR/FS
SOT-323
Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Value -60 Units V
Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous
-50 -6 -150
V V mA
Collector Dissipation Junction and Storage Temperature
200 -55~150
mW
Document number: BL/SSSTF029 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
Production specification
2SA1576AW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT Cob Test conditions IC=-50A,IE=0 IC=-1mA,IB=0 IE=-50A,IC=0 VCB=-60V,IE=0 VEB=-6V,IC=0 VCE=-6V,IC=-1mA IC=-50mA, IB=-5mA VCE=-12V, IC= -2mA f=30MHz VCB=-12V,IE=0,f=1MHz 140 4 5 120 MIN -60 -50 -6 -0.1 -0.1 560 -0.5 V MHz pF TYP MAX UNIT V V V A A
CLASSIFICANTION OF hFE
Rank Range marking Q 120-270 FQ R 180-390 FR S 270-560 FS
Document number: BL/SSSTF029 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
2SA1576AW
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device 2SA1576AW Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSTF029 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of 2SA1576AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X