Part Number Hot Search : 
CA311S NJM2232A B57238 BXMP1019 13N06 CP1063G MHW9227A TL082BI
Product Description
Full Text Search
 

To Download 1SS358PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
APPLICATION
* Ultra high speed switching
1SS358PT
FEATURE
* Small surface mounting type. (SC-76/SOD-323) * High speed. (TRR=1.2nSec Typ.) * Suitable for high packing density. * Peak forward current is 225mA. * High reliability with high surge current handling capability.
(1) (2)
SC-76/SOD-323
Cathode Band 0.25~0.4 1.15~1.4
CONSTRUCTION
* Silicon epitaxial planar
1.6~1.8
MARKING
* 1D
0.6~1.0 0.1Max. 0.08~0.177 0.25~0.45 2.3~2.7
CIRCUIT
(2)
(1)
Dimensions in millimeters
SC-76/SOD-323
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1Sec. Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Maximum Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TRR TJ TSTG 1SS358PT 90 63 80 0.1 0.5 3.0 4.0 +125 -55 to +125 UNITS Volts Volts Volts Amps Amps pF nSec
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF= 100mA Maximum Average Reverse Current at VR= 80V SYMBOL VF IR 1SS358PT 1.20 250 UNITS Volts mAmps 2001-6
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 6.0 volts. 2. Measured at applied froward current of 10mA and reverse voltage of 6.0 volts. 3. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( 1SS358PT )
FIG. 1 - FORWARD CHARACTERISTICS 1 FORWARD CURRENT, (A) 100m 10m 1m 100u 10u 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE, (V)
o
FIG. 2 - REVERSE CHARACTERISTICS 1000m REVERSE CURRENT, (A) 500m 250m 100m 50m
25oC Ta=125oC 75oC
Ta=125oC 75oC 25 C -25oC
1m 0 0 20 40 60 80 100 120 REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE REVERSE RECOVERY TIME, (nS) 10 JUNCTION CAPACITANCE, (pF) 5 2 1 0.5 0.2 0.1 0 2 4 6 8 10 12 14 REVERSE VOLTAGE, (V) 3
FIG. 4 - REVERSE RECOVERY TIME CHARATERISTICS
VR=6V IRR=1/10IR
2
1
0
0
10
20
30
FORWARD CURRENT, (mA)
PEAK FORWARD SURGE CURRENT, (A)
100 50 20 10 5 2 1
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PULSE Single pulse
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0.01F D.U.T.
5 PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE
0.1
1
10
100
1000
10000
PULSE WIDTH, (Sec)


▲Up To Search▲   

 
Price & Availability of 1SS358PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X