Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
 

To Download 1N4148WGH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
SURFACE MOUNT SWITCHING DIODE Halogen-free type Lead free product
.028 (0.70) .019 (0.50)
SOD-123 .154 (3.90) .414 (3.60) .110 (2.80) .098 (2.50) .071 (1.80) .055 (1.40) .008(0.20)Max.
1N4148WGH
.053 (1.35) .037 (0.95) .016 (0.40) Min.
Features * Fast Switching Speed. * Electrically Identical to Standerd JEDEC * High Conductance * Surface Mount Package Ideally Suited for Automatic Insertion. Mechanical Data Case : SOD-123 plastic case. Terminals : Solderable per MIL-STD-202, Method 208 Standard packaging : 8mm tape Weight : approximately 0.01g
.005 (0.12) Max.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Reverse Voltage Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage
Symbol VR VRM VRMS VDC
o
1N4148WGH 75 100 50 75 150 2 4 4
UNITS Volts Volts Volts Volts mA Amps pF nSec
o
Maximum Average Forward Current at Ta = 25 C Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated Ioad ( JEDEC method ) Typical Junction Capacitane (NOTES 1)
Maximum Reverse Recovery (NOTES 2)
IAV IFSM CJ TRR
R JA Tj
Maximum Thermal Resistance Storage Temperature Range
450 -55 to +125
C/W
oC
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 0.05 A
Symbol VF IR
Ptot
1N4148WGH 1.0 2.5
UNITS Volts uAmps
Maximum DC Reverse Current at Rated DC Blocking o Voltage TJ = 25 C Power Dissipation Derate Above 25 C
o
410
mW
NOTES : 1. CJ at VR = 0, f = 1MHZ 2. From IF = 10mA to IR = 1mA, VR = 6 Volts, RL = 100
2009/03 Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES 1N4148WGH
FIG.1 - FORWARD CHARACTERISTICS 100 PEAK FORWARD SURGE CURRENT, AMPERES FORWARD CURRENT, mA 2.5
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2.0
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
10
1.5
1.0
1.0
0.5
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0 1 10 NUMBER OF CYCLES AT 60Hz 100
FORWARD VOLTAGE, Volts
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 6.0 REVERSE LEAKAGE CURRENT, uA DIODE CAPACITANCE, pF 10
FIG.4 - REVERSE CHARACTERISTICS
TJ = 155oC TJ = 125oC
4.5
1.0
TJ = 85oC
3.5
0.1
TJ = 55oC
1.5
0.01
TJ = 25oC
0 0 2 4 6 8
0.001 0 10 20 30 40 50
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FIG. 5 - RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
60V
VRF = 2VRF
2nF
5kV
Vo
2009/03
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1N4148WGH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X