Part Number Hot Search : 
HCF4536 CP268 HBC548 CA3274E BF1009 XB0126P PI6CV855 KK74HC
Product Description
Full Text Search
 

To Download 135D306X0006C2E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 135D Vishay Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 C to + 200 C Operation
FEATURES
Terminations : standard Tin/lead (SnPb), 100 % Tin (RoHS compliant) available Standard and Extended Ratings
Available
RoHS*
COMPLIANT
Model 135D tantalum-case tantalum electrolytic capacitors incorporate the advantages of all the varieties of electrolytic capacitors and eliminate most of the disadvantages. These units have a 3 volt reverse voltage capability at + 85 C and a higher ripple current capability than any other electrolytic type with similar combinations of capacitance and case size. Designed for the aerospace applications, this capacitor was developed under partial sponsorship of the Marshall Space Flight Center, National Aeronautics and Space Administration. The capacitors have a high resistance to damage from shock and vibration. Extended range ratings and high temperature designs are available. Model 135D capacitors are commercial equivalents of Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style; TLT, TXT, THT, THX and Military Style CLR79 and CLR81, designed to meet the performance requirements of Military Specification MIL-PRF-39006/22/25. Capacitors to meet MILPRF- 39006/22/25 should be ordered by part numbers shown in that specification.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C. (To + 200 C with voltage derating.) Capacitance Tolerance: At 120 Hz, + 25 C. 20 % standard. 10 %, 5 % available as special. DC Leakage Current (DCL Max.): At + 25 C and above: Leakage current shall not exceed the values listed in the Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000 hour life test at a temperature of + 85 C or + 125 C at the applicable rated DC working voltage. Following life test: 1. DCL, measured at + 85 C rated voltage, shall not be in excess of the original requirement. 2. The equivalent series resistance shall not exceed 150 % of the initial requirement. 3. Change in capacitance shall not exceed 10 % from the initial measurement.
ORDERING INFORMATION
135D MODEL 306 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % X5 = 5 % 006 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts). C CASE CODE See Ratings and Case Codes Table. 2 STYLE NUMBER Standard 0 = No outer tube. 2 = Outer polyesterfilm insulation. High Temperature 8 = No outer tube. 6 = High temperature film insulation (above + 125 C). E3 RoHS COMPLIANT E3 = 100 % tin termination (RoHS compliant design) Blank = SnPb termination (standard design)
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to the unit weight. * Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 2 For technical questions, contact: wettants@vishay.com Document Number: 40024 Revision: 26-Sep-06
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 C to + 200 C Operation
DIMENSIONS in inches [millimeters]
E L1 E D
135D Vishay
0.0253 0.002 [0.64 0.05] Dia. (No. 22 AWG) Tinned Nickel Leads Solderable and Weldable
Weld L2 Tantalum
CASE CODE TYPE 135D C DCLR 79/81 EQUIV. T1 D L1 L2 (Max.) E
WEIGHT IN GRAMS (Max.) 2.6 6.2 11.6 17.7
0.188 0.016 0.453 + 0.031 - 0.016 0.734 1.500 0.250 [4.78 0.41] [11.51 + 0.79 - 0.41] [18.64] [38.10 6.35] 0.281 0.016 0.641 + 0.031 - 0.016 0.922 2.250 0.250 F T2 [7.14 0.41] [16.28 + 0.79 - 0.41] [23.42] [57.15 6.35] 0.375 0.016 0.766 + 0.031 - 0.016 1.047 2.250 0.250 T T3 [9.53 0.41] [19.46 + 0.79 - 0.41] [26.59] [57.15 6.35] 0.375 0.016 1.062 + 0.031 - 0.016 1.343 2.250 0.250 K T4 [9.53 0.41] [26.97 + 0.79 - 0.41] [34.11] [57.15 6.35] *For insulated parts, add 0.015" [0.38] to the diameter. The insulation shall lap over the ends of the capacitor body.
STANDARD RATINGS
Max. ESR Max. IMP. Max. DCL (A) Max. CAPACITANCE CHANGE Max. at at at (%) at RIPPLE PART NUMBER* + 25 C - 55 C 40 kHz + 85 C 120 Hz 120 Hz rms + 25 C - 55 C + 85 C + 125 C + 125 C (Ohms) (Ohms) (mA) 6 WVDC at + 85 C . . . 4 WVDC at + 125 C. . . 3.6 WVDC at + 200 C 30 C 135D306X0006C2 4.0 100 1.0 2.0 - 40 + 10.5 + 12 820 68 C 135D686X0006C2 3.2 60 1.0 2.0 - 40 + 14 + 16 960 140 F 135D147X0006F2 2.0 40 1.0 3.0 - 40 + 14 + 16 1200 270 F 135D277X0006F2 2.2 25 1.0 6.5 - 44 + 17.5 + 20 1375 330 T 135D337X0006T2 1.4 20 2.0 7.9 - 44 + 14 + 16 1800 560 T 135D567X0006T2 1.3 25 2.0 13.0 - 64 + 17.5 + 20 1900 1200 K 135D128X0006K2 1.0 20 3.0 14.0 - 80 + 25 + 25 2265 8 WVDC at + 85 C . . . 5 WVDC at + 125 C . . . 4.8 WVDC at + 200 C 25 C 135D256X0008C2 4.0 100 1.0 2.0 - 40 + 10.5 + 12 820 56 C 135D566X0008C2 3.3 59 1.0 2.0 - 40 + 14 + 16 900 120 F 135D127X0008F2 2.6 50 1.0 2.0 - 44 + 17.5 + 20 1230 220 F 135D227X0008F2 2.4 30 1.0 7.0 - 44 + 17.5 + 20 1370 290 T 135D297X0008T2 1.8 25 2.0 6.0 - 64 + 17.5 + 20 1770 430 T 135D437X0008T2 1.4 25 2.0 14.0 - 64 + 17.5 + 20 1825 850 K 135D857X0008K2 1.0 22 4.0 16.0 - 80 + 25 + 25 2330 10 WVDC at + 85 C . . . 7 WVDC at + 125 C . . . 6 WVDC at + 200 C 20 C 135D206X0010C2 4.0 120 1.0 2.0 - 32 + 10.5 + 12 820 47 C 135D476X0010C2 3.7 90 1.0 2.0 - 36 + 14 + 16 855 100 F 135D107X0010F2 2.4 60 1.0 4.0 - 36 + 14 + 16 1200 180 F 135D187X0010F2 2.2 40 1.0 7.0 - 36 + 14 + 16 1365 250 T 135D257X0010T2 1.8 30 2.0 10.0 - 40 + 14 + 16 1720 390 T 135D397X0010T2 1.5 25 2.0 16.0 - 64 + 17.5 + 20 1800 750 K 135D757X0010K2 1.0 23 4.0 16.0 - 80 + 25 + 25 2360 15 WVDC at + 85 C . . . 10 WVDC at + 125 C . . . 9 WVDC at + 200 C 15 C 135D156X0015C2 4.4 155 1.0 2.0 - 24 + 10.5 + 12 780 33 C 135D336X0015C2 4.0 90 1.0 2.0 - 28 + 14 + 16 820 70 F 135D706X0015F2 2.8 75 1.0 4.0 - 28 + 14 + 16 1150 120 F 135D127X0015F2 2.6 50 1.0 7.0 - 28 + 17.5 + 20 1450 170 T 135D177X0015T2 2.4 35 2.0 10.0 - 32 + 14 + 16 1480 270 T 135D277X0015T2 2.2 30 2.0 16.0 - 56 + 17.5 + 20 1740 540 K 135D547X0015K2 1.0 23 6.0 24.0 - 80 + 25 + 25 2330 * Part Numbers listed are for units with 20 % capacitance tolerance insulated capacitors. For 10 % tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6". For RoHS compliant add "E3". CAPACITANCE (F) CASE CODE Document Number: 40024 Revision: 26-Sep-06 For technical questions, contact: wettants@vishay.com www.vishay.com 3
135D Vishay
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 C to + 200 C Operation
STANDARD RATINGS
Max. ESR Max. IMP. Max. DCL (A) Max. CAPACITANCE CHANGE Max. at at at (%) at RIPPLE PART NUMBER* + 25 C - 55 C 40 kHz + 85 C 120 Hz 120 Hz rms + 25 C - 55 C + 85 C + 125 C + 125 C (Ohms) (Ohms) (mA) 25 WVDC at + 85 C . . . 15 WVDC at + 125 C . . . 12 WVDC at + 200 C 10 C 135D106X0025C2 5.3 220 1.0 2.0 - 16 +8 +9 715 22 C 135D226X0025C2 4.2 140 1.0 2.0 - 20 + 10.5 + 12 800 50 F 135D506X0025F2 3.0 70 1.0 2.0 - 28 + 13 + 15 1130 100 F 135D107X0025F2 2.8 50 1.0 10.0 - 28 + 13 + 15 1435 120 T 135D127X0025T2 2.6 38 2.0 6.0 - 32 + 13 + 15 1450 180 T 135D187X0025T2 2.2 32 2.0 18.0 - 48 + 13 + 15 1525 350 K 135D357X0025K2 1.3 24 7.0 28.0 - 70 + 25 + 25 1970 30 WVDC at + 85 C . . . 20 WVDC at + 125 C . . . 18 WVDC at + 200 C 8 C 135D805X0030C2 6.6 275 1.0 2.0 - 16 +8 + 12 640 15 C 135D156X0030C2 6.2 175 1.0 2.0 - 20 + 10.5 + 12 780 40 F 135D406X0030F2 4.0 65 1.0 5.0 - 24 + 10.5 + 12 1120 68 F 135D686X0030F2 2.9 60 1.0 8.0 - 24 + 13 + 15 1285 100 T 135D107X0030T2 2.7 40 2.0 12.0 - 28 + 10.5 + 12 1450 150 T 135D157X0030T2 2.3 35 2.0 18.0 - 48 + 13 + 15 1525 300 K 135D307X0030K2 1.4 25 8.0 32.0 - 60 + 25 + 25 1950 35 WVDC at + 85 C . . . 22 WVDC at + 125 C . . . 21 WVDC at + 200 C 15 C 135D156X0035C2 6.2 175 0.75 1.5 - 20 + 10.5 + 12 660 68 F 135D686X0035F2 2.9 60 1.0 2.0 - 24 + 13 + 15 1195 270 K 135D277X0035K2 1.4 26 3.0 12.0 - 58 + 25 + 25 1950 50 WVDC at + 85 C . . . 30 WVDC at + 125 C . . . 30 WVDC at + 200 C 5 C 135D505X0050C2 8.0 400 1.0 2.0 - 16 +5 +6 580 10 C 135D106X0050C2 6.4 250 1.0 2.0 - 24 +8 +9 715 25 F 135D256X0050F2 4.6 95 1.0 5.0 - 20 + 10.5 + 12 1005 47 F 135D476X0050F2 3.7 70 1.0 9.0 - 28 + 13 + 15 1155 60 T 135D606X0050T2 2.9 45 2.0 12.0 - 16 + 10.5 + 12 1335 82 T 135D826X0050T2 2.5 45 2.0 16.0 - 32 + 13 + 15 1400 160 K 135D167X0050K2 1.5 27 8.0 32.0 - 50 + 25 + 25 1900 60 WVDC at + 85 C . . . 40 WVDC at + 125 C . . . 36 WVDC at + 200 C 4 C 135D405X0060C2 9.3 550 1.0 2.0 - 16 +5 +6 525 8.2 C 135D825X0060C2 6.6 275 1.0 2.0 - 24 +8 +9 625 20 F 135D206X0060F2 4.7 105 1.0 5.0 - 16 +8 +9 930 39 F 135D396X0060F2 3.4 90 1.0 9.0 - 28 + 10.5 + 15 1110 50 T 135D506X0060T2 2.9 50 2.0 12.0 - 16 + 10.5 + 12 1330 68 T 135D686X0060T2 2.5 50 2.0 16.0 - 32 + 10.5 + 15 1365 140 K 135D147X0060K2 1.5 28 8.0 32.0 - 40 + 20 + 20 1850 75 WVDC at + 85 C . . . 50 WVDC at + 125 C . . . 45 WVDC at + 200 C 3.5 C 135D355X0075C2 9.5 650 1.0 2.0 - 16 +5 +6 525 6.8 C 135D685X0075C2 6.8 300 1.0 2.0 - 20 +8 +9 610 15 F 135D156X0075F2 5.3 150 1.0 5.0 - 16 +8 +9 890 33 F 135D336X0075F2 4.2 90 1.0 10.0 - 24 + 10.5 + 15 1000 40 T 135D406X0075T2 3.0 60 2.0 12.0 - 16 + 10.5 + 12 1250 56 T 135D566X0075T2 2.6 60 2.0 17.0 - 28 + 10.5 + 15 1335 110 K 135D117X0075K2 1.5 29 9.0 36 .0 - 35 + 20 + 20 1850 100 WVDC at + 85 C . . . 65 WVDC at + 125 C . . . 60 WVDC at + 200 C 2.5 C 135D255X0100C2 10.6 950 1.0 2.0 - 16 +7 +8 505 4.7 C 135D475X0100C2 8.5 500 1.0 2.0 - 16 +7 +8 565 11 F 135D116X0100F2 6.0 200 1.0 4.0 - 16 +7 +8 835 22 F 135D226X0100F2 4.8 100 1.0 9.0 - 16 +7 +8 965 30 T 135D306X0100T2 3.3 80 2.0 12.0 - 16 +7 +8 1240 43 T 135D436X0100T2 2.6 70 2.0 17.0 - 20 +7 +8 1335 86 K 135D866X0100K2 1.6 30 9.0 36.0 - 25 + 15 + 15 1800 25 T 135D256X0125T2 3.2 93 2.0 13.0 - 16 +7 +8 1200 56 K 135D566X0125K2 1.6 32 10.0 40.0 - 25 + 15 + 15 1800 125 WVDC at + 85 C . . . 85 WVDC at + 125 C . . . 75 WVDC at + 200 C 1.7 C 135D175X0125C2 15.6 1250 1.0 2.0 - 16 +7 +8 415 3.6 C 135D365X0125C2 10.0 600 1.0 2.0 - 16 +7 +8 520 9 F 135D905X0125F2 7.4 240 1.0 5.0 - 16 +7 +8 755 14 F 135D146X0125F2 5.7 167 1.0 7.0 - 16 +7 +8 860 18 T 135D186X0125T2 3.7 129 2.0 9.0 - 16 +7 +8 1130 * Part Numbers listed are for units with 20 % capacitance tolerance insulated capacitors. For 10 % tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6". For RoHS compliant add "E3". CAPACITANCE (F) CASE CODE www.vishay.com 4 For technical questions, contact: wettants@vishay.com Document Number: 40024 Revision: 26-Sep-06
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 C to + 200 C Operation
EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. ESR Max. IMP. at at + 25 C - 55 C 120 Hz 120 Hz (Ohms) (Ohms) Max. DCL (A) at + 25 C + 85 C + 125 C
135D Vishay
Max. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C
Max. RIPPLE 40 kHz rms (mA)
6 WVDC at + 85 C . . . 4 WVDC at + 125 C . . . 3.6 WVDC at + 200 C 135D227X0006C2 3.0 36 2 9 - 64 +13 +16 1000 135D567X0006F2 2.5 21 3 9 - 77 +16 +20 1500 135D827X0006F2 2.5 18 3 14 - 88 +16 +20 1500 135D128X0006T2 1.5 18 5 18 - 88 +20 +25 1900 135D158X0006T2 1.5 18 5 20 - 90 +20 +25 1900 135D228X0006K2 1.0 13 6 24 - 90 +25 +30 2300 8 WVDC at + 85 C . . . 5 WVDC at + 125 C . . . 4.8 WVDC at + 200 C 180 C 135D187X0008C2 3.0 45 2 9 - 60 +13 +16 1000 680 F 135D687X0008F2 2.5 22 3 14 - 83 +16 +20 1500 1500 T 135D158X0008T2 1.5 18 5 20 - 90 +20 +25 1900 1800 K 135D188X0008K2 1.0 14 7 25 - 90 +25 +30 2300 10 WVDC at + 85 C . . . 7 WVDC at + 125 C . . . 6 WVDC at + 200 C 120 C 135D127X0010C2 3.2 54 2 6 - 40 +14 +16 900 150 C 135D157X0010C2 3.0 54 2 9 - 55 +13 +16 900 390 F 135D397X0010F2 2.5 27 3 9 - 66 +16 +20 1450 560 F 135D567X0010F2 2.5 27 3 16 - 77 +16 +20 1450 1200 T 135D128X0010T2 1.5 18 5 20 - 88 +20 +25 1850 1500 K 135D158X0010K2 1.0 15 7 25 - 88 +25 +30 2300 15 WVDC at + 85 C . . . 10 WVDC at + 125 C . . . 9 WVDC at + 200 C 82 C 135D826X0015C2 3.9 72 2 6 - 35 +12 +16 900 100 C 135D107X0015C2 3.9 72 2 9 - 44 +13 +16 900 270 F 135D277X0015F2 2.5 31 3 9 - 62 +16 +15 1450 390 F 135D397X0015F2 2.5 31 3 16 - 66 +16 +20 1450 680 T 135D687X0015T2 1.8 22 6 18 - 74 +20 +25 1800 820 T 135D827X0015T2 1.8 22 6 24 - 77 +20 +25 1800 1000 K 135D108X0015K2 1.2 17 8 32 - 77 +25 +30 2330 25 WVDC at + 85 C . . . 15 WVDC at + 125 C . . . 12 WVDC at + 200 C 56 C 135D566X0025C2 4.3 90 2 6 - 25 +12 +15 850 68 C 135D686X0025C2 4.3 90 2 9 - 40 +12 +15 850 180 F 135D187X0025F2 2.7 33 3 9 - 54 +13 +15 1400 270 F 135D277X0025F2 2.7 33 3 16 - 62 +13 +16 1400 470 T 135D477X0025T2 1.8 24 6 18 - 65 +18 +25 1750 560 T 135D567X0025T2 1.8 24 7 28 - 72 +20 +25 1750 680 K 135D687X0025K2 1.2 19 8 32 - 72 +25 +30 2100 30 WVDC at + 85 C . . . 20 WVDC at + 125 C. . . 18 WVDC at + 200 C 47 C 135D476X0030C2 5.2 100 2 6 - 23 +12 +15 800 56 C 135D566X0030C2 5.2 100 2 9 - 38 +12 +15 800 150 F 135D157X0030F2 2.5 36 3 9 - 42 +13 +15 1200 220 F 135D227X0030F2 2.5 36 3 16 - 60 +13 +16 1200 390 T 135D397X0030T2 1.8 25 6 18 - 55 +18 +25 1500 470 T 135D477X0030T2 1.8 25 8 32 - 65 +20 +25 1500 560 K 135D567X0030K2 1.3 20 9 36 - 65 +25 +30 2000 * Part Numbers listed are for units with 20 % capacitance tolerance insulated capacitors. For 10 % tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6". For RoHS compliant add "E3". 220 560 820 1200 1500 2200 C F F T T K
Document Number: 40024 Revision: 26-Sep-06
For technical questions, contact: wettants@vishay.com
www.vishay.com 5
135D Vishay
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 C to + 200 C Operation
EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. ESR Max. IMP. at at + 25 C - 55 C 120 Hz 120 Hz (Ohms) (Ohms) Max. DCL (A) at + 25 C + 85 C + 125 C Max. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C Max. RIPPLE 40 kHz rms (mA)
35 WVDC at + 85 C . . . 22 WVDC at + 125 C . . . 21 WVDC at + 200 C 135D396X0035C2 4.1 61 2 6 - 22 +12 +14 820 135D127X0035F2 2.5 31 3 10 - 40 +13 +15 1315 135D337X0035T2 1.8 20 6 18 - 50 +16 +25 1640 135D477X0035K2 1.3 15 9 36 - 60 +25 +30 2040 50 WVDC at + 85 C . . . 30 WVDC at + 125 C . . . 30 WVDC at + 200 C 33 C 135D336X0050C2 5.0 135 2 9 - 29 +10 +12 700 100 F 135D107X0050F2 2.8 49 4 12 - 36 +13 +15 1200 120 F 135D127X0050F2 2.5 49 4 24 - 42 +12 +15 1200 270 T 135D277X0050T2 2.0 30 8 32 - 46 +20 +25 1450 330 K 135D337X0050K2 1.5 30 9 36 - 46 +25 +30 1900 60 WVDC at + 85 C . . . 40 WVDC at + 125 C . . . 36 WVDC at + 200 C 27 C 135D276X0060C2 5.0 144 3 12 - 24 +10 +12 700 82 F 135D826X0060F2 2.9 54 4 16 - 30 +15 +15 1100 100 F 135D107X0060F2 2.5 54 4 20 - 36 +12 +15 1100 220 T 135D227X0060T2 1.8 29 8 32 - 40 +16 +20 1400 270 K 135D277X0060K2 1.4 23 9 36 - 45 +20 +25 1850 75 WVDC at + 85 C . . . 50 WVDC at + 125 C . . . 45 WVDC at + 200 C 22 C 135D226X0075C2 5.1 157 3 12 - 19 +10 +12 600 68 F 135D686X0075F2 3.0 63 4 16 - 25 +12 +15 1000 82 F 135D826X0075F2 2.5 63 4 24 - 30 +12 +15 1000 180 T 135D187X0075T2 2.2 30 9 36 - 35 +16 +20 1300 220 K 135D227X0075K2 1.8 24 10 40 - 40 +20 +25 1800 100 WVDC at + 85 C . . . 65 WVDC at + 125 C . . . 60 WVDC at + 200 C 10 C 135D106X0100C2 5.9 200 3 12 - 17 +10 +12 800 39 F 135D396X0100F2 3.5 80 5 24 - 20 +12 +15 1300 68 T 135D686X0100T2 2.2 40 10 40 - 30 +14 +16 1600 120 K 135D127X0100K2 2.7 30 12 48 - 35 +15 +17 2000 125 WVDC at + 85 C . . . 85 WVDC at + 125 C . . . 75 WVDC at + 200 C 6.8 C 135D685X0125C2 11.7 300 3 12 - 14 +10 +12 700 27 F 135D276X0125F2 3.5 90 5 24 - 18 +12 +15 1200 47 T 135D476X0125T2 2.2 50 10 40 - 26 +14 +16 1500 68 K 135D686X0125K2 2.2 32 11 44 - 28 +15 +16 1850 82 K 135D826X0125K2 2.8 32 12 48 - 30 +15 +17 1900 * Part Numbers listed are for units with 20 % capacitance tolerance insulated capacitors. For 10 % tolerance capacitors, change the digit following the letter "X" from "0" to "9"; for 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve, change the last digit in the part number from "2" to "6". For RoHS compliant add "E3". 39 120 330 370 C F T K
www.vishay.com 6
For technical questions, contact: wettants@vishay.com
Document Number: 40024 Revision: 26-Sep-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 135D306X0006C2E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X