Part Number Hot Search : 
50WQ06FN DL5243B TA114 LD266 NTE56010 CLM4321 TPP25011 301100
Product Description
Full Text Search
 

To Download 1120955004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: Drawing (PDF)
1120955004 Active
brad_industrial_ethernet_products BradControlTM Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E200650
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series IP Rating Mechanical Shock Overview Product Name Protocol Style Industrial I/O Modules 112095 IP67 10G, 11ms, 3 AXIS brad_industrial_ethernet_products HarshIO Ethernet EtherNet/IP Classic
Physical
Bus Input Bus Output Housing Width I/O Connector I/O Signal Mix Ports Power Input Power Output Temperature Range - Operating Vibration 5-pole Micro-Change(R) (M12) 5-pole Micro-Change(R) (M12) 60.00mm (2.362") 5-pole Micro-Change(R) (M12) 14 input / 2 output 8 4-pole Mini-Change(R) 4-pole Mini-Change(R) -25C to +70C IEC 60068-2-6 Conformance
Search Parts in this Series 112095Series
Electrical
Current - Maximum per Contact EMC Input Delay Input Device Supply Input Type 2A per channel IEC 61000-6-2 2.5ms 200 mA per port at 25C NPN or Dry Contact
Material Info
Old Part Number TCDEI-8C2N-D1U
Reference - Drawing Numbers
Sales Drawing SD-112095-5003
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
T h e B r a d Co n t r o l TM I P6 7 I /O m o d u l e s p r o v i d e a r e l i a b l e s o l u t i o n f o r c o n n e c t i n g i n d u s t r i a l c o n t r o l l e r s t o I /O devic es in harsh environm ent s.
Et h e r N e t /I P TM Di s c r e t e I /O M o d u l e
Fe a t u r e s
Sc r o l l i n g 4 c h a r a c t e r s s t a t u s d i s p l a y for IP addressing and m odule st at us B u i l t -i n 2 -p o r t Et h e r n e t s w i t c h
1 0 /1 0 0 M b p s a u t o -s e n s i n g a n d c r o s s o v e r c apabilit y
I P6 7 Cl a s s i c M o d u l e
B u i l t -i n w e b s e r v e r f o r r e m o t e m onit oring, c onfigurat ion and diagnost ic s Co n f i g u r a b l e I /O c a p a b i l i t y (t h r o u g h w e b i n t e r f a c e & Et h e r N e t /I P c om m ands) Ac c ept s M12 t hreaded c onnec t ors or B r a d Co n n e c t i v i t y TM U l t r a -L o c k TM c onnec t ion syst em Su p p o r t s PN P & N PN i n p u t d e v i c e s Se v e r a l I /O c o n f i g u r a t i o n s t o c h o o s e from
T CDEM -8 Y Y X -DI U o f f e r s 1 6 p o i n t s o f c o n f i g u r a b l e I /O w h e r e t h e u s e r c a n c onfigure eac h point as eit her an input or out put
I /O Sy s t e m s f o r H a r s h Du t y En v i r o n m e n t s
BradControlTM EtherNet/IP I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh duty environments.
V i s i b l e L EDs p r o v i d e m a i n t e n a n c e personnel w it h t he abilit y t o easily d e t e r m i n e I /O, m o d u l e & n e t w o r k st at us Er r o r -m e m o r y f o r d i a g n o s t i c s v i a Et h e r N e t /I P Ra t e d I P6 7 f o r h a r s h e n v i r o n m e n t s De s i g n e d f o r d i r e c t m a c h i n e m o u n t applic at ions I P a d d r e s s i n g v i a B o o t p , DH CP o r s t a t i c (t h r o u g h w e b i n t e r f a c e , p u s h b u t t o n & Modbus c om m ands) St a n d a r d h o l e p a t t e r n a l l o w s f o r i n t e r c h a n g e a b i l i t y w i t h p o p u l a r I /O m odules Wa t c h d o g
Typic al Applic at ions
Mac hine t ool indust ry Mat erial handling syst em s Fi l l i n g & p a c k a g i n g St e e l i n d u s t r y
Contained in an IP67 rated housing, BradControl I/O modules can be machine mounted and are able to withstand areas where liquids, dust or vibration may be present. This makes them ideally suited for many applications including material handling equipment and automated assembly machinery. Advanced network features such as 10/100 Mbps auto-sensing, web server capabilities and a flexible IP address setup method, make configuration and operation simple. Following traditional industrial fieldbus practices, standard M12 connectors from sensing devices or actuators plug directly into the I/O module. An environmentally sealed IP67 connection between the I/O module and the TM Ethernet network is created using the Ultra-Lock connection system built into the BradControl EtherNet/IP I/O module.
Et h e r N e t /I P TM I /O M o d u l e
L ED I n d i c a t o r s
M o d u l e & I n p u t Po w e r (I ):
Green -power present Off -power not connected I/O Configurations
Tec hnic al Inform at ion
16 inputs 14 inputs / 2 outputs 12 inputs / 4 outputs 8 inputs / 8 outputs Universal & user configurable input / output channels (R) Micro-Change 5-pole M12 female TM TM BradConnectivity Ultra-Lock , internally threaded 2 connectors 4-pole female M12 D-Coded Ultra-Lock Acting as a switch. Crossover capability (R) Power in : male Mini-Change 5-pole Power out : female Mini-Change 5-pole Module & input power : 24 Vdc, Module output power : 24 Vdc (13 to 28 V), 8A max per module 10/100 Mbps auto-sensing, auto-detecting, full duplex BOOTP (default), DHCP, static address EtherNet/IP Compatible with dry contact and PNP or NPN 3-wire switches. Electronic short circuit protection 2.5 ms default or configurable through Modbus messaging 200 mA per port at 25 C Maximum 2.0 A per channel Electronic short circuit protection 200 Hz 60mm x 220mm x 20mm (2.36 x 8.66 x .78 inches) 37.5 mm (1.48 inches) horizontal on centers 210 mm (8.27 inches) vertical on centers Center hole -20C to 70C (-4F to 158F) -40C to 85C (-40F to 185F) IP67 according to IEC 60529 IEC 60068-2-6 10G, 11ms, 3 axis CE, UL, cUL, ODVA
Ou t p u t Po w e r (O):
Green -power present Off -power not connected I/O Connectors Ethernet Connectors
Di s p l a y B o x :
Inform about Ethernet address, IO and Watchdog status
Power Connectors Power Requirements
I n p u t / Ou t p u t (I x / Ox ):
Green - input/output on Red - input/output fault Off - input/output off Communications Rate IP Address Capabilities Protocol
Et h e r n e t L i n k (L N K 1 /2 ):
Solid Green- Ethernet link at 100 Mbit/s without activity. Flashing Green- Ethernet link at 100 Mbit/s with activity. Solid Yellow- Ethernet link at 10 Mbit/s without activity. Flashing Yellow - Ethernet link at 10 Mbit/s with activity. Input Type Input Delay Input Device Supply Output Load Current Maximum Switching Frequency Housing Dimensions Mounting Dimensions Operating Temperature Storage Temperature Protection Vibration Mechanical Shock Approvals
Or d e r i n g I n f o r m a t i o n
Catalog Number TCDEI-8DON-D1U TCDEI-8C2N-D1U TCDEI-8B4N-D1U TCDEI-888N-D1U TCDEI-8DOP-D1U TCDEI-8C2P-D1U TCDEI-8B4P-D1U TCDEI-888P-D1U TCDEI-8YYX-D1U SAP Material Number 1120955003 1120955004 1120955005 1120955006 1120955007 1120955008 1120955009 1120955010 1120955011 Product Description 8-port, M12 Ultra-Lock, 16 input, NPN 8-port, M12 Ultra-Lock, 14 input, 2 output, NPN 8-port, M12 Ultra-Lock, 12 input, 4 output, NPN 8-port, M12 Ultra-Lock, 8 input, 8 output, NPN 8-port, M12 Ultra-Lock, 16 input, PNP 8-port, M12 Ultra-Lock, 14 input, 2 output, PNP 8-port, M12 Ultra-Lock, 12 input, 4 output, PNP 8-port, M12 Ultra-Lock, 8 input, 8 output, PNP 8-port, M12 Ultra-Lock, 16 I/O user configurable
To contact us: www.woodhead.com
Reference Number: DW2008237 Date Published: June 2008
North America: US: + 1-800-225-7724 - Canada: +1 (905) 624-6518 Europe: France: +33 (0)1 64 30 91 36 - Germany: +49 7252/94 96-0 - Italy: +39 026-6400321 United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Micro-Change & Mini-Change are registered trademarks and BradControl, BradConnectivity and Ultra-Lock are trademarks of Molex Incorporated. (c) 2008 Molex
1
2
3
4
5
6
ZONEREV. 01
7
REVISIONSVERLAUF BEZEICHNUNG INITIAL RELEASE
8
DATUM 12.7.2006 GENEHMIGT FP
A-A
A
Cardboard Box H40xW60xL221mm Label (yellow) with black printing (Label shown for reference only)
A
M12 MALE CLOSURE CAP (4 loose pieces added per unit)
B
IP67 I/O connected ( 1 : 2 ) IP67 I/O ( 1 : 2 ) Window open (105)
60,0
B
A
C
A
C
220,0
FINAL PART NUMBERS (Configured Variantions): TCDEI-8D0P-D1U 16 inputs PNP TCDEI-8C2P-D1U 14 inputs PNP, 2 outputs sourcing (twin wired) TCDEI-8B4P-D1U 12 inputs PNP, 4 outputs sourcing TCDEI-888P-D1U 8 inputs PNP, 8 outputs sourcing TCDEI-8D0N-D1U 16 inputs NPN, TCDEi-8C2N-D1U 14 inputs NP N, 2 outputs sinking (twin wired) TCDEI-8B4N-D1U 12 inputs NPN, 4 outputs sinking TCDEI-888N-D1U 8 inputs NPN, 8 outputs sinking TCDEI-8YYX-D1U 16 User configurable input / output channels
D
(31,5)
20,0
D
210,0 107 X (2:1) shown without Window Seal Push-Button
L6,2xB6,2xH5,0mm
MAX. Clearance Window
(37,1) 38,0
E
16,50
E
Display HCMS 2902
L17,78xB10,16xH5,08mm
Jumper
L5,0xB3,0xH...mm
22,00
MAX.Clearance Window
BOM / Stuckliste
This drawing and its contents are the proprietary and confidential property of Woodhead Industries Inc. and/or its subsidiariesand may not be used or disclosed to others without the express prior written consent of Woodhead Industries Inc. and/or its subsidiaries.
Supply X01 Through Loop X02 (5P MC, PWR IN MALE) (5P MC, PWR OUT FEMALE) 5 - 2L+ 4 - 1L+ 2 - 1M 1 - 2M 3 - PE
F
I/O Port (5P FEM REC, A-Code)) 1 - +24Vdc 5 - Shield / PE 2 - B Input / Output or Output
Bus Connection (4P FEM REC; D-Code) 1 - TX+ 2 - TX4 - RX3- RX+
01 Rev. SEE REV TABLE Change 12.07.06 Date FP Name PROJECTION 1 : GER
UNLESS OTHERWISE SPECIFIED
x = 1 X.X = 0,1 X.XX = 0,05 Winkel = 1 Date PROC 12.07.2006 CHK Norm. Woodhead Connectivity GmbH Gewerbestrae 60 75015 Bretten-Golshausen Tel.: 07252/9496-0 Fax: 07252/9496-199 Name FP
Scale Material Finish
1>1
-
Dimensions
mm
IP67 Ethernet/IP I/O
CLASSIC DIGITAL - 60MM HSG
F
Sheet 1
3 - PE 5 - 2L+
1
4 - 1L+
1 -2M
2
2 - 1M
4 - A Input or Output
3
3 - GND
TCDEI-8
8
A2
Filename Y:\CAD\ETHERNET ModBus IP67 IO\DRAWINGS\TCDEM-8.idw
4
5
6
7


▲Up To Search▲   

 
Price & Availability of 1120955004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X