Part Number Hot Search : 
LC890561 FDB8442 74LV2 AEL1203 STT3457P SP4424CN DA726 AA3528
Product Description
Full Text Search
 

To Download 1120115028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
1120115028 Active
Direct-LinkTM PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Comments Communication Speed MAC Address Mounting Style Product Name Protocol Type Network Interface 112011 CE Profibus DP-V0 (Master & Slave). . PROFIBUS DP-V1 (Master) Profibus: 9.6 kbps to 12 Mbps N/A N/A Direct-Link(R) Profibus* DP Profibus* Card
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 Profibus* D-Sub Female (9 pin) Individual Carton AMD SC520 0C to +65C
Search Parts in this Series 112011Series
Electrical
Current - Maximum Input EMC Supply Voltage 5.5W EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, IEC 61000-6-2 3.3V
Material Info
Old Part Number DRL-DPM-PCIE
Reference - Drawing Numbers
Sales Drawing SD-112011-0008
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
BradCommunicationsTM Direct-LinkTM Profibus-DP network interface cards allow deterministic I/O data acquisition for PC-based control applications.
27 Jan. 10 DW200591
Direct-LinkTM Profibus-DP
Features
* NEW! RoHS compliant * Connect PC-Based Control
applications directly to I/O devices
Data acquisition for real time Control applications
* Protocols supported:
Profibus-DP V0 Master/Slave Class-1 & 2 Profibus-DP V1 Master Class-1 & 2 (for PCI-Universal card only) Profibus-DP Slave passive
PCI-Universal PCI Express
PC/104
* Available in various card form
factor: PC/104, PCI-Universal and CompactPCI 3U
CompactPCI
Overview
BradCommunicationsTM Direct-LinkTM is a low range of automation components for industrial communication. It includes a variety of products such as diagnostic tools, intelligent connectors, tunneling gateways, fieldbuses network interface cards, and software drivers for industrial networks. Simple as they are affordable, BradCommunicationsTM Direct-LinkTM products allow you to acquire the equipment to develop your architectures and industrial applications at a lower cost. Direct-LinkTM products are characterized by their simple use and fast implementation; they are modular and scalable. Moreover, they are designed to be easily embedded into computerized systems and are available in a wide selection of form factors.
* 1 Serial or Ethernet port for
remote configuration and diagnostic
* Automatic devices detection on
the network
* Embedded Communication on
the card for powerful data throughput
*
Configuration stored in the device (Flash memory), with auto boot mode
Powerful Network Interface card
Particularly, the BradCommunicationsTM Direct-LinkTM Profibus-DP interface cards are equipped with 1 Profibus port handling Profibus protocol in Master and/or Slave modes up to 12 Mbps. A smart A.D.M (Automatic Dual port ram Mapping) mechanism avoids the I/O tags configuration in the Dual Port RAM of the card. More than a simple I/O acquisition card, the Direct-LinkTM interface cards provide the applications with additional information such as: device status and diagnostics, process data read/write monitoring, communication tools for troubleshooting, hardware and software Watchdog, etc.. The communication layers are completely embedded on the cards, allowing easy and fast communication with field devices resulting in remarkable application performance. Product package includes: Graphical console for configuration and diagnostic tools Data servers (Multi-protocol OPC DA 3.0 & 2.05, ActiveX, DAServer, FastDDE/SuiteLink) I/O libraries for Windows (DLL) and Ardence's hard real time extensions (RTX) Static library for non-windows OS Drivers for soft-logic packages
OS supported
Standard package
*
Windows 32-bit (XP SP1/ 2000 SP4 / NT SP6, 2003 Server), Ardence RTX
Free Download
*
Windows XP Embedded, QNX, VxWorks, Linux, Phar Lap ETS, DOS
Woodhead is a member of PTO (PROFIBUS Trade Organization), PNO (PROFIBUS Nutzerorganisation e. V.) and France Profibus.
Technical data
Direct-LinkTM PCU-DPIO Direct-LinkTM PCIE-DPIO
Key Benefits * Fast data exchange (on-board processor take off the load of the host CPU) * Speed up to 12 Mbps * Serial or Ethernet (only for PCU card) port for remote configuration to use with exotic OS * DP-V0 Master Class 1 & 2/Slave simultaneously * DP-V1 Master Class 1 & 2 Hardware Unit Processor Profibus ASIC Memory Flash Memory Interruption DPRAM Address Discrete Input Discrete Output Dimensions (LxW) Consumption Operating T Storage T EMC Compliance RoHS Compliance Communication port Port type Connector LED Indicator Electrical Interface Baud Rate Port Type Connector type LED indicators Electrical interface Speed
1 Profibus port (EN 50170) Profibus D-Sub, 9 pin, female 2 bicolor Leds: bus fault and communication status RS485 optical insulation (500 V) 9.6 kbps 12 Mbps 1 Profibus port (EN 50170) Profibus D-Sub, 9 pin, female 2 bicolor Leds: bus fault and communication status RS485 optical insulation (500 V) 9.6 kbps 12 Mbps PCI-Universal 3.3/5V, PCI-X compatible AMD SC520, 133 Mhz UART High Speed 16 Mbytes SDRAM 4 Mbytes Hardware Plug&Play Hardware Plug&Play (32 Kbytes) 1 x Opto-coupled discrete input, Voltage -> +10 to +30 V DC or 24 V AC (50-60 Hz) 1 x "WatchDog" output contact free from potential (floating) (24 V DC, 0.25 A) 168mm x 107mm (6.61" x 4.21") 5.5W (max. 1.2A) 0C (32F) up to +65C (149F) -40 C (-40F) up to +85C (185 F) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 YES PCI Express 1x AMD SC520, 133 Mhz UART High Speed 16 Mbytes SDRAM 4 Mbytes Hardware Plug&Play Hardware Plug&Play (32 Kbytes) 1 x Opto-coupled discrete input, Voltage -> +10 to +30 V DC or 24 V AC (50-60 Hz) 1 x "WatchDog" output contact free from potential (floating) (24 V DC, 0.25 A) 168mm x 107mm (6.61" x 4.21") 5.5W (max. 1.2A) 0C (32F) up to +65C (149F) -40 C (-40F) up to +85C (185 F) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 YES
Port for remote configuration and diagnostic
Ethernet port RJ45 4 Leds - TX/RX/Link/100 Mbps Ethernet 10/100 Mbps Ethernet port RJ45 4 Leds - TX/RX/Link/100 Mbps Ethernet 10/100 Mbps
Technical data
Direct-LinkTM PC104-DPIO Direct-LinkTM CPCI-DPIO
Key Benefits * Fast data exchange (on-board processor take off the load of the host CPU) * Speed up to 12 Mbps * Serial or Ethernet (only for PCU card) port for remote configuration to use with exotic OS * DP-V0 Master Class 1 & 2/ Slave simultaneously Hardware Unit Processor Profibus ASIC Memory Flash Memory Interruption DPRAM Address Discrete Input Discrete Output Dimensions (LxW) Consumption Operating T Storage T EMC Compliance RoHS Compliance Communication port Port type Connector LED Indicator Electrical Interface Baud Rate Port Type Connector type LED indicators Electrical interface Speed
1 Profibus port (EN 50170) In standard: HE13 (2 x 5 pins) or in option: 9-pin, SubD, female 2 bicolor Leds: bus fault and communication status RS485 optical insulation (500 V) 9.6 kbps 12 Mbps 1 Profibus port (EN 50170) Profibus D-Sub, 9 pin, female 2 bicolor Leds: bus fault and communication status RS485 optical insulation (500 V) 9.6 kbps 12 Mbps PC/104 bus AMD SC520, 100 Mhz ASPC2 8 Mbytes SDRAM 512 Kbytes 2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15 From C8000 to DE000 (8 Kbytes used per card) 1 x Opto-coupled discrete input, Voltage -> +10 to +30V DC or 24V AC (50-60 Hz) 1 x "WatchDog" output contact free from potential (floating) (24 V DC, 0.25 A) 95mm x 90mm (3.74" x 3.54") 5.5W (max. 1.2A) 0C (32F) up to +65C (149F) -40 C (-40F) up to +85C (185 F) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 NO CompactPCI bus, 5V AMD SC520, 133 Mhz ASPC2 8 Mbytes SDRAM 512 kbytes Hardware Plug&Play Hardware Plug&Play (16 Kbytes) 1 x Opto-coupled discrete input, Voltage -> +10 to +30V DC or 24V AC (50-60 Hz) 1 x "WatchDog" output contact free from potential (floating) (24 V DC, 0.25 A) 100mm x 160mm (3.93" x 6.29") - 3U 5,5W (max. 1.2A) 0 C (32 F) +65 C (149 F) -40 C (-40F) up to +85C (185 F) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 YES
Port for remote configuration and diagnostic
Asynchronous Serial port HE13 (2 x 5 pins) RS232 - 2 signals 9600, 38400, 115200 bps Asynchronous Serial port 9-pin, Sub-D, male 2 Leds - TX/RX RS232 - 2 signals 9600, 38400, 115200 bps
Direct-LinkTM Profibus-DP
Protocol Specifications
All BradCommunicationsTM Direct-LinkTM networks interface cards for Profibus-DP support following protocols: DP-V0 Master/Scanner Class-1 & -2 and Slave modes simultaneously DP-V0 Slave passive mode only DP-V1 Master Class-1 & -2 (for PCU card) DP Master features Access Modes DPV0 Master/Scanner Class-1 for optimized exchange of input/output data with the slaves (Data_Exchange). DP-V0 Master Class-2 for: Slave diagnostics Reading inputs/outputs of a slave Reading configuration data Changing the slave address. DP-V1 Master Class-1 & -2: Read Data Block Class 1 Write Data Block Class 1 Read Data Block Class 2 Write Data Block Class 2 Abort Data Block Comm Class 2 Multi-master mode Watchdog control Input/Output Data Yes (able to share the bus with other DP masters connected on the network) Yes, enables the master to switch into error if no data has been exchanged during this period (Bus Fault) Memory of I/O data image: o PC/104: up to 2Kbytes o PCI-Universal: up to 8Kbytes o PCI Express: up to 8Kbytes o CompactPCI: up to 4Kbytes Manage up to 244 data bytes per slave Automatic organization of I/O data in the DPRAM memory Max. DP Slave Data consistency Data format Local DP slave Connect up to 126 slaves Yes (i.e. user gets the data up to 122 bytes of a slave from one and the same DP cycle) Direct access to variable types (bit, byte, word, double word) Run simultaneously with Master modes. Offers data exchange with another master on the network. The size of the input and output data is user-definable, and all exchange combinations are possible (from 0 to 244 bytes). The slave can ensure data consistency up to 122 bytes. (see DP-Slave features below for details).
DP Slave passive features Access Mode Input memory size Output memory size Slave address GSD files Data Format Address Assignment Master (Set_Slave_Address) Extended Diagnostic DP-V0 Slave passive (no management of Profibus token) Configurable from 0 to 244 bytes Configurable from 0 to 244 bytes Configurable from 0 to 126 by software configuration Provided on the CD-Rom Configurable Intel or Motorola Not supported Not supported
Direct-LinkTM Profibus-DP
Software tools
The core of BradCommunicationsTM Direct-LinkTM PC Network Interface cards lies in effective software tools enabling fast integration of industrial communication into your applications. More precisely, Direct-LinkTM package includes configuration software called Console used to set up card, network and equipments connected to the fieldbus. The Console performs dynamic network diagnostic and allows defining access items to the input/output data used by the software interfaces (OPC server, ActiveX Control, DAServer, DDE/SuiteLink server). The console is common to all fieldbuses offer as EtherNet/IP, PROFINET IO, Modbus TCP, DeviceNet and CANopen. Other great features managed by the Console: - Powerful Graphical User Interface - Automatic detection of cards plugged into the host computer - User configuration manager: create, backup and restore many user configurations - Manual or Automatic device configuration - Profibus scanner (automatic configuration by detection of slaves connected) - GSD library. Add/Remove GSD file - Diagnostic monitor; scan devices connected on the bus, able to change DP slave address - Card Status indicator: allows you to quickly find the initialization status of each card
- Device Configuration -
- Profibus Network Monitoring -
- Troubleshooting & Testing tool -
Ordering Information
Part Number
DRL-DPM-PCU DRL-DPM-PCIE - Browsing of OPC Server DRL-DPM-CPI DRL-DPM-104 1120185004 1120130003
SAP
1120110008 1120115028
Product Description
BradCommunicationsTM Direct-LinkTM PCU-DPIO ProfibusDP Master/Slave 12 Mbps, PCI-Universal bus, 3.3/5V BradCommunicationsTM Direct-LinkTM PCU-DPIO ProfibusDP Master/Slave 12 Mbps, PCI Express 1x BradCommunicationsTM Direct-LinkTM CPCI-DPIO ProfibusDP Master/Slave 12 Mbps, CompactPCI bus 3U BradCommunicationsTM Direct-LinkTM PC104-DPIO Profibus-DP Master/Slave 12 Mbps, PC/104 bus
To contact us: www.woodhead.com North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Brad is a registered trademark and BradCommunications and applicom are trademarks of Molex Incorporated. (c) 2008 Molex


▲Up To Search▲   

 
Price & Availability of 1120115028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X