Part Number Hot Search : 
6404A MK325 SCH3114 F45H11G 74LVC1G KH39GM2 25U4035 2812D
Product Description
Full Text Search
 

To Download 0901210764 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0901210764 Active
2.54mm (.100") Pitch C-Grid IIITM Header, Single Row, Right Angle, 4 Circuits, 0.38m (15") Gold (Au) Selective Plating
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Product Name PCB Headers 90121 Wire-to-Board C-Grid IIITM
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 4 4 Black No No No None None Brass Gold Tin Polyester 1 Right Angle 0.114 In 2.90 mm No None Bag 0.100 In 2.54 mm 15 0.38 120 3 No No No No -55C to +125C Through Hole
Search Parts in this Series 90121Series
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 350V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 5 Wave Capable (TH only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
1 260
Material Info Reference - Drawing Numbers
Sales Drawing SDA-90121
This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0901210764

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X