Part Number Hot Search : 
48S05W FDD66 FAN5405 ANTX2 LL4151 GP2Y0A2 RB751G GP10N
Product Description
Full Text Search
 

To Download 0876313015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876313015 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM PS-P Header, Through Hole, Right Angle, Long Contacts, 28 Circuits, Power Alpha 4, Signal 20, Power Beta 4, Recessed Signal Pin B3, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87631-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV LR19980 R50078473 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name PCB Headers 87631 Board-to-Board
  • Long Contacts|
  • Recessed Signal Pin: B3 extreme_powerplus_ssi EXTreme PowerPlusTM
    Physical
    Breakaway Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 28 Power Alpha 4, Signal 20, Power Beta 4 Black 100 Yes 94V-0 No Yes Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm Yes Yes 0.062 In 1.60 mm Tray 0.100 In, 0.250 In 2.54 mm, 6.35 mm 30 0.76 100 2.54 Yes Yes
    Search Parts in this Series 87631Series Mates With 87633 Vertical Press-Fit Receptacle. 87622 Vertical Through Hole Receptacle. 87632 Right Angle Through Hole Receptacle
    Shrouded Stackable Temperature Range - Operating Termination Interface: Style
    Fully No -20C to +105C Through Hole
    Electrical
    Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 250V DC
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
    Material Info Reference - Drawing Numbers
    Application Specification Product Specification Sales Drawing AS-87631-018 PS-87631-006 SD-87631-013
    This document was generated on 05/25/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0876313015

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X