Part Number Hot Search : 
A393F MJ160 CIRCC 90N06 GN04017N 1R5MC OV7661 2N3887
Product Description
Full Text Search
 

To Download 0871301100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0871301100 Active
2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 11 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-87130-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA LR19980
General
Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 87130 One Piece No Board-In, Cable Holder
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Resin Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 11 11 Natural Vertical 94V-0 None Polyester 1 Yes Yes 0.062 In 1.60 mm Bag 0.098 In 2.50 mm 0.098 In 2.50 mm Yes No Fully No No -25C to +85C 1.60mm (.063") max. 24, 26 Discrete Wire, Ribbon Cable
Search Parts in this Series 87130Series Mates With N/A Use With Discrete Wire, Flat Cable, or Ribbon Cable
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87130-001 SD-87130-**00
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0871301100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X