Part Number Hot Search : 
74AVC SG6741SY SC16426 KBP201 HV5622 SST12 645TS MAX9888
Product Description
Full Text Search
 

To Download 0836149014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0836149014 Active
commercial_microd 1.27mm (.050") Pitch Commercial Micro-D, PCB Mount, Right Angle Plug, without Jackposts, 25 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Component Type Overview Product Literature Order No Product Name Type I/O Connectors 83614 Wire-to-Board 83041-0005 Jackposts can be purchased separately Plug commercial_microd USA-063 Commercial Micro-D N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Gender Lock to Mating Part Material - Plating Mating Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 25 25 500 Plug None Gold 2 Right Angle 0.110 In 2.79 mm Yes Yes 0.060 In 1.52 mm Tube Yes 0.050 In 1.27 mm 0.050 In 1.27 mm 15 0.38 Yes Yes 1 No -40C to +125C Through Hole No N/A
Search Parts in this Series 83614Series Mates With 83424 Cable Assembly
Electrical
Current - Maximum per Contact 1A
Shield Type Shielded Voltage - Maximum
Full Shield Yes 350V AC
Material Info Reference - Drawing Numbers
Sales Drawing SD-83611-002
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0836149014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X