Part Number Hot Search : 
1A470 UPA1726 1SMB150A RT0301 HU10270 C30724P BJ400A BF775A
Product Description
Full Text Search
 

To Download 0791077053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0791077053 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76m (30") Gold (Au) Selective Plating, 8 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-79107 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 79107 Board-to-Board Milli-GridTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 8 Black 50 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.118 In 3.00 mm No None 0.062 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 75 1.875 No No Yes -55C to +105C Through Hole
Search Parts in this Series 79107Series Mates With 87758 Vertical, Through Hole, Stackable PCB Header, 87759 Vertical, Surface Mount, Stackable PCB Header, 87760 Right Angle, Through Hole, Stackable PCB Header, 87831 Vertical, Through Hole PCB Header, 87832 Vertical, Surface Mount PCB
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 10 Wave Capable (TH only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-79107 SDA-79107-****
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0791077053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X