Part Number Hot Search : 
2ASA0 SP485RE 111AX SMDC035F UPC1210C HCPL0611 PD411 KYP76
Product Description
Full Text Search
 

To Download 0780743100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0780743100 Active
extreme_powerplus_ssi 7.62mm (.300"), 6.35mm (.250"), 5.08mm (.200") Pitch Power 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM Pa-S Receptacle, Through Hole, Vertical, with Beveled Metal Pins, Power Alpha 9, Signal 24, 33 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
Agency Certification
UL
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 78074 Board-to-Board Recessed Power Circuit - All except A7 extreme_powerplus_ssi EXTreme PowerPlusTM
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 33 33 Power Alpha 9, Signal 24 Black 100 94V-0 No Phosphor Bronze Gold Tin High Temperature Thermoplastic 4 Vertical 0.135 In 3.43 mm Yes Yes 0.093 In 2.36 mm Tray 0.100 In, 0.200 In, 0.250 In, 0.300 In 2.54 mm, 5.08 mm, 6.35 mm, 7.62 mm 0.100 In, 0.150 In, 0.200 In 2.54 mm, 3.81 mm, 5.08 mm 30.4 0.76 101.6 2.54 Yes Yes No Yes -20C to +105C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 78074Series
Termination Interface: Style
Through Hole, Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A, 50A 250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Sales Drawing AS-87631-018 SD-78074-001
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0780743100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X