Part Number Hot Search : 
TLP202A MM1564H FQU5N60 56F80 S5BBT CS5010RQ AD5235 57D5004
Product Description
Full Text Search
 

To Download 0749525003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0749525003 Active
vhdm__hsd 2.00mm (.079") Pitch 5-Row VHDM-HSDTM Backplane Header, Polarizing Pin Module, Code Key C, 40 Circuits
Documents: Drawing (PDF) Product Specification PS-74031-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74952 Backplane Tooling Manual Position C, PCB Thickness 1.80mm (.070") to 4.00mm (.157") PCB Header vhdm__hsd VHDM-HSDTM N/A
image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Number of Columns Number of Pairs Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating N/A 200 No Yes Yes Stainless Steel 6 Open Pin Field 0 Vertical No None 0.071 In 1.80 mm Bag 0.000 In 0.00 mm Yes Yes N/A
Search Parts in this Series 74952Series
Electrical
Current - Maximum per Contact Data Rate Shield Type Shielded Voltage - Maximum N/A 5.0 Gbps N/A No N/A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-74031-999 SD-74952-002
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0749525003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X