Part Number Hot Search : 
F1003 V585M 072BC 072BC 89C51 D211RPI 74VHC14 AN668
Product Description
Full Text Search
 

To Download 0673298020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0673298020 Active
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right Angle, Solder Tail Length 2.00mm (.079"), 3.65mm (.144") Beveled Metal Pins, PCB Thickness 1.60mm (.062"), Gold (Au) Flash, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-89485 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 67329 Wire-to-Board Standard Mount Type|Beveled Metal Pin Length: 3.65mm (.144") Receptacle USB A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Flammability Gender Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Termination Interface: Style Waterproof / Dustproof N/A 4 4 94V-0 Receptacle Yes Gold Tin 4 Upright 0.079 In 2.00 mm Yes Yes 0.063 In 1.60 mm Tray No 0.000 In 0.00 mm 0.055 In 1.40 mm 4 0.1 100 2.5 Yes Yes 1 Yes Through Hole No
Search Parts in this Series 67329Series Mates With USB Type A Plug
Electrical
Current - Maximum per Contact Shield Type Shielded 1A Full Shield Yes
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-89485 SD-67329-802
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0673298020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X