Part Number Hot Search : 
N5401 PIC16F 150CA 1N4323 R48S018 N5401 LC21050B N5401
Product Description
Full Text Search
 

To Download 0537280619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0537280619 Active
6.50mm (.256") Header, Vertical, with Peg, Lead-free, 6 Circuits
Product Specification PS-51142-003 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 53728 Wire-to-Board N/A
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 6 6 30 No 94V-0 No No None Yes Phosphor Bronze Tin Tin 2 Vertical 0.150 In 3.80 mm Yes None 0.062 In 1.60 mm Bag 0.256 In 6.50 mm 40 1 40 1 Yes Fully No -40C to +105C Through Hole
Search Parts in this Series 53728Series Mates With 51142 Wire-to-Board Receptacle Housing
Electrical
Current - Maximum per Contact 9A
Voltage - Maximum
600V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51142-003, RPS-51142-007, RPS-51142-008 SD-53728-008
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0537280619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X