Part Number Hot Search : 
0603C 1224DH30 1N5736B AS1720 70PDL1 AN802 TDA21201 33074A
Product Description
Full Text Search
 

To Download 0535170210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0535170210 Active
2.50mm (.098") Pitch Mini-LockTM Wire-to-Board PCB Header, Vertical, 2 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51103-006 (PDF)
Product Specification PS-51103-024 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 53517 Wire-to-Board Mini-LockTM
Physical
Breakaway Circuits (Loaded) Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 2 No Yes Yes Phosphor Bronze Tin Nylon 1 Vertical 0.138 In 3.50 mm Yes Yes 0.062 In 1.60 mm Tray 0.098 In 2.50 mm Yes Yes Fully No -40C to +105C Through Hole
Search Parts in this Series 53517Series Mates With 51103 Crimp Housing. 50351 Crimp Terminal
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info Reference - Drawing Numbers
Product Specification PS-51103-006, PS-51103-024, RPS-51103-001, RPS-51103-003, RPS-51103-020, RPS-51103-035, RPS-51103-043, RPS-51103-049, RPS-51103-057, RPS-51163-003 SD-53517-001
Sales Drawing
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0535170210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X