|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0520454045 Active 1.25mm (.049") Vertical, Non-ZIF Receptacle, 40 Circuits Agency Certification UL E29179 General Product Family Series Overview Product Name FFC/FPC Connectors 52045 ffc_fpc_throughhole N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Color - Resin Contact Position Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 40 Gray N/A Vertical 0.315 In 8.00 mm Phosphor Bronze Tin Tin Polyester 1 Vertical 0.138 In 3.50 mm None Tray 0.049 In 1.25 mm 32.00, 36 0.800, 0.90 BARB 0.80, 0.90 Yes No No -40C to +85C Through Hole - Kinked Pin FFC/FPC Search Parts in this Series 52045Series Electrical Current - Maximum per Contact Voltage - Maximum 0.5A, 1A 200V Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing SPK-52045 RPS-52045-003, RPS-52045-006 SD-52045-**45 This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0520454045 |