Part Number Hot Search : 
TC124E ACT244 NSPB300B 222E3 N03LA LT3791 BT070 W91520AN
Product Description
Full Text Search
 

To Download 0512980473 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0512980473 Active
CRCTM Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, Female Terminal, Power, 4 Circuits, Polarization Type C, Lead-free
Documents: Drawing (PDF) Product Specification PS-51300-005 (PDF)
RoHS Certificate of Compliance (PDF) Series I/O Connectors 51298 Wire-to-Wire Kit CRCTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A N/A 4 100 Receptacle Yes Yes n/a 2 Vertical No Bag No 0.189 In 4.80 mm 0.228 In 5.80 mm Yes N/A 1 No -40C to +105C N/A No
Search Parts in this Series 51298Series Mates With 56193 Crimp Pin . 55887-0473 Plug Assembly Set Use With 56194 Crimp Socket
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 15A Upper Shielding Yes 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51300-005 SD-51298-003
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0512980473

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X