|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0494481611 Active 1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount Documents: 3D Model Drawing (PDF) Product Specification PS-49448-001 (PDF) RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 49448 Push-Pull, Push-Push microSD Card 8 Circuits, SIM Card 8 Circuits, Switch Circuits 2 Card Holder (Host) Combo, microSD Card, SIM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Button Type Comments Component Type Product Name Type Physical Card Detection Switch Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Ports Temperature Range - Operating Open 18 18 10,000 No Ejector Button Present Horizontal Yes Copper, Phosphor Bronze, Stainless Steel Gold Gold 0.039 In, 0.043 In 1.00 mm, 1.10 mm No Normal None Embossed Tape on Reel 0.043 In, 0.050 In 1.10 mm, 1.27 mm 2 -25C to +85C Search Parts in this Series 49448Series Mates With microSD Card, SIM Card Electrical Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 5V Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-49448-001 PS-49448-001, RPS-49448-001 SD-49448-001 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0494481611 |