Part Number Hot Search : 
T01KO 600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1
Product Description
Full Text Search
 

To Download 0494481411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0494481411 Active
1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 6-Pin SIM, Normal Mount
Documents: Drawing (PDF) Product Specification PS-49448-002 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 49448 Push-Pull, Push-Push microSD Card 8 Circuits, SIM Card 6 Circuits, Switch 2 Circuits Card Holder (Host) Combo, microSD Card, SIM N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Ports Temperature Range - Operating Open 16 10,000 No Ejector Button Present Horizontal Yes Copper, Phosphor Bronze, Stainless Steel Gold Gold 0.039 In, 0.043 In 1.00 mm, 1.10 mm No Normal None Embossed Tape on Reel 0.043 In, 0.050 In 1.10 mm, 1.27 mm 2 -25C to +85C
Search Parts in this Series 49448Series Mates With microSD Card, SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 5V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-49448-001 PS-49448-002, RPS-49448-002 SD-49448-004
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0494481411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X