|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0490210617 Active 2.54mm (.100") Pitch, SIM Card Connector, Dome Type, SMT PCB Top Mounting for GSM Phone, 6 Circuits Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-49021-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 49021 N/A Header/Socket (Host) SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Button Type Component Type Product Name Type Physical Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style N/A 6 6 Black 10,000 No Ejector Button Present Vertical (Top Entry) None Gold Gold High Temperature Thermoplastic No Normal None Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.6 1.2 0.03 1 N/A -40C to +85C Surface Mount Search Parts in this Series 49021Series Mates With Industry Standard SIM Card Use With SIM Card Electrical Current - Maximum per Contact Shielded Voltage - Maximum 0.25A No 5V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification Product Specification PK-49021-001 PS-49021-001, RPS-49021-001 Test Summary TS-49021 This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0490210617 |