Part Number Hot Search : 
AN5755 PC725 PC725 FN1A4P FN1A4P AN5755 HM3669 BCT25244
Product Description
Full Text Search
 

To Download 0395372006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395372006 Active
5.08mm (.200") Pitch EurostyleTM Vertical Plug, with Retention Screws, Rear Wire Entry, 6 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39537 Wire-to-Board Rear Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 6 Horizontal Yes 1 Vertical 0.200 In 5.08 mm No 0.200 In 5.08 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31
Search Parts in this Series 39537Series Mates With Most 5.08mm (.200") Pitch Industry Standard PCB Headers, 39535 Vertical PCB Header with Threaded Retention Inserts, 39536 Horizontal PCB Header with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 10A 300V
Material Info Reference - Drawing Numbers
Sales Drawing SD-39537-002
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Printing Options Description 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends 5.08mm, Euro Plug, Vertical FWE, Mounting Ends Circuit size None 10AV 11AV None 30 u" Gold Printing Options 10AV 11AV None 100% Tin Printing Options 10AV 11AV None Green 30 u" Gold Printing Options 10AV 11AV mm 20.3 25.4 30.5 35.6 40.6 45.7 50.8 55.9 61.0 66.0 71.1 76.2 81.3 86.4 91.4 96.5 101.6 106.7 111.8 116.8 121.9 127.0 132.1 Dim. A inch 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40 4.60 4.80 5.00 5.20 mm 5.1 10.2 15.2 20.3 25.4 30.5 35.6 40.6 45.7 50.8 55.9 61.0 66.0 71.1 76.2 81.3 86.4 91.4 96.5 101.6 106.7 111.8 116.8 Dimensional Information Dim B inch 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40 4.60 mm 15.2 20.3 25.4 30.5 35.6 40.6 45.7 50.8 55.9 61.0 66.0 71.1 76.2 81.3 86.4 91.4 96.5 101.6 106.7 111.8 116.8 121.9 127.0 Dim C inch 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40 4.60 4.80 5.00
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
395372002 395372302 395372402 395372502 395372802 395372902 395377002 395377302 395377402 395377502 395377802 395377902 395372003 395372303 395372403 395372503 395372803 395372903 395377003 395377303 395377403 395377503 395377803 395377903 395372004 395372304 395372404 395372504 395372804 395372904 395377004 395377304 395377404 395377504 395377804 395377904 395372005 395372305 395372405 395372505 395372805 395372905 395377005 395377305 395377405 395377505 395377805 395377905 395372006 395372306 395372406 395372506 395372806 395372906 395377006 395377306 395377406 395377506 395377806 395377906 395372007 395372307 395372407 395372507 395372807 395372907 395377007 395377307 395377407 395377507 395377807 395377907 395372008 395372308 395372408 395372508 395372808 395372908 395377008 395377308 395377408 395377508 395377808 395377908 395372009 395372309 395372409 395372509 395372809 395372909 395377009 395377309 395377409 395377509 395377809 395377909 395372010 395372310 395372410 395372510 395372810 395372910 395377010 395377310 395377410 395377510 395377810 395377910 395372011 395372311 395372411 395372511 395372811 395372911 395377011 395377311 395377411 395377511 395377811 395377911 395372012 395372312 395372412 395372512 395372812 395372912 395377012 395377312 395377412 395377512 395377812 395377912 395372013 395372313 395372413 395372513 395372813 395372913 395377013 395377313 395377413 395377513 395377813 395377913 395372014 395372314 395372414 395372514 395372814 395372914 395377014 395377314 395377414 395377514 395377814 395377914 395372015 395372315 395372415 395372515 395372815 395372915 395377015 395377315 395377415 395377515 395377815 395377915 395372016 395372316 395372416 395372516 395372816 395372916 395377016 395377316 395377416 395377516 395377816 395377916 395372017 395372317 395372417 395372517 395372817 395372917 395377017 395377317 395377417 395377517 395377817 395377917 395372018 395372318 395372418 395372518 395372818 395372918 395377018 395377318 395377418 395377518 395377818 395377918 395372019 395372319 395372419 395372519 395372819 395372919 395377019 395377319 395377419 395377519 395377819 395377919 395372020 395372320 395372420 395372520 395372820 395372920 395377020 395377320 395377420 395377520 395377820 395377920 395372021 395372321 395372421 395372521 395372821 395372921 395377021 395377321 395377421 395377521 395377821 395377921 395372022 395372322 395372422 395372522 395372822 395372922 395377022 395377322 395377422 395377522 395377822 395377922 395372023 395372323 395372423 395372523 395372823 395372923 395377023 395377323 395377423 395377523 395377823 395377923 395372024 395372324 395372424 395372524 395372824 395372924 395377024 395377324 395377424 395377524 395377824 395377924


▲Up To Search▲   

 
Price & Availability of 0395372006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X