Part Number Hot Search : 
USD750C 90110 CSD2490 BAT54AW BAS16S CJ26A SLA5007 DA05CP
Product Description
Full Text Search
 

To Download 0395250002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395250002 Active
5.00mm (.197") Pitch EurostyleTM Vertical PCB Header, with Threaded Retention Inserts, 2 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series Terminal Blocks 39525 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 2 N/A Yes 1 Vertical 0.154 In 3.90 mm 0.125 In 3.20 mm No 0.197 In 5.00 mm Yes Closed Ends No N/A -40C to +105C N/A
Search Parts in this Series 39525Series Mates With Most 5.00mm (.197") Pitch Industry Standard Plugs, 39524 Horizontal Plug with Retention Screws, 39527 Vertical Plug with Retention Screws
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39525-002
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395250002 395250003 395250004 395250005 395250006 395250007 395250008 395250009 395250010 395250011 395250012 395250013 395250014 395250015 395250016 395250017 395250018 395250019 395250020 395250021 395250022 395250023 395250024 10AV 395250302 395250303 395250304 395250305 395250306 395250307 395250308 395250309 395250310 395250311 395250312 395250313 395250314 395250315 395250316 395250317 395250318 395250319 395250320 395250321 395250322 395250323 395250324 11AV 395250402 395250403 395250404 395250405 395250406 395250407 395250408 395250409 395250410 395250411 395250412 395250413 395250414 395250415 395250416 395250417 395250418 395250419 395250420 395250421 395250422 395250423 395250424 None 395250502 395250503 395250504 395250505 395250506 395250507 395250508 395250509 395250510 395250511 395250512 395250513 395250514 395250515 395250516 395250517 395250518 395250519 395250520 395250521 395250522 395250523 395250524 30 u" Gold Printing Options 10AV 395250802 395250803 395250804 395250805 395250806 395250807 395250808 395250809 395250810 395250811 395250812 395250813 395250814 395250815 395250816 395250817 395250818 395250819 395250820 395250821 395250822 395250823 395250824 11AV 395250902 395250903 395250904 395250905 395250906 395250907 395250908 395250909 395250910 395250911 395250912 395250913 395250914 395250915 395250916 395250917 395250918 395250919 395250920 395250921 395250922 395250923 395250924 None 395255002 395255003 395255004 395255005 395255006 395255007 395255008 395255009 395255010 395255011 395255012 395255013 395255014 395255015 395255016 395255017 395255018 395255019 395255020 395255021 395255022 395255023 395255024 100% Tin Printing Options 10AV 395255302 395255303 395255304 395255305 395255306 395255307 395255308 395255309 395255310 395255311 395255312 395255313 395255314 395255315 395255316 395255317 395255318 395255319 395255320 395255321 395255322 395255323 395255324 11AV 395255402 395255403 395255404 395255405 395255406 395255407 395255408 395255409 395255410 395255411 395255412 395255413 395255414 395255415 395255416 395255417 395255418 395255419 395255420 395255421 395255422 395255423 395255424 None 395255502 395255503 395255504 395255505 395255506 395255507 395255508 395255509 395255510 395255511 395255512 395255513 395255514 395255515 395255516 395255517 395255518 395255519 395255520 395255521 395255522 395255523 395255524 Green 30 u" Gold Printing Options 10AV 395255802 395255803 395255804 395255805 395255806 395255807 395255808 395255809 395255810 395255811 395255812 395255813 395255814 395255815 395255816 395255817 395255818 395255819 395255820 395255821 395255822 395255823 395255824 11AV 395255902 395255903 395255904 395255905 395255906 395255907 395255908 395255909 395255910 395255911 395255912 395255913 395255914 395255915 395255916 395255917 395255918 395255919 395255920 395255921 395255922 395255923 395255924 Dim. A mm 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 120.00 125.00 130.00 inch 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 4.724 4.921 5.118 Dim B mm 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 inch 0.197 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 Dim. C mm 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 120.00 125.00 inch 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 4.724 4.921 Dimensional Information
Description 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends 5.0mm, Euro Header, Vertical, Mounting Ends


▲Up To Search▲   

 
Price & Availability of 0395250002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X